Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

HMF1M32M2VB-120 Datasheet(PDF) 1 Page - Hanbit Electronics Co.,Ltd

Part # HMF1M32M2VB-120
Description  Flash-ROM Module 4MByte (1Mx32Bit), 80Pin-SMM, 3.3V Design
Download  12 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  HANBIT [Hanbit Electronics Co.,Ltd]
Direct Link  http://www.hbe.co.kr
Logo HANBIT - Hanbit Electronics Co.,Ltd

HMF1M32M2VB-120 Datasheet(HTML) 1 Page - Hanbit Electronics Co.,Ltd

  HMF1M32M2VB-120 Datasheet HTML 1Page - Hanbit Electronics Co.,Ltd HMF1M32M2VB-120 Datasheet HTML 2Page - Hanbit Electronics Co.,Ltd HMF1M32M2VB-120 Datasheet HTML 3Page - Hanbit Electronics Co.,Ltd HMF1M32M2VB-120 Datasheet HTML 4Page - Hanbit Electronics Co.,Ltd HMF1M32M2VB-120 Datasheet HTML 5Page - Hanbit Electronics Co.,Ltd HMF1M32M2VB-120 Datasheet HTML 6Page - Hanbit Electronics Co.,Ltd HMF1M32M2VB-120 Datasheet HTML 7Page - Hanbit Electronics Co.,Ltd HMF1M32M2VB-120 Datasheet HTML 8Page - Hanbit Electronics Co.,Ltd HMF1M32M2VB-120 Datasheet HTML 9Page - Hanbit Electronics Co.,Ltd Next Button
Zoom Inzoom in Zoom Outzoom out
 1 / 12 page
background image
HANBit
HMF1M32F2VB
URL: www.hbe.co.kr
1
HANBit Electronics Co., Ltd.
REV.02 (August,2002)
GENERAL DESCRIPTION
The HMF1M32F2VB is a high-speed flash read only memory (FROM) module containing 1,048,576 words organized in a
x32bit configuration. The module consists of two 1M x 16 FROM mounted on a 80-pin stackable type, single -sided, FR4-
printed circuit board.
Commands are written to the command register using standard microprocessor write timings.
Register contents serve as input to an internal state -machine, which controls the erase and programming circuitry. Write
cycles also internally latch addresses and data needed for the programming and erase operations. Reading data out of the
device is similar to reading from 12.0V flash or EPROM devices.
Output enable (/OE) and write enable (/WE) can set the memory input and output. The host system can detect a program or
erase operation is complete by observing the Ready Pin, or reading the DQ7(Data # Polling) and DQ6(Toggle) status bits.
When FROM module is disable condition the module is becoming power standby mode, system designer can get low-power
design. All module components may be powered from a single + 3.0V DC power supply and all inputs and outputs are LVTTL-
compatible.
FEATURES
PIN ASSIGNMENT
Flash-ROM Module 4MByte (1Mx32Bit), 80Pin-SMM, 3.3V Design
Part No. HMF1M32F2VB
P1
P2
PIN
Symbol
PIN
Symbol
PIN
Symbol
PIN
Symbol
1
Vcc
21
Vcc
1
Vcc
21
Vcc
2
NC
22
DQ15
2
DQ16
22
NC
3
NC
23
DQ7
3
DQ24
23
NC
4
NC
24
DQ14
4
DQ17
24
/BYTE
5
NC
25
DQ6
5
DQ25
25
/OE
6
/RY_BY
26
DQ13
6
DQ18
26
/CE
7
Vss
27
Vss
7
Vss
27
Vss
8
/RESET
28
DQ5
8
DQ26
28
A16
9
/WE
29
DQ12
9
DQ19
29
A0
10
A19
30
DQ4
10
DQ27
30
A18
11
A8
31
DQ11
11
DQ20
31
A17
12
A9
32
DQ3
12
DQ28
32
A7
13
A10
33
DQ10
13
DQ21
33
A6
14
Vss
34
Vss
14
Vss
34
Vss
15
A11
35
DQ2
15
DQ29
35
A5
16
A12
36
DQ9
16
DQ22
36
A4
17
A13
37
DQ1
17
DQ30
37
A3
18
A14
38
DQ8
18
DQ23
38
A2
19
A15
39
DQ0
19
DQ31
39
A1
20
Vcc
40
Vcc
20
Vcc
40
Vcc
w Part Identification
- HMF1M32F2VB : Socket 5mm
w Access time: 70, 80, 90, 120ns
w High-density 4MByte design
w High-reliability, low-power design
w Single + 3.0V
± 0.5V power supply
w All in/outputs are LVTTL-compatible
w FR4-PCB design
w 80-pin Designed by
40-pin Fine Pitch Connector
w Minimum 1,000,000 write/erase cycle
w Sector erases architecture
OPTIONS
MARKING
w Timing
70ns access
-70
80ns access
-80
90ns access
-90
120ns access
-120
w Packages
80-pin SMM
F


Similar Part No. - HMF1M32M2VB-120

ManufacturerPart #DatasheetDescription
logo
Hanbit Electronics Co.,...
HMF1M32M4GL HANBIT-HMF1M32M4GL Datasheet
416Kb / 11P
   FLASH-ROM MODULE 4MByte (1M x 32-Bit),72pin-SIMM, 5V
HMF1M32M4GL-120 HANBIT-HMF1M32M4GL-120 Datasheet
416Kb / 11P
   FLASH-ROM MODULE 4MByte (1M x 32-Bit),72pin-SIMM, 5V
HMF1M32M4GL-75 HANBIT-HMF1M32M4GL-75 Datasheet
416Kb / 11P
   FLASH-ROM MODULE 4MByte (1M x 32-Bit),72pin-SIMM, 5V
HMF1M32M4GL-90 HANBIT-HMF1M32M4GL-90 Datasheet
416Kb / 11P
   FLASH-ROM MODULE 4MByte (1M x 32-Bit),72pin-SIMM, 5V
HMF1M32M4V HANBIT-HMF1M32M4V Datasheet
422Kb / 11P
   Flash-ROM Module 4MByte (1Mx32Bit), 72Pin-SIMM, 3.3V Design
More results

Similar Description - HMF1M32M2VB-120

ManufacturerPart #DatasheetDescription
logo
Hanbit Electronics Co.,...
HMF1M32F2VA HANBIT-HMF1M32F2VA Datasheet
426Kb / 12P
   Flash-ROM Module 4MByte (1Mx32Bit), 80Pin-SMM, 3.3V Design
HMF1M32F2VSA HANBIT-HMF1M32F2VSA Datasheet
283Kb / 11P
   Flash-ROM Module 4MByte (1Mx32Bit), 80Pin-SMM, 3.3V Design
HMF1M32F2VC HANBIT-HMF1M32F2VC Datasheet
83Kb / 8P
   Flash-ROM Module 4MByte (1Mx32Bit), 80Pin-MMC, 3.3V Design
HMF2M32F4VSB HANBIT-HMF2M32F4VSB Datasheet
287Kb / 12P
   Flash-ROM Module 8MByte (2Mx32Bit), 80Pin-SMM, 3.3V Design
HMF1M32M4V HANBIT-HMF1M32M4V Datasheet
422Kb / 11P
   Flash-ROM Module 4MByte (1Mx32Bit), 72Pin-SIMM, 3.3V Design
HMF2M32F4V HANBIT-HMF2M32F4V Datasheet
177Kb / 12P
   Flash-ROM Module 8MByte (2Mx32Bit), 80Pin-SMM, 3.3V Design
HMF2M32F4VA HANBIT-HMF2M32F4VA Datasheet
294Kb / 12P
   Flash-ROM Module 8MByte (2Mx32Bit), 80Pin-SMM, 3.3V Design
HMF1M32F8 HANBIT-HMF1M32F8 Datasheet
423Kb / 11P
   Flash-ROM Module 4MByte (1Mx32Bit), 100Pin-MMC, 5.5V Design
HMF2M32F4VSA HANBIT-HMF2M32F4VSA Datasheet
556Kb / 12P
   Flash-ROM Module 8MByte (2Mx32Bit), 80Pin-MMC, 3.3V Design
HMF8M8F4VS HANBIT-HMF8M8F4VS Datasheet
157Kb / 11P
   FLASH-ROM MODULE 8MByte (8M x 8-Bit) , SMM 80Pin
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com