Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

AT32UC3A364S-ALUR Datasheet(PDF) 3 Page - ATMEL Corporation

Part # AT32UC3A364S-ALUR
Description  AVR32 32-Bit Microcontroller
Download  961 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  ATMEL [ATMEL Corporation]
Direct Link  http://www.atmel.com
Logo ATMEL - ATMEL Corporation

AT32UC3A364S-ALUR Datasheet(HTML) 3 Page - ATMEL Corporation

  AT32UC3A364S-ALUR Datasheet HTML 1Page - ATMEL Corporation AT32UC3A364S-ALUR Datasheet HTML 2Page - ATMEL Corporation AT32UC3A364S-ALUR Datasheet HTML 3Page - ATMEL Corporation AT32UC3A364S-ALUR Datasheet HTML 4Page - ATMEL Corporation AT32UC3A364S-ALUR Datasheet HTML 5Page - ATMEL Corporation AT32UC3A364S-ALUR Datasheet HTML 6Page - ATMEL Corporation AT32UC3A364S-ALUR Datasheet HTML 7Page - ATMEL Corporation AT32UC3A364S-ALUR Datasheet HTML 8Page - ATMEL Corporation AT32UC3A364S-ALUR Datasheet HTML 9Page - ATMEL Corporation Next Button
Zoom Inzoom in Zoom Outzoom out
 3 / 961 page
background image
3
32072A–AVR32–03/09
AT32UC3A3
1.
Description
The AT32UC3A3 is a complete System-On-Chip microcontroller based on the AVR32 UC RISC
processor running at frequencies up to 66MHz. AVR32 UC is a high-performance 32-bit RISC
microprocessor core, designed for cost-sensitive embedded applications, with particular empha-
sis on low power consumption, high code density and high performance.
The processor implements a Memory Protection Unit (MPU) and a fast and flexible interrupt con-
troller for supporting modern operating systems and real-time operating systems. Higher
computation capabilities are achievable using a rich set of DSP instructions.
The AT32UC3A3 incorporates on-chip Flash and SRAM memories for secure and fast access.
The Peripheral Direct Memory Access Controller (PDCA) enables data transfers between
peripherals and memories without processor involvement. The PDCA drastically reduces pro-
cessing overhead when transferring continuous and large data streams.
The Direct Memory Access controller (DMACA) allows high bandwidth data flows between high
speed peripherals (USB, External Memories, MMC, SDIO, ...) and through high speed internal
features (AES, internal memories).
The Power Manager improves design flexibility and security: the on-chip Brown-Out Detector
monitors the power supply, the CPU runs from the on-chip RC oscillator or from one of external
oscillator sources, a Real-Time Clock and its associated timer keeps track of the time.
The Device includes two sets of three identical 16-bit Timer/Counter (TC) channels. Each chan-
nel can be independently programmed to perform frequency measurement, event counting,
interval measurement, pulse generation, delay timing and pulse width modulation. 16-bit chan-
nels are combined to operate as 32-bit channels.
The AT32UC3A3 also features many communication interfaces for communication intensive
applications like UART, SPI or TWI. Additionally, a flexible Synchronous Serial Controller (SSC)
and an USB are available.
The SSC provides easy access to serial communication protocols and audio standards like I2S.
The High-Speed (480 MBit/s) USB 2.0 Device interface supports several USB Classes at the
same time thanks to the rich Endpoint configuration. The On-The-Go (OTG) Host interface
allows device like a USB Flash disk or a USB printer to be directly connected to the processor.
AT32UC3A3 integrates a class 2+ Nexus 2.0 On-Chip Debug (OCD) System, with non-intrusive
real-time trace, full-speed read/write memory access in addition to basic runtime control.


Similar Part No. - AT32UC3A364S-ALUR

ManufacturerPart #DatasheetDescription
logo
ATMEL Corporation
AT32UC3A364S-ALUR ATMEL-AT32UC3A364S-ALUR Datasheet
1Mb / 90P
   32-bit AVR짰Microcontroller
AT32UC3A364S-ALUR ATMEL-AT32UC3A364S-ALUR Datasheet
15Mb / 1014P
   32-bit AVR짰Microcontroller
More results

Similar Description - AT32UC3A364S-ALUR

ManufacturerPart #DatasheetDescription
logo
ATMEL Corporation
AT32AP7000 ATMEL-AT32AP7000_09 Datasheet
707Kb / 63P
   AVR32 32-bit Microcontroller
AT32AP7002 ATMEL-AT32AP7002_1 Datasheet
13Mb / 896P
   AVR32 32-bit Microcontroller
AT32UC3A0512 ATMEL-AT32UC3A0512_08 Datasheet
1Mb / 86P
   AVR32 32-Bit Microcontroller
AT32AP7001 ATMEL-AT32AP7001_09 Datasheet
814Kb / 49P
   AVR32 32-bit Microcontroller
AT32UC3A3256S ATMEL-AT32UC3A3256S_09 Datasheet
1Mb / 75P
   AVR32 32-Bit Microcontroller
AT32UC3L064 ATMEL-AT32UC3L064 Datasheet
1Mb / 71P
   AVR32 32-bit Microcontroller
AT32AP7001 ATMEL-AT32AP7001_08 Datasheet
754Kb / 49P
   AVR32 32-bit Microcontroller
AT32UC3B0256 ATMEL-AT32UC3B0256_08 Datasheet
1Mb / 65P
   AVR32 32-Bit Microcontroller
AT32UC3A0512 ATMEL-AT32UC3A0512 Datasheet
655Kb / 52P
   AVR32 32-Bit Microcontroller
AT32AP7000 ATMEL-AT32AP7000_1 Datasheet
9Mb / 973P
   AVR32 32-bit Microcontroller
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com