Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

AT32UC3A364S-ALUT Datasheet(PDF) 8 Page - ATMEL Corporation

Part # AT32UC3A364S-ALUT
Description  AVR32 32-Bit Microcontroller
Download  961 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  ATMEL [ATMEL Corporation]
Direct Link  http://www.atmel.com
Logo ATMEL - ATMEL Corporation

AT32UC3A364S-ALUT Datasheet(HTML) 8 Page - ATMEL Corporation

Back Button AT32UC3A364S-ALUT Datasheet HTML 4Page - ATMEL Corporation AT32UC3A364S-ALUT Datasheet HTML 5Page - ATMEL Corporation AT32UC3A364S-ALUT Datasheet HTML 6Page - ATMEL Corporation AT32UC3A364S-ALUT Datasheet HTML 7Page - ATMEL Corporation AT32UC3A364S-ALUT Datasheet HTML 8Page - ATMEL Corporation AT32UC3A364S-ALUT Datasheet HTML 9Page - ATMEL Corporation AT32UC3A364S-ALUT Datasheet HTML 10Page - ATMEL Corporation AT32UC3A364S-ALUT Datasheet HTML 11Page - ATMEL Corporation AT32UC3A364S-ALUT Datasheet HTML 12Page - ATMEL Corporation Next Button
Zoom Inzoom in Zoom Outzoom out
 8 / 961 page
background image
8
32072A–AVR32–03/09
AT32UC3A3
4.2
Peripheral Multiplexing on I/O lines
Each GPIO line can be assigned to one of 4 peripheral functions; A, B, C, or D. The following
table define how the I/O lines on the peripherals A, B, C, or D are multiplexed by the GPIO.
27
PB01
63
PX03
99
PC01
135
PB07
28
PA28
64
VDDIO
100
PA14
136
PA11
29
PA31
65
GNDIO
101
PA15
137
PA08
30
PB00
66
PX44
102
GNDIO
138
PA10
31
PB11
67
PX11
103
VDDIO
139
PA09
32
PX16
68
PX14
104
TMS
140
GNDCORE
33
PX13
69
PX42
105
TDO
141
VDDCORE
34
PX12
70
PX45
106
RESET_N
142
VDDIN
35
PX19
71
PX41
107
TCK
143
ONREG
36
PX40
72
PX22
108
TDI
144
GNDPLL
Table 4-2.
Package Pinout
Table 4-3.
GPIO Controller Function Multiplexing
BGA144
QFP144
PIN
GPIO Pin
Function A
Function B
Function C
Function D
G11
122
PA00
GPIO 0
USART0 - RTS
TC0 - CLK1
SPI1 - NPCS[3]
G12
123
PA01
GPIO 1
USART0 - CTS
TC0 - A1
USART2 - RTS
D8
15
PA02
GPIO 2
USART0 - CLK
TC0 - B1
SPI0 - NPCS[0]
G10
125
PA03
GPIO 3
USART0 - RXD
EIC - EXTINT[4]
DAC - DATA[0]
F9
126
PA04
GPIO 4
USART0 - TXD
EIC - EXTINT[5]
DAC - DATAN[0]
F10
124
PA05
GPIO 5
USART1 - RXD
TC1 - CLK0
USB - USB_ID
F8
127
PA06
GPIO 6
USART1 - TXD
TC1 - CLK1
USB - USB_VBOF
E10
133
PA07
GPIO 7
SPI0 - NPCS[3]
DAC - DATAN[0]
USART1 - CLK
C11
137
PA08
GPIO 8
SPI0 - SCK
DAC - DATA[0]
TC1 - B1
B12
139
PA09
GPIO 9
SPI0 - NPCS[0]
EIC - EXTINT[6]
TC1 - A1
C12
138
PA10
GPIO 10
SPI0 - MOSI
USB -
USB_VBOF
TC1 - B0
D10
136
PA11
GPIO 11
SPI0 - MISO
USB - USB_ID
TC1 - A2
E12
132
PA12
GPIO 12
USART1 - CTS
SPI0 - NPCS[2]
TC1 - A0
F11
129
PA13
GPIO 13
USART1 - RTS
SPI0 - NPCS[1]
EIC - EXTINT[7]
]
J6
100
PA14
GPIO 14
SPI0 - NPCS[1]
TWIMS0 -
TWALM
TWIMS1 - TWCK
J7
101
PA15
GPIO 15
MCI - CMD[1]
SPI1 - SCK
TWIMS1 - TWD
F12
128
PA16
GPIO 16
MCI - DATA[11]
SPI1 - MOSI
TC1 - CLK2
H7
116
PA17
GPIO 17
MCI - DATA[10]
SPI1 - NPCS[1]
ADC - AD[7]
K8
115
PA18
GPIO 18
MCI - DATA[9]
SPI1 - NPCS[2]
ADC - AD[6]
J8
114
PA19
GPIO 19
MCI - DATA[8]
SPI1 - MISO
ADC - AD[5]


Similar Part No. - AT32UC3A364S-ALUT

ManufacturerPart #DatasheetDescription
logo
ATMEL Corporation
AT32UC3A364S-ALUT ATMEL-AT32UC3A364S-ALUT Datasheet
1Mb / 90P
   32-bit AVR짰Microcontroller
AT32UC3A364S-ALUT ATMEL-AT32UC3A364S-ALUT Datasheet
15Mb / 1014P
   32-bit AVR짰Microcontroller
More results

Similar Description - AT32UC3A364S-ALUT

ManufacturerPart #DatasheetDescription
logo
ATMEL Corporation
AT32AP7000 ATMEL-AT32AP7000_09 Datasheet
707Kb / 63P
   AVR32 32-bit Microcontroller
AT32AP7002 ATMEL-AT32AP7002_1 Datasheet
13Mb / 896P
   AVR32 32-bit Microcontroller
AT32UC3A0512 ATMEL-AT32UC3A0512_08 Datasheet
1Mb / 86P
   AVR32 32-Bit Microcontroller
AT32AP7001 ATMEL-AT32AP7001_09 Datasheet
814Kb / 49P
   AVR32 32-bit Microcontroller
AT32UC3A3256S ATMEL-AT32UC3A3256S_09 Datasheet
1Mb / 75P
   AVR32 32-Bit Microcontroller
AT32UC3L064 ATMEL-AT32UC3L064 Datasheet
1Mb / 71P
   AVR32 32-bit Microcontroller
AT32AP7001 ATMEL-AT32AP7001_08 Datasheet
754Kb / 49P
   AVR32 32-bit Microcontroller
AT32UC3B0256 ATMEL-AT32UC3B0256_08 Datasheet
1Mb / 65P
   AVR32 32-Bit Microcontroller
AT32UC3A0512 ATMEL-AT32UC3A0512 Datasheet
655Kb / 52P
   AVR32 32-Bit Microcontroller
AT32AP7000 ATMEL-AT32AP7000_1 Datasheet
9Mb / 973P
   AVR32 32-bit Microcontroller
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com