Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

AT32UC3L032-D3UR Datasheet(PDF) 11 Page - ATMEL Corporation

Part # AT32UC3L032-D3UR
Description  AVR32 32-bit Microcontroller
Download  825 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  ATMEL [ATMEL Corporation]
Direct Link  http://www.atmel.com
Logo ATMEL - ATMEL Corporation

AT32UC3L032-D3UR Datasheet(HTML) 11 Page - ATMEL Corporation

Back Button AT32UC3L032-D3UR Datasheet HTML 7Page - ATMEL Corporation AT32UC3L032-D3UR Datasheet HTML 8Page - ATMEL Corporation AT32UC3L032-D3UR Datasheet HTML 9Page - ATMEL Corporation AT32UC3L032-D3UR Datasheet HTML 10Page - ATMEL Corporation AT32UC3L032-D3UR Datasheet HTML 11Page - ATMEL Corporation AT32UC3L032-D3UR Datasheet HTML 12Page - ATMEL Corporation AT32UC3L032-D3UR Datasheet HTML 13Page - ATMEL Corporation AT32UC3L032-D3UR Datasheet HTML 14Page - ATMEL Corporation AT32UC3L032-D3UR Datasheet HTML 15Page - ATMEL Corporation Next Button
Zoom Inzoom in Zoom Outzoom out
 11 / 825 page
background image
11
32099A–AVR32–06/09
AT32UC3L
3.2.5
Oscillator Pinout
The oscillators are not mapped to the normal GPIO functions and their muxings are controlled
by registers in the System Control Interface (SCIF). Please refer to the SCIF chapter for more
information about this.
3.2.6
Other Functions
The functions listed in Table 3-6 are not mapped to the normal GPIO functions.The aWire DATA
pin will only be active after the aWire is enabled. The aWire DATAOUT pin will only be actice
after the aWire is enabled and the full duplex command has been sent. The WAKE_N pin is
always enabled. Please refer to Section 3.5.4 on page 20 for constraints on the WAKE_N pin.
MCKO
PA06
PB01
MSEO[1]
PA07
PB11
MSEO[0]
PA11
PB12
Table 3-4.
Nexus OCD AUX Port Connections
Pin
AXS=1
AXS=0
Table 3-5.
Oscillator Pinout
48TQFP/QFN/TLLGA
Pin
Oscillator Function
3PA08
XIN0
46
PA10
XIN32
26
PA13
XIN32_2
2PA09
XOUT0
47
PA12
XOUT32
25
PA20
XOUT32_2
Table 3-6.
Other Functions
48TQFP/TQFN/TLLGA
Pin
Function
27
PA11
WAKE_N
22
RESET_N
aWire DATA
11
PA00
aWire DATAOUT


Similar Part No. - AT32UC3L032-D3UR

ManufacturerPart #DatasheetDescription
logo
ATMEL Corporation
AT32UC3L032-D3HR ATMEL-AT32UC3L032-D3HR Datasheet
1Mb / 88P
   32-bit AVR짰Microcontroller
AT32UC3L032-D3HR ATMEL-AT32UC3L032-D3HR Datasheet
10Mb / 830P
   32-bit AVR짰 Microcontroller
AT32UC3L032-D3HT ATMEL-AT32UC3L032-D3HT Datasheet
1Mb / 88P
   32-bit AVR짰Microcontroller
AT32UC3L032-D3HT ATMEL-AT32UC3L032-D3HT Datasheet
10Mb / 830P
   32-bit AVR짰 Microcontroller
More results

Similar Description - AT32UC3L032-D3UR

ManufacturerPart #DatasheetDescription
logo
ATMEL Corporation
AT32AP7000 ATMEL-AT32AP7000_09 Datasheet
707Kb / 63P
   AVR32 32-bit Microcontroller
AT32AP7002 ATMEL-AT32AP7002_1 Datasheet
13Mb / 896P
   AVR32 32-bit Microcontroller
AT32UC3A0512 ATMEL-AT32UC3A0512_08 Datasheet
1Mb / 86P
   AVR32 32-Bit Microcontroller
AT32AP7001 ATMEL-AT32AP7001_09 Datasheet
814Kb / 49P
   AVR32 32-bit Microcontroller
AT32UC3A3256S ATMEL-AT32UC3A3256S_09 Datasheet
1Mb / 75P
   AVR32 32-Bit Microcontroller
AT32UC3L064 ATMEL-AT32UC3L064 Datasheet
1Mb / 71P
   AVR32 32-bit Microcontroller
AT32UC3A3256S ATMEL-AT32UC3A3256S_1 Datasheet
14Mb / 961P
   AVR32 32-Bit Microcontroller
AT32AP7001 ATMEL-AT32AP7001_08 Datasheet
754Kb / 49P
   AVR32 32-bit Microcontroller
AT32UC3B0256 ATMEL-AT32UC3B0256_08 Datasheet
1Mb / 65P
   AVR32 32-Bit Microcontroller
AT32UC3A0512 ATMEL-AT32UC3A0512 Datasheet
655Kb / 52P
   AVR32 32-Bit Microcontroller
AT32AP7000 ATMEL-AT32AP7000_1 Datasheet
9Mb / 973P
   AVR32 32-bit Microcontroller
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com