Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

HMD16M32M8EH Datasheet(PDF) 4 Page - Hanbit Electronics Co.,Ltd

Part # HMD16M32M8EH
Description  64Mbyte (16Mx32) 72-pin EDO Mode 4K Ref. SIMM Design 5V
Download  9 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  HANBIT [Hanbit Electronics Co.,Ltd]
Direct Link  http://www.hbe.co.kr
Logo HANBIT - Hanbit Electronics Co.,Ltd

HMD16M32M8EH Datasheet(HTML) 4 Page - Hanbit Electronics Co.,Ltd

  HMD16M32M8EH Datasheet HTML 1Page - Hanbit Electronics Co.,Ltd HMD16M32M8EH Datasheet HTML 2Page - Hanbit Electronics Co.,Ltd HMD16M32M8EH Datasheet HTML 3Page - Hanbit Electronics Co.,Ltd HMD16M32M8EH Datasheet HTML 4Page - Hanbit Electronics Co.,Ltd HMD16M32M8EH Datasheet HTML 5Page - Hanbit Electronics Co.,Ltd HMD16M32M8EH Datasheet HTML 6Page - Hanbit Electronics Co.,Ltd HMD16M32M8EH Datasheet HTML 7Page - Hanbit Electronics Co.,Ltd HMD16M32M8EH Datasheet HTML 8Page - Hanbit Electronics Co.,Ltd HMD16M32M8EH Datasheet HTML 9Page - Hanbit Electronics Co.,Ltd  
Zoom Inzoom in Zoom Outzoom out
 4 / 9 page
background image
HANBit
HMD16M32M8EH
URL:www.hbe.co.kr
- 4 -
HANBit Electronics Co.,Ltd.
REV.1.0 (August.2002)
IO(L)
-5
5
µA
VOH
2.4
-
V
VOL
-
0.4
V
ICC1 : Operating Current * (/RAS , /CAS , Address cycling @tRC=min.)
ICC2 : Standby Current ( /RAS=/CAS=VIH )
ICC3 : /RAS Only Refresh Current * ( /CAS=VIH, /RAS, Address cycling @tRC=min )
ICC4 : Fast Page Mode Current * (/RAS=VIL, /CAS, Address cycling @tPC=min )
ICC5 : Standby Current (/RAS=/CAS=Vcc-0.2V )
ICC6 : /CAS-Before-/RAS Refresh Current * (/RAS and /CAS cycling @tRC=min )
IIL : Input Leakage Current (Any input 0V ≤ VIN ≤ 6.5V, all other pins not under test = 0V)
IOL : Output Leakage Current (Data out is disabled, 0V ≤ VOUT ≤ 5.5V
VOH : Output High Voltage Level (IOH= -5mA )
VOL : Output Low Voltage Level (IOL = 4.2mA )
* NOTE: ICC1, ICC3, ICC4 and ICC6 are dependent on output loading and cycle rates. Specified values are obtained with the
output open. ICC is specified as an average current. In ICC1 and ICC3, address cad be changed maximum once
while /RAS=VIL. In ICC4, address can be changed maximum once within one page mode cycle.
CAPACITANCE ( T
A=25
o
C, Vcc = 5V, f = 1Mz )
DESCRIPTION
SYMBOL
MIN
MAX
UNITS
Input Capacitance (A0-A11)
CIN1
-
40
pF
Input Capacitance (/W)
C IN2
-
56
pF
Input Capacitance (/RAS0)
CIN3
-
56
pF
Input Capacitance (/CAS0-/CAS3)
CIN4
-
56
pF
Input/Output Capacitance (DQ0-31)
CDQ1
-
56
pF
AC CHARACTERISTICS ( 0
o
C
≤ T
A ≤ 70
oC , Vcc = 5V±10%, See notes 1,2.)
-45
-5
-6
PARAMETER
SYMBOL
MIN
MAX
MIN
MAX
MIN
MAX
UNIT
Random read or write cycle time
tRC
74
84
104
ns
Access time from /RAS
tRAC
45
50
60
ns
Access time from /CAS
tCAC
12
13
15
ns
Access time from column address
tAA
23
25
30
ns
/CAS to output in Low-Z
tCLZ
3
3
3
ns
Output buffer turn-off delay
tOFF
3
13
3
13
3
15
ns
Transition time (rise and fall)
tT
1
50
1
50
1
50
ns
/RAS precharge time
tRP
25
30
40
ns
/RAS pulse width
tRAS
45
10K
50
10K
60
10K
ns


Similar Part No. - HMD16M32M8EH

ManufacturerPart #DatasheetDescription
logo
Hanbit Electronics Co.,...
HMD16M32M8G HANBIT-HMD16M32M8G Datasheet
113Kb / 10P
   64Mbyte(16Mx32) 72-pin FP Mode 4K Ref. SIMM Design 5V
HMD16M32M8G-5 HANBIT-HMD16M32M8G-5 Datasheet
113Kb / 10P
   64Mbyte(16Mx32) 72-pin FP Mode 4K Ref. SIMM Design 5V
HMD16M32M8G-6 HANBIT-HMD16M32M8G-6 Datasheet
113Kb / 10P
   64Mbyte(16Mx32) 72-pin FP Mode 4K Ref. SIMM Design 5V
HMD16M32M8GH HANBIT-HMD16M32M8GH Datasheet
68Kb / 7P
   64Mbyte (16Mx36) FP Mode 4K Ref. 72pin-SIMM Design
HMD16M32M8GH-5 HANBIT-HMD16M32M8GH-5 Datasheet
68Kb / 7P
   64Mbyte (16Mx36) FP Mode 4K Ref. 72pin-SIMM Design
More results

Similar Description - HMD16M32M8EH

ManufacturerPart #DatasheetDescription
logo
Hanbit Electronics Co.,...
HMD16M32M8G HANBIT-HMD16M32M8G Datasheet
113Kb / 10P
   64Mbyte(16Mx32) 72-pin FP Mode 4K Ref. SIMM Design 5V
HMD32M32M16EG HANBIT-HMD32M32M16EG Datasheet
96Kb / 7P
   128Mbyte (32Mx32) 72-pin EDO Mode 4K Ref. SIMM Design 5V
HMD8M32M4EG HANBIT-HMD8M32M4EG Datasheet
61Kb / 7P
   32Mbyte(8Mx32) 72-pin EDO Mode 4K Ref. SIMM Design 5V
HMD4M32M8EG HANBIT-HMD4M32M8EG Datasheet
53Kb / 6P
   16Mbyte(4Mx32) 72-pin EDO MODE, 2K/4K Ref. SIMM Design 5V
HMD16M36M12EG HANBIT-HMD16M36M12EG Datasheet
83Kb / 7P
   64Mbyte (16Mx36) EDO/with Parity Mode 4K Ref. 72pin-SIMM Design
HMD8M32M16EG HANBIT-HMD8M32M16EG Datasheet
66Kb / 7P
   32Mbyte(8Mx32) 72-pin EDO MODE 2K Ref. SIMM Design 5V
HMD8M32M16EBG HANBIT-HMD8M32M16EBG Datasheet
89Kb / 7P
   32Mbyte(8Mx32) 72-pin EDO MODE 2K Ref. SIMM Design 5V
HMD4M36M3EG HANBIT-HMD4M36M3EG Datasheet
53Kb / 6P
   16Mbyte(4Mx36) 72-pin SIMM EDO with Parity MODE, 4K Ref. 5V
HMD8M36M6EG HANBIT-HMD8M36M6EG Datasheet
54Kb / 6P
   32Mbyte(8Mx36) 72-pin SIMM EDO with Parity Mode, 4K Ref. 5V
HMD16M32M8GH HANBIT-HMD16M32M8GH Datasheet
68Kb / 7P
   64Mbyte (16Mx36) FP Mode 4K Ref. 72pin-SIMM Design
More results


Html Pages

1 2 3 4 5 6 7 8 9


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com