Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

AT32UC3L064-ZAUT Datasheet(PDF) 1 Page - ATMEL Corporation

Part # AT32UC3L064-ZAUT
Description  AVR32 32-bit Microcontroller
Download  825 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  ATMEL [ATMEL Corporation]
Direct Link  http://www.atmel.com
Logo ATMEL - ATMEL Corporation

AT32UC3L064-ZAUT Datasheet(HTML) 1 Page - ATMEL Corporation

  AT32UC3L064-ZAUT Datasheet HTML 1Page - ATMEL Corporation AT32UC3L064-ZAUT Datasheet HTML 2Page - ATMEL Corporation AT32UC3L064-ZAUT Datasheet HTML 3Page - ATMEL Corporation AT32UC3L064-ZAUT Datasheet HTML 4Page - ATMEL Corporation AT32UC3L064-ZAUT Datasheet HTML 5Page - ATMEL Corporation AT32UC3L064-ZAUT Datasheet HTML 6Page - ATMEL Corporation AT32UC3L064-ZAUT Datasheet HTML 7Page - ATMEL Corporation AT32UC3L064-ZAUT Datasheet HTML 8Page - ATMEL Corporation AT32UC3L064-ZAUT Datasheet HTML 9Page - ATMEL Corporation Next Button
Zoom Inzoom in Zoom Outzoom out
 1 / 825 page
background image
Features
High Performance, Low Power AVR®32 UC 32-bit Microcontroller
– Compact Single-Cycle RISC Instruction Set Including DSP Instructions
– Read-Modify-Write Instructions and Atomic Bit Manipulation
– Performance
• Up to 64 DMIPS Running at 50MHz from Flash (1 Flash Wait State)
• Up to 36 DMIPS Running at 25MHz from Flash (0 Flash Wait State)
– Memory Protection Unit
picoPowerTechnology for Ultra-Low Power Consumption
Multi-Hierarchy Bus System
– High-Performance Data Transfers on Separate Buses for Increased Performance
– 12 Peripheral DMA Channels Improve Speed for Peripheral Communication
Internal High-Speed Flash
– 64Kbytes, 32Kbytes, and 16Kbytes Versions
– Single-Cycle Access up to 25MHz
–FlashVaultTechnology Allows Pre-programmed Secure Library Support for End
User Applications
– Prefetch Buffer Optimizing Instruction Execution at Maximum Speed
– 4ms Page Programming Time and 8ms Full-Chip Erase Time
– 100,000 Write Cycles, 15-year Data Retention Capability
– Flash Security Locks and User Defined Configuration Area
Internal High-Speed SRAM, Single-Cycle Access at Full Speed
– 16Kbytes (64Kbytes and 32Kbytes Flash), or 8Kbytes (16Kbytes Flash)
Interrupt Controller (INTC)
– Autovectored Low Latency Interrupt Service with Programmable Priority
External Interrupt Controller (EIC)
Peripheral Event System for Direct Peripheral to Peripheral Communication
System Functions
– Power and Clock Manager
– SleepWalkingPower Saving Control
– Internal System RC Oscillator (RCSYS)
– 32 KHz Oscillator
– Multipurpose Oscillator and Digital Frequency Locked Loop (DFLL)
Windowed Watchdog Timer (WDT)
Asynchronous Timer (AST) with Real-Time Clock Capability
– Counter or Calendar Mode Supported
Frequency Meter (FREQM) for Accurate Measuring of Clock Frequency
Six 16-bit Timer/Counter (TC) Channels
– External Clock Inputs, PWM, Capture and Various Counting Capabilities
PWM Channels on All I/O Pins (PWMA)
– 8-bit PWM up to 150MHz Source Clock
Four Universal Synchronous/Asynchronous Receiver/Transmitters (USART)
– Independent Baudrate Generator, Support for SPI
– Support for Hardware Handshaking
One Master/Slave Serial Peripheral Interfaces (SPI) with Chip Select Signals
– Up to 15 SPI Slaves can be Addressed
Two Master and Two Slave Two-Wire Interfaces (TWI), 400kbit/s I2C-compatible
One 9-channel Analog-To-Digital Converter (ADC) with up to 12 Bits Resolution
– Internal Temperature Sensor
32099A–AVR32–06/09
AVR®32
32-bit
Microcontroller
AT32UC3L064
AT32UC3L032
AT32UC3L016
Preliminary


Similar Part No. - AT32UC3L064-ZAUT

ManufacturerPart #DatasheetDescription
logo
ATMEL Corporation
AT32UC3L064-ZAUT ATMEL-AT32UC3L064-ZAUT Datasheet
1Mb / 88P
   32-bit AVR짰Microcontroller
AT32UC3L064-ZAUT ATMEL-AT32UC3L064-ZAUT Datasheet
10Mb / 830P
   32-bit AVR짰 Microcontroller
More results

Similar Description - AT32UC3L064-ZAUT

ManufacturerPart #DatasheetDescription
logo
ATMEL Corporation
AT32AP7000 ATMEL-AT32AP7000_09 Datasheet
707Kb / 63P
   AVR32 32-bit Microcontroller
AT32AP7002 ATMEL-AT32AP7002_1 Datasheet
13Mb / 896P
   AVR32 32-bit Microcontroller
AT32UC3A0512 ATMEL-AT32UC3A0512_08 Datasheet
1Mb / 86P
   AVR32 32-Bit Microcontroller
AT32AP7001 ATMEL-AT32AP7001_09 Datasheet
814Kb / 49P
   AVR32 32-bit Microcontroller
AT32UC3A3256S ATMEL-AT32UC3A3256S_09 Datasheet
1Mb / 75P
   AVR32 32-Bit Microcontroller
AT32UC3L064 ATMEL-AT32UC3L064 Datasheet
1Mb / 71P
   AVR32 32-bit Microcontroller
AT32UC3A3256S ATMEL-AT32UC3A3256S_1 Datasheet
14Mb / 961P
   AVR32 32-Bit Microcontroller
AT32AP7001 ATMEL-AT32AP7001_08 Datasheet
754Kb / 49P
   AVR32 32-bit Microcontroller
AT32UC3B0256 ATMEL-AT32UC3B0256_08 Datasheet
1Mb / 65P
   AVR32 32-Bit Microcontroller
AT32UC3A0512 ATMEL-AT32UC3A0512 Datasheet
655Kb / 52P
   AVR32 32-Bit Microcontroller
AT32AP7000 ATMEL-AT32AP7000_1 Datasheet
9Mb / 973P
   AVR32 32-bit Microcontroller
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com