Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

M306S0F8DGP-U3 Datasheet(PDF) 5 Page - Renesas Technology Corp

Part # M306S0F8DGP-U3
Description  SINGLE-CHIP 16-BIT CMOS MICROCOMPUTER
Download  208 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  RENESAS [Renesas Technology Corp]
Direct Link  http://www.renesas.com
Logo RENESAS - Renesas Technology Corp

M306S0F8DGP-U3 Datasheet(HTML) 5 Page - Renesas Technology Corp

  M306S0F8DGP-U3 Datasheet HTML 1Page - Renesas Technology Corp M306S0F8DGP-U3 Datasheet HTML 2Page - Renesas Technology Corp M306S0F8DGP-U3 Datasheet HTML 3Page - Renesas Technology Corp M306S0F8DGP-U3 Datasheet HTML 4Page - Renesas Technology Corp M306S0F8DGP-U3 Datasheet HTML 5Page - Renesas Technology Corp M306S0F8DGP-U3 Datasheet HTML 6Page - Renesas Technology Corp M306S0F8DGP-U3 Datasheet HTML 7Page - Renesas Technology Corp M306S0F8DGP-U3 Datasheet HTML 8Page - Renesas Technology Corp M306S0F8DGP-U3 Datasheet HTML 9Page - Renesas Technology Corp Next Button
Zoom Inzoom in Zoom Outzoom out
 5 / 208 page
background image
Rev.5.01
Dec 10, 2009
page 5 of 201
REJ03B0014-0501
M16C/6S Group
Product List
Tables 1.1.3 and 1.1.4 list the M16C/6S group product and Figure 1.1.2 shows the type numbers, memory
sizes and packages.
Overview
Table 1.1.3. Product List (1) M16C/6S
Table 1.1.4. Product List (2) M16C/6S D-version
Figure 1.1.2. Type No., Memory Size, and Package
RAM capacity
ROM capacity
Package type
Remarks
Type No.
Current of Dec. 2009
Flash memory
M306S0FAGP
PLQP0064KB-A (64P6Q-A)
96K bytes
24K bytes
Product Code
U3, U5, U7(D), U9(D)
(D): under development
RAM capacity
ROM capacity
Package type
Remarks
Type No.
Flash memory
M306S0FADGP
PLQP0064KB-A (64P6Q-A)
96K bytes
24K bytes
Product Code
U3
Flash memory
M306S0F8DGP
PLQP0064KB-A (64P6Q-A)
64K bytes
24K bytes
U3
Current of Dec. 2009
Package type:
GP
Product code
See Tables 1.1.5 and 1.1.6 Product code
: Package
64P6Q-A
Version
(no) : M16C/6S
D
: M16C/6S D-version
ROM capacity:
Memory type:
8: 64K bytes
A: 96K bytes
F: Flash memory version
Type No.
M 3 0 6 S 0 F A D G P – U3
M16C/6S Group
M16C Family
Shows RAM capacity, pin count, etc
(The value itself has no specific meaning)


Similar Part No. - M306S0F8DGP-U3

ManufacturerPart #DatasheetDescription
logo
Renesas Technology Corp
M306S0FA-GP RENESAS-M306S0FA-GP Datasheet
1Mb / 196P
   SINGLE-CHIP 16-BIT CMOS MICROCOMPUTER
M306S0FA-XXXGP RENESAS-M306S0FA-XXXGP Datasheet
1Mb / 196P
   SINGLE-CHIP 16-BIT CMOS MICROCOMPUTER
M306S0FA-XXXGP-U5 RENESAS-M306S0FA-XXXGP-U5 Datasheet
1Mb / 196P
   SINGLE-CHIP 16-BIT CMOS MICROCOMPUTER
More results

Similar Description - M306S0F8DGP-U3

ManufacturerPart #DatasheetDescription
logo
Sony Corporation
CXP922000 SONY-CXP922000 Datasheet
146Kb / 6P
   CMOS 16-bit Single Chip Microcomputer
logo
Mitsubishi Electric Sem...
M30621FCMGP MITSUBISHI-M30621FCMGP Datasheet
594Kb / 24P
   SINGLE-CHIP 16-BIT CMOS MICROCOMPUTER
logo
Sony Corporation
CXP913040 SONY-CXP913040 Datasheet
307Kb / 26P
   CMOS 16-bit Single Chip Microcomputer
logo
Mitsubishi Electric Sem...
M32C MITSUBISHI-M32C Datasheet
5Mb / 441P
   SINGLE-CHIP 16-BIT CMOS MICROCOMPUTER
M30620MCM MITSUBISHI-M30620MCM Datasheet
414Kb / 33P
   SINGLE-CHIP 16-BIT CMOS MICROCOMPUTER
M37735MHB MITSUBISHI-M37735MHB Datasheet
1Mb / 90P
   SINGLE-CHIP 16-BIT CMOS MICROCOMPUTER
M37733M4LXXXHP MITSUBISHI-M37733M4LXXXHP Datasheet
469Kb / 31P
   SINGLE-CHIP 16-BIT CMOS MICROCOMPUTER
logo
Renesas Technology Corp
16C26 RENESAS-16C26 Datasheet
238Kb / 39P
   SINGLE-CHIP 16-BIT CMOS MICROCOMPUTER
M306V8FJFP RENESAS-M306V8FJFP Datasheet
3Mb / 365P
   SINGLE-CHIP 16-BIT CMOS MICROCOMPUTER
M16C30 RENESAS-M16C30_02 Datasheet
2Mb / 178P
   SINGLE-CHIP 16-BIT CMOS MICROCOMPUTER
M16C62 RENESAS-M16C62 Datasheet
3Mb / 231P
   SINGLE-CHIP 16-BIT CMOS MICROCOMPUTER
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com