Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

AT91SAM3U1C Datasheet(PDF) 5 Page - ATMEL Corporation

Part # AT91SAM3U1C
Description  AT91 ARM Thumb-based Microcontrollers
Download  7 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  ATMEL [ATMEL Corporation]
Direct Link  http://www.atmel.com
Logo ATMEL - ATMEL Corporation

AT91SAM3U1C Datasheet(HTML) 5 Page - ATMEL Corporation

  AT91SAM3U1C Datasheet HTML 1Page - ATMEL Corporation AT91SAM3U1C Datasheet HTML 2Page - ATMEL Corporation AT91SAM3U1C Datasheet HTML 3Page - ATMEL Corporation AT91SAM3U1C Datasheet HTML 4Page - ATMEL Corporation AT91SAM3U1C Datasheet HTML 5Page - ATMEL Corporation AT91SAM3U1C Datasheet HTML 6Page - ATMEL Corporation AT91SAM3U1C Datasheet HTML 7Page - ATMEL Corporation  
Zoom Inzoom in Zoom Outzoom out
 5 / 7 page
background image
5
6483A–ATARM–04-Aug-09
ATSAM3U Errata
Use NCS1 available on PC12 (Peripheral A) or use a another chip select or drive the chip select
by software.
Problem Fix
This issue will be fixed in the next revision.
1.2.8
Backup Mode
1.2.8.1
Backup mode: VDDUTMI current consumption in Backup mode
In Backup mode, the current consumption measured on VDDUMTI can be around 500 µA
instead of less than 0.1 µA.
Workaround
Disable externally the voltage on VDDUTMI in Backup mode.
Problem Fix
This issue will be fixed in the next revision.
1.2.8.2
Backup mode: the PIO states are not kept
When entering in Backup mode with WFE command, the PIO states are not kept. All the PIOs
go into input with pull-up state in Backup mode.
Workaround
.Instead of using the WFE command to go into Backup mode, set the VROFF bit (SUPC_CR).
Problem Fix
This issue will be fixed in the next revision.
1.2.9
Wait Mode
1.2.9.1
Wait mode: VDDCORE current consumption
Some parts may show a higher current consumption than expected (50 µA instead of 5 µA) on
VDDCORE.
Workaround
None.
Problem Fix
This issue will be fixed in the next revision.


Similar Part No. - AT91SAM3U1C

ManufacturerPart #DatasheetDescription
logo
ATMEL Corporation
AT91SAM ATMEL-AT91SAM Datasheet
638Kb / 67P
   ARM-based Flash MCU
AT91SAM-ICE ATMEL-AT91SAM-ICE Datasheet
565Kb / 2P
   Atmel Evaluation Kits
AT91SAM7A1 ATMEL-AT91SAM7A1 Datasheet
133Kb / 14P
   ARM7TDMI BASED MICROCONTROLLER
AT91SAM7A1 ATMEL-AT91SAM7A1 Datasheet
5Mb / 402P
   AT91 ARM Thumb-based Microcontrollers
AT91SAM7A1 ATMEL-AT91SAM7A1 Datasheet
289Kb / 17P
   AT91 ARM Thumb-based Microcontrollers
More results

Similar Description - AT91SAM3U1C

ManufacturerPart #DatasheetDescription
logo
ATMEL Corporation
AT91SAM7A3 ATMEL-AT91SAM7A3 Datasheet
311Kb / 32P
   AT91 ARM Thumb-based Microcontrollers
AT91SAM7S128 ATMEL-AT91SAM7S128 Datasheet
2Mb / 495P
   AT91 ARM Thumb-based Microcontrollers
AT91SAM9261 ATMEL-AT91SAM9261_1 Datasheet
613Kb / 43P
   AT91 ARM Thumb-based Microcontrollers
AT91SAM7A1 ATMEL-AT91SAM7A1_05 Datasheet
5Mb / 402P
   AT91 ARM Thumb-based Microcontrollers
AT91FR40162SB ATMEL-AT91FR40162SB Datasheet
689Kb / 22P
   AT91 ARM Thumb-based Microcontrollers
AT91SAM7A2_0407 ATMEL-AT91SAM7A2_0407 Datasheet
145Kb / 16P
   AT91 ARM Thumb-based Microcontrollers
AT91SAM9G10 ATMEL-AT91SAM9G10_1 Datasheet
11Mb / 730P
   AT91 ARM Thumb-based Microcontrollers
AT91SAM9G46 ATMEL-AT91SAM9G46 Datasheet
1Mb / 59P
   AT91 ARM Thumb-based Microcontrollers
AT91FR40162SB ATMEL-AT91FR40162SB_10 Datasheet
297Kb / 22P
   AT91 ARM Thumb-based Microcontrollers
AT91SAM9261S ATMEL-AT91SAM9261S_09 Datasheet
643Kb / 39P
   AT91 ARM Thumb-based Microcontrollers
More results


Html Pages

1 2 3 4 5 6 7


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com