Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

AT91CAP9S500A Datasheet(PDF) 11 Page - ATMEL Corporation

Part # AT91CAP9S500A
Description  Customizable Microcontroller Processor
Download  1137 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  ATMEL [ATMEL Corporation]
Direct Link  http://www.atmel.com
Logo ATMEL - ATMEL Corporation

AT91CAP9S500A Datasheet(HTML) 11 Page - ATMEL Corporation

Back Button AT91CAP9S500A_1 Datasheet HTML 7Page - ATMEL Corporation AT91CAP9S500A_1 Datasheet HTML 8Page - ATMEL Corporation AT91CAP9S500A_1 Datasheet HTML 9Page - ATMEL Corporation AT91CAP9S500A_1 Datasheet HTML 10Page - ATMEL Corporation AT91CAP9S500A_1 Datasheet HTML 11Page - ATMEL Corporation AT91CAP9S500A_1 Datasheet HTML 12Page - ATMEL Corporation AT91CAP9S500A_1 Datasheet HTML 13Page - ATMEL Corporation AT91CAP9S500A_1 Datasheet HTML 14Page - ATMEL Corporation AT91CAP9S500A_1 Datasheet HTML 15Page - ATMEL Corporation Next Button
Zoom Inzoom in Zoom Outzoom out
 11 / 1137 page
background image
11
6264C–CAP–24-Mar-09
AT91CAP9S500A/AT91CAP9S250A
4.
Package and Pinout
The AT91CAP9S500A/AT91CAP9S250A is available in two packages:
• a 400-ball RoHS-compliant LFBGA package, 17 x 17 mm, 0.8 mm ball pitch
• a 324-ball RoHS-compliant TFBGA package, 15 x 15 mm, 0.8 mm ball pitch
4.1
400-ball LFBGA Package Outline
Figure 4-1 shows the orientation of the 400-ball BGA Package.
A detailed mechanical description is given in the section “AT91CAP9S500A/AT91CAP9S250A
Mechanical Characteristics” of the product datasheet.
Figure 4-1.
400-ball LFBGA Package Outline and Marking (Top View)
CAP9
1
3
4
5
6
7
8
9
10
11
12
13
14
15
16
17
2
18
A B CDE F G HJ
K L M N P R T U V
A1 Corner
19
20
Y
W
A1 Corner
Top View


Similar Part No. - AT91CAP9S500A_1

ManufacturerPart #DatasheetDescription
logo
ATMEL Corporation
AT91CAP9S500A-CJ ATMEL-AT91CAP9S500A-CJ Datasheet
1Mb / 58P
   Customizable Microcontroller Processor
AT91CAP9S500A-CJ ATMEL-AT91CAP9S500A-CJ Datasheet
1Mb / 60P
   Customizable Microcontroller Processor
AT91CAP9S500A_0711 ATMEL-AT91CAP9S500A_0711 Datasheet
1Mb / 58P
   Customizable Microcontroller Processor
AT91CAP9S500A ATMEL-AT91CAP9S500A_09 Datasheet
1Mb / 60P
   Customizable Microcontroller Processor
More results

Similar Description - AT91CAP9S500A_1

ManufacturerPart #DatasheetDescription
logo
ATMEL Corporation
AT91CAP9S500A ATMEL-AT91CAP9S500A Datasheet
888Kb / 52P
   Customizable Microcontroller Processor
AT91CAP9SC500A ATMEL-AT91CAP9SC500A Datasheet
1Mb / 60P
   Customizable Microcontroller Processor
AT91CAP9S500A_0711 ATMEL-AT91CAP9S500A_0711 Datasheet
1Mb / 58P
   Customizable Microcontroller Processor
AT91CAP9S500A ATMEL-AT91CAP9S500A_09 Datasheet
1Mb / 60P
   Customizable Microcontroller Processor
AT91CAP7S450A ATMEL-AT91CAP7S450A_09 Datasheet
1Mb / 47P
   Customizable Microcontroller
AT91CAP7E ATMEL-AT91CAP7E Datasheet
10Mb / 520P
   Customizable Microcontroller
AT91CAP7L200A ATMEL-AT91CAP7L200A Datasheet
1Mb / 47P
   Customizable Microcontroller
AT91CAP7S450A ATMEL-AT91CAP7S450A Datasheet
1Mb / 51P
   Customizable Microcontroller
AT91CAP7S450A ATMEL-AT91CAP7S450A_1 Datasheet
10Mb / 517P
   Customizable Microcontroller
logo
STMicroelectronics
STEVAL-ISA028V1 STMICROELECTRONICS-STEVAL-ISA028V1 Datasheet
125Kb / 4P
   Customizable output voltage
December 2007 Rev 2
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com