Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

AT91SAM9XE128 Datasheet(PDF) 6 Page - ATMEL Corporation

Part # AT91SAM9XE128
Description  AT91 ARM Thumb Microcontrollers
Download  866 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  ATMEL [ATMEL Corporation]
Direct Link  http://www.atmel.com
Logo ATMEL - ATMEL Corporation

AT91SAM9XE128 Datasheet(HTML) 6 Page - ATMEL Corporation

Back Button AT91SAM9XE128_1 Datasheet HTML 2Page - ATMEL Corporation AT91SAM9XE128_1 Datasheet HTML 3Page - ATMEL Corporation AT91SAM9XE128_1 Datasheet HTML 4Page - ATMEL Corporation AT91SAM9XE128_1 Datasheet HTML 5Page - ATMEL Corporation AT91SAM9XE128_1 Datasheet HTML 6Page - ATMEL Corporation AT91SAM9XE128_1 Datasheet HTML 7Page - ATMEL Corporation AT91SAM9XE128_1 Datasheet HTML 8Page - ATMEL Corporation AT91SAM9XE128_1 Datasheet HTML 9Page - ATMEL Corporation AT91SAM9XE128_1 Datasheet HTML 10Page - ATMEL Corporation Next Button
Zoom Inzoom in Zoom Outzoom out
 6 / 866 page
background image
6
6254B–ATARM–29-Apr-09
AT91SAM9XE128/256/512 Preliminary
3.
Signal Description
Table 3-1 gives details on the signal name classified by peripheral.
Table 3-1.
Signal Description List
Signal Name
Function
Type
Active
Level
Reference
Voltage
Comments
Power Supplies
VDDIOM
EBI I/O Lines Power Supply
Power
1.65V to 1.95V or 3.0V to 3.6V
VDDIOP0
Peripherals I/O Lines Power Supply
Power
3.0V to 3.6V
VDDIOP1
Peripherals I/O Lines Power Supply
Power
1.65V to 3.6V
VDDBU
Backup I/O Lines Power Supply
Power
1.65V to 1.95V
VDDANA
Analog Power Supply
Power
3.0V to 3.6V
VDDPLL
PLL Power Supply
Power
1.65V to 1.95V
VDDCORE
Core Chip and Embedded Memories
Power Supply
Power
1.65V to 1.95V
GND
Ground
Ground
GNDPLL
PLL Ground
Ground
GNDANA
Analog Ground
Ground
GNDBU
Backup Ground
Ground
Clocks, Oscillators and PLLs
XIN
Main Oscillator Input
Input
XOUT
Main Oscillator Output
Output
XIN32
Slow Clock Oscillator Input
Input
XOUT32
Slow Clock Oscillator Output
Output
OSCSEL
Slow Clock Oscillator Selection
Input
VDDBU
Accepts between 0V and
VDDBU.
PLLRCA
PLL A Filter
Input
PCK0 - PCK1
Programmable Clock Output
Output
VDDIOP0
Shutdown, Wakeup Logic
SHDN
Shutdown Control
Output
Low
VDDBU
Driven at 0V only.
WKUP
Wake-Up Input
Input
VDDBU
Accepts between 0V and
VDDBU.
ICE and JTAG
NTRST
Test Reset Signal
Input
Low
VDDIOP0
Pull-Up resistor (100 k
Ω)
TCK
Test Clock
Input
VDDIOP0
No pull-up resistor, Schmitt
trigger
TDI
Test Data In
Input
VDDIOP0
No pull-up resistor, Schmitt
trigger
TDO
Test Data Out
Output
VDDIOP0
TMS
Test Mode Select
Input
VDDIOP0
No pull-up resistor, Schmitt
trigger
JTAGSEL
JTAG Selection
Input
VDDBU
Pull-down resistor (15 k
Ω).


Similar Part No. - AT91SAM9XE128_1

ManufacturerPart #DatasheetDescription
logo
ATMEL Corporation
AT91SAM9XE128 ATMEL-AT91SAM9XE128_10 Datasheet
1Mb / 48P
   AT91 ARM Thumb Microcontrollers
More results

Similar Description - AT91SAM9XE128_1

ManufacturerPart #DatasheetDescription
logo
ATMEL Corporation
AT91M42800 ATMEL-AT91M42800 Datasheet
335Kb / 20P
   AT91 ARM Thumb Microcontrollers
AT91C140 ATMEL-AT91C140_05 Datasheet
2Mb / 174P
   AT91 ARM Thumb Microcontrollers
AT91M40400 ATMEL-AT91M40400_99 Datasheet
1Mb / 116P
   AT91 ARM Thumb Microcontrollers
AT91SAM9260 ATMEL-AT91SAM9260 Datasheet
910Kb / 45P
   AT91 ARM Thumb Microcontrollers
AT91FR40162 ATMEL-AT91FR40162 Datasheet
250Kb / 22P
   AT91 ARM Thumb Microcontrollers
AT91SAM9G20 ATMEL-AT91SAM9G20_1 Datasheet
12Mb / 832P
   AT91 ARM Thumb Microcontrollers
AT91SAM9G20 ATMEL-AT91SAM9G20_09 Datasheet
996Kb / 42P
   AT91 ARM Thumb Microcontrollers
AT91R40807 ATMEL-AT91R40807_02 Datasheet
221Kb / 19P
   AT91 ARM Thumb Microcontrollers
AT91M40800 ATMEL-AT91M40800_1 Datasheet
1Mb / 153P
   AT91 ARM Thumb Microcontrollers
AT91M42800A ATMEL-AT91M42800A_06 Datasheet
2Mb / 224P
   AT91 ARM Thumb Microcontrollers
AT91SAM9XE128 ATMEL-AT91SAM9XE128_10 Datasheet
1Mb / 48P
   AT91 ARM Thumb Microcontrollers
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com