Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

AT91SAM9263-CU Datasheet(PDF) 7 Page - ATMEL Corporation

Part # AT91SAM9263-CU
Description  AT91 ARM Thumb Microcontrollers
Download  1110 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  ATMEL [ATMEL Corporation]
Direct Link  http://www.atmel.com
Logo ATMEL - ATMEL Corporation

AT91SAM9263-CU Datasheet(HTML) 7 Page - ATMEL Corporation

Back Button AT91SAM9263-CU Datasheet HTML 3Page - ATMEL Corporation AT91SAM9263-CU Datasheet HTML 4Page - ATMEL Corporation AT91SAM9263-CU Datasheet HTML 5Page - ATMEL Corporation AT91SAM9263-CU Datasheet HTML 6Page - ATMEL Corporation AT91SAM9263-CU Datasheet HTML 7Page - ATMEL Corporation AT91SAM9263-CU Datasheet HTML 8Page - ATMEL Corporation AT91SAM9263-CU Datasheet HTML 9Page - ATMEL Corporation AT91SAM9263-CU Datasheet HTML 10Page - ATMEL Corporation AT91SAM9263-CU Datasheet HTML 11Page - ATMEL Corporation Next Button
Zoom Inzoom in Zoom Outzoom out
 7 / 1110 page
background image
7
6249H–ATARM–27-Jul-09
AT91SAM9263 Preliminary
CompactFlash Support
EBI0_CFCE1 - EBI0_CFCE2
CompactFlash Chip Enable
Output
Low
EBI0_CFOE
CompactFlash Output Enable
Output
Low
EBI0_CFWE
CompactFlash Write Enable
Output
Low
EBI0_CFIOR
CompactFlash IO Read
Output
Low
EBI0_CFIOW
CompactFlash IO Write
Output
Low
EBI0_CFRNW
CompactFlash Read Not Write
Output
EBI0_CFCS0 - EBI0_CFCS1
CompactFlash Chip Select Lines
Output
Low
NAND Flash Support
EBIx_NANDCS
NAND Flash Chip Select
Output
Low
EBIx_NANDOE
NAND Flash Output Enable
Output
Low
EBIx_NANDWE
NAND Flash Write Enable
Output
Low
SDRAM Controller
EBIx_SDCK
SDRAM Clock
Output
EBIx_SDCKE
SDRAM Clock Enable
Output
High
EBIx_SDCS
SDRAM Controller Chip Select
Output
Low
EBIx_BA0 - EBIx_BA1
Bank Select
Output
EBIx_SDWE
SDRAM Write Enable
Output
Low
EBIx_RAS - EBIx_CAS
Row and Column Signal
Output
Low
EBIx_SDA10
SDRAM Address 10 Line
Output
Multimedia Card Interface
MCIx_CK
Multimedia Card Clock
Output
MCIx_CDA
Multimedia Card Slot A Command
I/O
MCIx_CDB
Multimedia Card Slot B Command
I/O
MCIx_DA0 - MCIx_DA3
Multimedia Card Slot A Data
I/O
MCIx_DB0 - MCIx_DB3
Multimedia Card Slot B Data
I/O
Universal Synchronous Asynchronous Receiver Transmitter USART
SCKx
USARTx Serial Clock
I/O
TXDx
USARTx Transmit Data
I/O
RXDx
USARTx Receive Data
Input
RTSx
USARTx Request To Send
Output
CTSx
USARTx Clear To Send
Input
Synchronous Serial Controller SSC
TDx
SSCx Transmit Data
Output
RDx
SSCx Receive Data
Input
Table 3-1.
Signal Description List (Continued)
Signal Name
Function
Type
Active
Level
Comments


Similar Part No. - AT91SAM9263-CU

ManufacturerPart #DatasheetDescription
logo
ATMEL Corporation
AT91SAM9263-CU ATMEL-AT91SAM9263-CU Datasheet
10Mb / 1029P
   Thumb Microcontrollers
AT91SAM9263-CU ATMEL-AT91SAM9263-CU Datasheet
791Kb / 48P
   AT91 ARM Thumb Microcontrollers
AT91SAM9263-CU ATMEL-AT91SAM9263-CU Datasheet
1,012Kb / 51P
   AT91 ARM Thumb Microcontrollers
AT91SAM9263-CU ATMEL-AT91SAM9263-CU Datasheet
919Kb / 51P
   AT91 ARM Thumb Microcontrollers
More results

Similar Description - AT91SAM9263-CU

ManufacturerPart #DatasheetDescription
logo
ATMEL Corporation
AT91M42800 ATMEL-AT91M42800 Datasheet
335Kb / 20P
   AT91 ARM Thumb Microcontrollers
AT91C140 ATMEL-AT91C140_05 Datasheet
2Mb / 174P
   AT91 ARM Thumb Microcontrollers
AT91M40400 ATMEL-AT91M40400_99 Datasheet
1Mb / 116P
   AT91 ARM Thumb Microcontrollers
AT91SAM9260 ATMEL-AT91SAM9260 Datasheet
910Kb / 45P
   AT91 ARM Thumb Microcontrollers
AT91FR40162 ATMEL-AT91FR40162 Datasheet
250Kb / 22P
   AT91 ARM Thumb Microcontrollers
AT91SAM9G20 ATMEL-AT91SAM9G20_1 Datasheet
12Mb / 832P
   AT91 ARM Thumb Microcontrollers
AT91SAM9G20 ATMEL-AT91SAM9G20_09 Datasheet
996Kb / 42P
   AT91 ARM Thumb Microcontrollers
AT91R40807 ATMEL-AT91R40807_02 Datasheet
221Kb / 19P
   AT91 ARM Thumb Microcontrollers
AT91M40800 ATMEL-AT91M40800_1 Datasheet
1Mb / 153P
   AT91 ARM Thumb Microcontrollers
AT91M42800A ATMEL-AT91M42800A_06 Datasheet
2Mb / 224P
   AT91 ARM Thumb Microcontrollers
AT91SAM9XE128 ATMEL-AT91SAM9XE128_10 Datasheet
1Mb / 48P
   AT91 ARM Thumb Microcontrollers
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com