Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

AT91SAM9261S Datasheet(PDF) 9 Page - ATMEL Corporation

Part # AT91SAM9261S
Description  AT91 ARM Thumb-based Microcontrollers
Download  709 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  ATMEL [ATMEL Corporation]
Direct Link  http://www.atmel.com
Logo ATMEL - ATMEL Corporation

AT91SAM9261S Datasheet(HTML) 9 Page - ATMEL Corporation

Back Button AT91SAM9261S Datasheet HTML 5Page - ATMEL Corporation AT91SAM9261S Datasheet HTML 6Page - ATMEL Corporation AT91SAM9261S Datasheet HTML 7Page - ATMEL Corporation AT91SAM9261S Datasheet HTML 8Page - ATMEL Corporation AT91SAM9261S Datasheet HTML 9Page - ATMEL Corporation AT91SAM9261S Datasheet HTML 10Page - ATMEL Corporation AT91SAM9261S Datasheet HTML 11Page - ATMEL Corporation AT91SAM9261S Datasheet HTML 12Page - ATMEL Corporation AT91SAM9261S Datasheet HTML 13Page - ATMEL Corporation Next Button
Zoom Inzoom in Zoom Outzoom out
 9 / 709 page
background image
9
6242E–ATARM–11-Sep09
AT91SAM9261S
4.
Package and Pinout
The AT91SAM9261S is available in a 217-ball LFBGA RoHS-compliant package, 15 x 15 mm,
0.8 mm ball pitch
4.1
217-ball LFBGA Package Outline
Figure 4-1 shows the orientation of the 217-ball LFBGA Package.
A detailed mechanical description is given in the section “AT91SAM9261S Mechanical Charac-
teristics” of the product datasheet.
Figure 4-1.
217-ball LFBGA Package Outline (Top View)
12
1
2
3
4
5
6
7
8
9
10
11
13
14
15
16
17
A B C D E F G H J K LM NPR T U
Ball A1


Similar Part No. - AT91SAM9261S

ManufacturerPart #DatasheetDescription
logo
ATMEL Corporation
AT91SAM9261S ATMEL-AT91SAM9261S Datasheet
715Kb / 39P
   AT91 ARM Thumb-based Microcontrollers
AT91SAM9261S ATMEL-AT91SAM9261S Datasheet
643Kb / 39P
   AT91 ARM Thumb-based Microcontrollers
AT91SAM9261S-CJ ATMEL-AT91SAM9261S-CJ Datasheet
715Kb / 39P
   AT91 ARM Thumb-based Microcontrollers
AT91SAM9261S-CJ ATMEL-AT91SAM9261S-CJ Datasheet
643Kb / 39P
   AT91 ARM Thumb-based Microcontrollers
AT91SAM9261SB-CU ATMEL-AT91SAM9261SB-CU Datasheet
715Kb / 39P
   AT91 ARM Thumb-based Microcontrollers
More results

Similar Description - AT91SAM9261S

ManufacturerPart #DatasheetDescription
logo
ATMEL Corporation
AT91SAM7A3 ATMEL-AT91SAM7A3 Datasheet
311Kb / 32P
   AT91 ARM Thumb-based Microcontrollers
AT91SAM7S128 ATMEL-AT91SAM7S128 Datasheet
2Mb / 495P
   AT91 ARM Thumb-based Microcontrollers
AT91SAM9261 ATMEL-AT91SAM9261_1 Datasheet
613Kb / 43P
   AT91 ARM Thumb-based Microcontrollers
AT91SAM7A1 ATMEL-AT91SAM7A1_05 Datasheet
5Mb / 402P
   AT91 ARM Thumb-based Microcontrollers
AT91FR40162SB ATMEL-AT91FR40162SB Datasheet
689Kb / 22P
   AT91 ARM Thumb-based Microcontrollers
AT91SAM7A2_0407 ATMEL-AT91SAM7A2_0407 Datasheet
145Kb / 16P
   AT91 ARM Thumb-based Microcontrollers
AT91SAM9G10 ATMEL-AT91SAM9G10_1 Datasheet
11Mb / 730P
   AT91 ARM Thumb-based Microcontrollers
AT91SAM9G46 ATMEL-AT91SAM9G46 Datasheet
1Mb / 59P
   AT91 ARM Thumb-based Microcontrollers
AT91FR40162SB ATMEL-AT91FR40162SB_10 Datasheet
297Kb / 22P
   AT91 ARM Thumb-based Microcontrollers
AT91SAM9261S ATMEL-AT91SAM9261S_09 Datasheet
643Kb / 39P
   AT91 ARM Thumb-based Microcontrollers
ATSAM3U ATMEL-ATSAM3U Datasheet
176Kb / 7P
   AT91 ARM Thumb-based Microcontrollers
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com