Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

AT91SAM7XC512 Datasheet(PDF) 11 Page - ATMEL Corporation

Part # AT91SAM7XC512
Description  AT91 ARM Thumb-based Microcontrollers
Download  727 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  ATMEL [ATMEL Corporation]
Direct Link  http://www.atmel.com
Logo ATMEL - ATMEL Corporation

AT91SAM7XC512 Datasheet(HTML) 11 Page - ATMEL Corporation

Back Button AT91SAM7XC512_1 Datasheet HTML 7Page - ATMEL Corporation AT91SAM7XC512_1 Datasheet HTML 8Page - ATMEL Corporation AT91SAM7XC512_1 Datasheet HTML 9Page - ATMEL Corporation AT91SAM7XC512_1 Datasheet HTML 10Page - ATMEL Corporation AT91SAM7XC512_1 Datasheet HTML 11Page - ATMEL Corporation AT91SAM7XC512_1 Datasheet HTML 12Page - ATMEL Corporation AT91SAM7XC512_1 Datasheet HTML 13Page - ATMEL Corporation AT91SAM7XC512_1 Datasheet HTML 14Page - ATMEL Corporation AT91SAM7XC512_1 Datasheet HTML 15Page - ATMEL Corporation Next Button
Zoom Inzoom in Zoom Outzoom out
 11 / 727 page
background image
11
6209F–ATARM–17-Feb-09
AT91SAM7XC512/256/128 Preliminary
4.3
100-ball TFBGA Package Outline
Figure 4-2 shows the orientation of the 100-ball TFBGA package. A detailed mechanical
description is given in the Mechanical Characteristics section of the full datasheet.
Figure 4-2.
100-ball TFBGA Package Orientation (Top View)
4.4
100-ball TFBGA Pinout
1
3
4
5
6
7
8
9
10
2
AB
C
D
E
F
G
H
J
K
TOP VIEW
BALL A1
Table 4-2.
Pinout in 100-ball TFBGA Package
Pin
Signal Name
Pin
Signal Name
Pin
Signal Name
Pin
Signal Name
A1
PA22/PGMD10
C6
PB17
F1
PB21
H6
PA7/PGMNVALID
A2
PA21/PGMD9
C7
PB13
F2
PB23
H7
PA9/PGMM1
A3
PA20/PGMD8
C8
PA13/PGMD1
F3
PB25
H8
PA8/PGMM0
A4
PB1
C9
PA12/PGMD0
F4
PB26
H9
PB29/AD2
A5
PB7
C10
PA15/PGMD3
F5
TCK
H10
PLLRC
A6
PB5
D1
PA23/PGMD11
F6
PA6/PGMNOE
J1
PA29
A7
PB8
D2
PA24/PGMD12
F7
ERASE
J2
PA30
A8
PB9
D3
NRST
F8
VDDCORE
J3
PA0/PGMEN0
A9
PA18/PGMD6
D4
TST
F9
GND
J4
PA1/PGMEN1
A10
VDDIO
D5
PB19
F10
VDDIN
J5
VDDFLASH
B1
TDI
D6
PB6
G1
PB22
J6
GND
B2
PA19/PGMD7
D7
PA10/PGMM2
G2
PB24
J7
XIN/PGMCK
B3
PB11
D8
VDDIO
G3
PA27/PGMD15
J8
XOUT
B4
PB2
D9
PB27/AD0
G4
TDO
J9
GND
B5
PB12
D10
PA11/PGMM3
G5
PA2
J10
VDDPLL
B6
PB15
E1
PA25/PGMD13
G6
PA5/PGMRDY
K1
VDDCORE
B7
PB14
E2
PA26/PGMD14
G7
VDDCORE
K2
VDDCORE
B8
PA14/PGMD2
E3
PB18
G8
GND
K3
DDP
B9
PA16/PGMD4
E4
PB20
G9
PB30/AD3
K4
DDM
B10
PA17/PGMD5
E5
TMS
G10
VDDOUT
K5
GND
C1
PB16
E6
GND
H1
VDDCORE
K6
AD7
C2
PB4
E7
VDDIO
H2
PA28
K7
AD6
C3
PB10
E8
PB28/AD1
H3
JTAGSEL
K8
AD5
C4
PB3
E9
VDDIO
H4
PA3
K9
AD4
C5
PB0
E10
GND
H5
PA4/PGMNCMD
K10
ADVREF


Similar Part No. - AT91SAM7XC512_1

ManufacturerPart #DatasheetDescription
logo
ATMEL Corporation
AT91SAM7XC512 ATMEL-AT91SAM7XC512_14 Datasheet
764Kb / 47P
   High-performance 32-bit RISC Architecture
AT91SAM7XC512 ATMEL-AT91SAM7XC512_14 Datasheet
2Mb / 731P
   Incorporates the ARM7TDMI
More results

Similar Description - AT91SAM7XC512_1

ManufacturerPart #DatasheetDescription
logo
ATMEL Corporation
AT91SAM7A3 ATMEL-AT91SAM7A3 Datasheet
311Kb / 32P
   AT91 ARM Thumb-based Microcontrollers
AT91SAM7S128 ATMEL-AT91SAM7S128 Datasheet
2Mb / 495P
   AT91 ARM Thumb-based Microcontrollers
AT91SAM9261 ATMEL-AT91SAM9261_1 Datasheet
613Kb / 43P
   AT91 ARM Thumb-based Microcontrollers
AT91SAM7A1 ATMEL-AT91SAM7A1_05 Datasheet
5Mb / 402P
   AT91 ARM Thumb-based Microcontrollers
AT91FR40162SB ATMEL-AT91FR40162SB Datasheet
689Kb / 22P
   AT91 ARM Thumb-based Microcontrollers
AT91SAM7A2_0407 ATMEL-AT91SAM7A2_0407 Datasheet
145Kb / 16P
   AT91 ARM Thumb-based Microcontrollers
AT91SAM9G10 ATMEL-AT91SAM9G10_1 Datasheet
11Mb / 730P
   AT91 ARM Thumb-based Microcontrollers
AT91SAM9G46 ATMEL-AT91SAM9G46 Datasheet
1Mb / 59P
   AT91 ARM Thumb-based Microcontrollers
AT91FR40162SB ATMEL-AT91FR40162SB_10 Datasheet
297Kb / 22P
   AT91 ARM Thumb-based Microcontrollers
AT91SAM9261S ATMEL-AT91SAM9261S_09 Datasheet
643Kb / 39P
   AT91 ARM Thumb-based Microcontrollers
ATSAM3U ATMEL-ATSAM3U Datasheet
176Kb / 7P
   AT91 ARM Thumb-based Microcontrollers
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com