Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

5962-0520802VYC Datasheet(PDF) 11 Page - ATMEL Corporation

Part # 5962-0520802VYC
Description  Rad Hard 512K x 8 Very Low Power CMOS SRAM
Download  13 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  ATMEL [ATMEL Corporation]
Direct Link  http://www.atmel.com
Logo ATMEL - ATMEL Corporation

5962-0520802VYC Datasheet(HTML) 11 Page - ATMEL Corporation

Back Button 5962-0520802VYC Datasheet HTML 5Page - ATMEL Corporation 5962-0520802VYC Datasheet HTML 6Page - ATMEL Corporation 5962-0520802VYC Datasheet HTML 7Page - ATMEL Corporation 5962-0520802VYC Datasheet HTML 8Page - ATMEL Corporation 5962-0520802VYC Datasheet HTML 9Page - ATMEL Corporation 5962-0520802VYC Datasheet HTML 10Page - ATMEL Corporation 5962-0520802VYC Datasheet HTML 11Page - ATMEL Corporation 5962-0520802VYC Datasheet HTML 12Page - ATMEL Corporation 5962-0520802VYC Datasheet HTML 13Page - ATMEL Corporation  
Zoom Inzoom in Zoom Outzoom out
 11 / 13 page
background image
11
AT60142F
4408G–AERO–04/09
Ordering Information
Note:
1. Contact Atmel for availability.
2. Will be replaced by SMD part number when available.
3. Will be replaced by ESCC part number when available.
Part Number
Temperature Range
Speed
Package
Flow
AT60142F-DC15M-E
25
°C
15 ns/3.3V
FP36.5
Engineering Samples
5962-0520802QXC
-55
° to +125°C
15 ns/3.3V
FP36.5
QML Q
5962-0520802VXC
-55
° to +125°C
15 ns/3.3V
FP36.5
QML V
5962R0520802VXC
-55
° to +125°C
15 ns/3.3V
FP36.5
QML V RHA
930105202
-55
° to +125°C
15 ns/3.3V
FP36.5
ESCC
AT60142F-DS15M-E
25
°C
15 ns/3.3V
FP36.5 grounded lid
Engineering Samples
5962-0520802QYC
-55
° to +125°C
15 ns/3.3V
FP36.5 grounded lid
QML Q
5962-0520802VYC
-55
° to +125°C
15 ns/3.3V
FP36.5 grounded lid
QML V
5962R0520802VYC
-55
° to +125°C
15 ns/3.3V
FP36.5 grounded lid
QML V RHA
AT60142F-DS15-SCC(3)
-55
° to +125°C
15 ns/3.3V
FP36.5 grounded lid
ESCC
AT60142F-DD15M-E(1)
25
°C
15 ns/3.3V
Die
Engineering Samples
AT60142F-DD15MSV(1) (2)
-55
° to +125°C
15 ns/3.3V
Die
QML V


Similar Part No. - 5962-0520802VYC

ManufacturerPart #DatasheetDescription
logo
ATMEL Corporation
5962-0520802VYC ATMEL-5962-0520802VYC Datasheet
77Kb / 7P
   Rad Hard 512K x 8 Very Low Power CMOS SRAM
More results

Similar Description - 5962-0520802VYC

ManufacturerPart #DatasheetDescription
logo
ATMEL Corporation
AT60142F ATMEL-AT60142F Datasheet
281Kb / 13P
   Rad Hard 512K x 8 Very Low Power CMOS SRAM
AT60142F ATMEL-AT60142F_07 Datasheet
77Kb / 7P
   Rad Hard 512K x 8 Very Low Power CMOS SRAM
AT60142E ATMEL-AT60142E Datasheet
295Kb / 17P
   Rad Hard 512K x 8 Very Low Power CMOS SRAM
AT60142H ATMEL-AT60142H Datasheet
319Kb / 12P
   Rad Hard 512K x 8 Very Low Power CMOS SRAM
AT60142HT ATMEL-AT60142HT Datasheet
319Kb / 12P
   Rad Hard 512K x 8 5V Tolerant Very Low Power CMOS SRAM
AT60142FT ATMEL-AT60142FT_07 Datasheet
291Kb / 13P
   Rad Hard 512K x 8 5V Tolerant Very Low Power CMOS SRAM
AT60142FT ATMEL-AT60142FT_09 Datasheet
352Kb / 13P
   Rad Hard 512K x 8 5V Tolerant Very Low Power CMOS SRAM
M65609E ATMEL-M65609E Datasheet
249Kb / 14P
   Rad. Hard 128K x 8 3.3-volt Very Low Power CMOS SRAM
M65609E ATMEL-M65609E_07 Datasheet
1Mb / 14P
   Rad Hard 128K x 8 3.3-volt Very Low Power CMOS SRAM
logo
Brilliance Semiconducto...
BS62LV4006 BSI-BS62LV4006_06 Datasheet
400Kb / 12P
   Very Low Power CMOS SRAM 512K X 8 bit
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com