Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

WSL432 Datasheet(PDF) 2 Page - Winson Semiconductor Corp.

Part # WSL432
Description  Adjustable Precision Shunt Regulator
Download  8 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  WINSON [Winson Semiconductor Corp.]
Direct Link  http://www.winson.com.tw
Logo WINSON - Winson Semiconductor Corp.

WSL432 Datasheet(HTML) 2 Page - Winson Semiconductor Corp.

  WSL432 Datasheet HTML 1Page - Winson Semiconductor Corp. WSL432 Datasheet HTML 2Page - Winson Semiconductor Corp. WSL432 Datasheet HTML 3Page - Winson Semiconductor Corp. WSL432 Datasheet HTML 4Page - Winson Semiconductor Corp. WSL432 Datasheet HTML 5Page - Winson Semiconductor Corp. WSL432 Datasheet HTML 6Page - Winson Semiconductor Corp. WSL432 Datasheet HTML 7Page - Winson Semiconductor Corp. WSL432 Datasheet HTML 8Page - Winson Semiconductor Corp.  
Zoom Inzoom in Zoom Outzoom out
 2 / 8 page
background image
WSL432
Winson reserves the right to make changes to improve reliability or manufacturability.
©Winson, Jan. 2000 (Rev. A)
Ordering Information
WSL432-XP□N
Elect. Grade
3: 1% Reference Voltage Tolerance
Elect. Grade
5: 1.5% Reference Voltage Tolerance
Package Code
Package Code
A: TO-92
N: No-Lead Product
C: SOT-23
Symbol
REF
ANODE
CATHODE
Functional Diagram


Similar Part No. - WSL432

ManufacturerPart #DatasheetDescription
logo
List of Unclassifed Man...
WSL432 ETC1-WSL432 Datasheet
286Kb / 8P
   Adjustable Precision Shunt Regulator
WSL432-XPA3 ETC1-WSL432-XPA3 Datasheet
286Kb / 8P
   Adjustable Precision Shunt Regulator
WSL432-XPA5 ETC1-WSL432-XPA5 Datasheet
286Kb / 8P
   Adjustable Precision Shunt Regulator
WSL432-XPC3 ETC1-WSL432-XPC3 Datasheet
286Kb / 8P
   Adjustable Precision Shunt Regulator
WSL432-XPC5 ETC1-WSL432-XPC5 Datasheet
286Kb / 8P
   Adjustable Precision Shunt Regulator
More results

Similar Description - WSL432

ManufacturerPart #DatasheetDescription
logo
Ceramate Technical
CP431 CERAMATE-CP431 Datasheet
347Kb / 9P
   Adjustable Precision shunt Regulator
logo
New Japan Radio
NJM431 NJRC-NJM431 Datasheet
216Kb / 5P
   ADJUSTABLE PRECISION SHUNT REGULATOR
logo
Sipex Corporation
SPX431 SIPEX-SPX431 Datasheet
158Kb / 8P
   Precision Adjustable Shunt Regulator
logo
Compact Technology Corp...
TL431 CTC-TL431 Datasheet
399Kb / 7P
   Adjustable Precision Shunt Regulator
logo
E-CMOS Corporation
EC432L E-CMOS-EC432L Datasheet
343Kb / 7P
   Adjustable Precision Shunt Regulator
logo
Advanced Power Electron...
AP432 A-POWER-AP432 Datasheet
329Kb / 8P
   Adjustable Precision Shunt Regulator
logo
ACE Technology Co., LTD...
ACE431S ACE-ACE431S Datasheet
303Kb / 12P
   Adjustable Precision Shunt Regulator
VER 1.2
logo
List of Unclassifed Man...
SE431 ETC-SE431 Datasheet
215Kb / 8P
   ADJUSTABLE PRECISION SHUNT REGULATOR
logo
Anpec Electronics Corop...
APL1431 ANPEC-APL1431 Datasheet
460Kb / 12P
   Adjustable Precision Shunt Regulator
logo
Ceramate Technical
CP432 CERAMATE-CP432 Datasheet
367Kb / 10P
   Adjustable Precision Shunt Regulator
logo
Toshiba Semiconductor
TA76431AS TOSHIBA-TA76431AS Datasheet
242Kb / 7P
   ADJUSTABLE PRECISION SHUNT REGULATOR
More results


Html Pages

1 2 3 4 5 6 7 8


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com