Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

T6818 Datasheet(PDF) 4 Page - ATMEL Corporation

Part # T6818
Description  Triple Half bridge Output Driver with Serial Input Control
Download  15 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  ATMEL [ATMEL Corporation]
Direct Link  http://www.atmel.com
Logo ATMEL - ATMEL Corporation

T6818 Datasheet(HTML) 4 Page - ATMEL Corporation

  T6818 Datasheet HTML 1Page - ATMEL Corporation T6818 Datasheet HTML 2Page - ATMEL Corporation T6818 Datasheet HTML 3Page - ATMEL Corporation T6818 Datasheet HTML 4Page - ATMEL Corporation T6818 Datasheet HTML 5Page - ATMEL Corporation T6818 Datasheet HTML 6Page - ATMEL Corporation T6818 Datasheet HTML 7Page - ATMEL Corporation T6818 Datasheet HTML 8Page - ATMEL Corporation T6818 Datasheet HTML 9Page - ATMEL Corporation Next Button
Zoom Inzoom in Zoom Outzoom out
 4 / 15 page
background image
4
4530H–BCD–09/09
T6818
3.
Functional Description
3.1
Serial Interface
Data transfer starts with the falling edge of the CS signal. Data must appear at DI synchronized
to CLK and are accepted on the falling edge of the CLK signal. LSB (bit 0, SRR) has to be trans-
ferred first. Execution of new input data is enabled on the rising edge of the CS signal. When CS
is high, pin DO is in tri-state condition. This output is enabled on the falling edge of CS. Output
data will change their state with the rising edge of CLK and stay stable until the next rising edge
of CLK appears. LSB (bit 0, TP) is transferred first.
Figure 3-1.
Data Transfer
SRR
LS1HS1LS2HS2LS3
HS3
n. u.
n. u.n. u.n. u.n. u.n. u.
OCS
n. u.n. u.
CS
DI
CLK
DO
TP
S1L
S1H
S2L
S2H
S3L
S3Hn. u.
n. u.n. u.n. u.n. u.n. u.
SCD
OPL
PSF
01
2
3
45
6
7
8
9
101112
13
14
15
Table 3-1.
Input Data Protocol
Bit
Input Register
Function
0SRR
Status register reset (high = reset; the bits PSF, OPL and SCD in the
output data register are set to low)
1
LS1
Controls output LS1 (high = switch output LS1 on)
2
HS1
Controls output HS1 (high = switch output HS1 on)
3
LS2
See LS1
4
HS2
See HS1
5
LS3
See LS1
6
HS3
See HS1
7
n. u.
Not used
8
n. u.
Not used
9
n. u.
Not used
10
n. u.
Not used
11
n. u.
Not used
12
n. u.
Not used
13
OCS
Overcurrent shutdown (high = overcurrent shutdown is active)
14
n. u.
Not used
15
n. u.
Not used


Similar Part No. - T6818

ManufacturerPart #DatasheetDescription
logo
ATMEL Corporation
T6818 ATMEL-T6818 Datasheet
469Kb / 16P
   Triple Halfbridge DMOS OUTPUT DRIVER WITH SERIAL INPUT CONTROL
T6818 ATMEL-T6818 Datasheet
319Kb / 16P
   Triple Halfbridge DMOS Output Driver with Serial Input Control
T6818-TUQ ATMEL-T6818-TUQ Datasheet
469Kb / 16P
   Triple Halfbridge DMOS OUTPUT DRIVER WITH SERIAL INPUT CONTROL
T6818-TUQY ATMEL-T6818-TUQY Datasheet
319Kb / 16P
   Triple Halfbridge DMOS Output Driver with Serial Input Control
T6818-TUS ATMEL-T6818-TUS Datasheet
469Kb / 16P
   Triple Halfbridge DMOS OUTPUT DRIVER WITH SERIAL INPUT CONTROL
More results

Similar Description - T6818

ManufacturerPart #DatasheetDescription
logo
ATMEL Corporation
ATA6826 ATMEL-ATA6826_07 Datasheet
359Kb / 15P
   Triple Half-bridge DMOS Output Driver with Serial Input Control
ATA6826 ATMEL-ATA6826_09 Datasheet
347Kb / 15P
   Triple Half-bridge DMOS Output Driver with Serial Input Control
ATA6826C ATMEL-ATA6826C_14 Datasheet
574Kb / 16P
   Triple Half-bridge DMOS Output Driver with Serial Input Control
ATA6827 ATMEL-ATA6827_07 Datasheet
352Kb / 15P
   High Temperature Triple Half-bridge Driver with Serial Input Control
ATA6827 ATMEL-ATA6827 Datasheet
301Kb / 15P
   High Temperature Triple Half-bridge Driver with Serial Input Control
ATA6836C ATMEL-ATA6836C_14 Datasheet
851Kb / 21P
   Hex Half-bridge Driver with Serial Input Control
ATA6836 ATMEL-ATA6836 Datasheet
434Kb / 20P
   Hex Half-bridge Driver with Serial Input Control
ATA6838C ATMEL-ATA6838C_14 Datasheet
590Kb / 18P
   Hex Half-bridge Driver with Serial Input Control
ATA6838 ATMEL-ATA6838 Datasheet
389Kb / 18P
   Hex Half-bridge Driver with Serial Input Control
ATA6836 ATMEL-ATA6836_09 Datasheet
443Kb / 20P
   Hex Half-bridge Driver with Serial Input Control
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com