Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

AT697E-KG-E Datasheet(PDF) 8 Page - ATMEL Corporation

Part # AT697E-KG-E
Description  Rad-Hard 32 bit SPARC V8 Processor
Download  154 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  ATMEL [ATMEL Corporation]
Direct Link  http://www.atmel.com
Logo ATMEL - ATMEL Corporation

AT697E-KG-E Datasheet(HTML) 8 Page - ATMEL Corporation

Back Button AT697E-KG-E Datasheet HTML 4Page - ATMEL Corporation AT697E-KG-E Datasheet HTML 5Page - ATMEL Corporation AT697E-KG-E Datasheet HTML 6Page - ATMEL Corporation AT697E-KG-E Datasheet HTML 7Page - ATMEL Corporation AT697E-KG-E Datasheet HTML 8Page - ATMEL Corporation AT697E-KG-E Datasheet HTML 9Page - ATMEL Corporation AT697E-KG-E Datasheet HTML 10Page - ATMEL Corporation AT697E-KG-E Datasheet HTML 11Page - ATMEL Corporation AT697E-KG-E Datasheet HTML 12Page - ATMEL Corporation Next Button
Zoom Inzoom in Zoom Outzoom out
 8 / 154 page
background image
8
AT697E
4226G–AERO–05/09
Table 6. AT697E MQFP256 pinout (suite 2)
Notes:
1. ‘Reserved’ pins shall not be driven to any voltage
2. N.C. refers to unconnected pins
pin
number
pin name
pin
number
pin name
pin
number
pin name
190
PCI_AGNT1
213
A/D12
236
A/D19
191
PCI_AREQ0
214
A/D13
237
SYSEN
192
PCI_AGNT0
215
A/D14
238
A/D20
193
A/D0
216
A/D15
239
VCC33
194
VCC33
217
VCC33
240
A/D21
195
A/D1
218
C/BE1
241
A/D22
196
A/D2
219
PAR
242
A/D23
197
A/D3
220
SERR
243
IDSEL
198
A/D4
221
PERR
244
C/BE3
199
VSS
222
VCC33
245
VCC33
200
VDD18
223
PCI_LOCK
246
A/D24
201
VCC33
224
STOP
247
A/D25
202
A/D5
225
DEVSEL
248
A/D26
203
A/D6
226
TRDY
249
VSS
204
A/D7
227
VCC33
250
VDD18
205
C/BE0
228
IRDY
251
A/D27
206
VSS
229
FRAME
252
VCC33
207
VCC33
230
VSS
253
A/D28
208
A/D8
231
C/BE2
254
A/D29
209
A/D9
232
A/D16
255
A/D30
210
A/D10
233
VCC33
256
A/D31
211
A/D11
234
A/D17
212
VCC33
235
A/D18


Similar Part No. - AT697E-KG-E

ManufacturerPart #DatasheetDescription
logo
ATMEL Corporation
AT697E-2E-E ATMEL-AT697E-2E-E Datasheet
227Kb / 16P
   Rad-Hard 32 bit SPARC V8 Processor
AT697E-2E-E ATMEL-AT697E-2E-E Datasheet
77Kb / 7P
   Rad-Hard 32 bit SPARC V8 Processor
AT697E-2E-MQ ATMEL-AT697E-2E-MQ Datasheet
77Kb / 7P
   Rad-Hard 32 bit SPARC V8 Processor
More results

Similar Description - AT697E-KG-E

ManufacturerPart #DatasheetDescription
logo
ATMEL Corporation
AT697E ATMEL-AT697E_14 Datasheet
264Kb / 7P
   Rad-Hard 32-bit SPARC v8 Processor
AT697E ATMEL-AT697E Datasheet
227Kb / 16P
   Rad-Hard 32 bit SPARC V8 Processor
AT697F ATMEL-AT697F Datasheet
4Mb / 155P
   Rad-Hard 32 bit SPARC V8 Processor
AT697E ATMEL-AT697E_06 Datasheet
77Kb / 7P
   Rad-Hard 32 bit SPARC V8 Processor
TSC695F ATMEL-TSC695F_04 Datasheet
2Mb / 42P
   Rad-Hard 32-bit SPARC Embedded Processor
TSC695F ATMEL-TSC695F Datasheet
2Mb / 42P
   Rad-Hard 32-bit SPARC Embedded Processor
TSC695FL ATMEL-TSC695FL Datasheet
3Mb / 42P
   Low-Voltage Rad-Hard 32-bit SPARC Embedded Processor
AT697F ATMEL-AT697F_14 Datasheet
7Mb / 176P
   SPARC V8 High Performance Low-power 32-bit Architecture
AT697E ATMEL-AT697E_14 Datasheet
7Mb / 7P
   SPARC V8 High Performance Low-power 32-bit Architecture
logo
Aeroflex Circuit Techno...
GR712RC AEROFLEX-GR712RC Datasheet
838Kb / 48P
   Dual-Core LEON3-FT SPARC V8 Processor
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com