Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

5962-8959818QTC Datasheet(PDF) 1 Page - ATMEL Corporation

Part # 5962-8959818QTC
Description  Rad. Tolerant 128Kx8, 5-Volt Very Low Power CMOS SRAM
Download  16 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  ATMEL [ATMEL Corporation]
Direct Link  http://www.atmel.com
Logo ATMEL - ATMEL Corporation

5962-8959818QTC Datasheet(HTML) 1 Page - ATMEL Corporation

  5962-8959818QTC Datasheet HTML 1Page - ATMEL Corporation 5962-8959818QTC Datasheet HTML 2Page - ATMEL Corporation 5962-8959818QTC Datasheet HTML 3Page - ATMEL Corporation 5962-8959818QTC Datasheet HTML 4Page - ATMEL Corporation 5962-8959818QTC Datasheet HTML 5Page - ATMEL Corporation 5962-8959818QTC Datasheet HTML 6Page - ATMEL Corporation 5962-8959818QTC Datasheet HTML 7Page - ATMEL Corporation 5962-8959818QTC Datasheet HTML 8Page - ATMEL Corporation 5962-8959818QTC Datasheet HTML 9Page - ATMEL Corporation Next Button
Zoom Inzoom in Zoom Outzoom out
 1 / 16 page
background image
Features
Operating Voltage: 5V
Access Time: 30, 45 ns
Very Low Power Consumption
Active: 600 mW (Max)
Standby: 1 µW (Typ)
Wide Temperature Range: -55⋅C to +125⋅C
400 Mils Width Packages: FP32 and SB32
TTL Compatible Inputs and Outputs
Asynchronous
No Single Event Latch-up below a LET Threshold of 80 MeV/mg/cm2
Tested up to a Total Dose of 30 krads (Si) according to MIL STD 883 Method 1019
QML Q and V with SMD 5962-89598
ESCC with Specification 9301/047
Description
The M65608E is a very low power CMOS static RAM organized as 131072 x 8 bits.
Utilizing an array of six transistors (6T) memory cells, the M65608E combines an
extremely low standby supply current (Typical value = 0.2 µA) with a fast access time
at 30 ns over the full military temperature range. The high stability of the 6T cell pro-
vides excellent protection against soft errors due to noise.
The M65608E is processed according to the methods of the latest revision of the MIL
PRF 38535 or ESCC 9000.
Rad. Tolerant
128Kx8, 5-Volt
Very Low Power
CMOS SRAM
M65608E


Similar Part No. - 5962-8959818QTC

ManufacturerPart #DatasheetDescription
logo
ATMEL Corporation
5962-8959818QTC ATMEL-5962-8959818QTC Datasheet
340Kb / 15P
   Rad. Tolerant 128K x 8 Very Low Power 5V CMOS SRAM
More results

Similar Description - 5962-8959818QTC

ManufacturerPart #DatasheetDescription
logo
ATMEL Corporation
M65608E ATMEL-M65608E_07 Datasheet
1Mb / 16P
   Rad. Tolerant 128K x 8 5-volts Very Low Power CMOS SRAM
M65608E ATMEL-M65608E Datasheet
340Kb / 15P
   Rad. Tolerant 128K x 8 Very Low Power 5V CMOS SRAM
AT60142HT ATMEL-AT60142HT Datasheet
319Kb / 12P
   Rad Hard 512K x 8 5V Tolerant Very Low Power CMOS SRAM
AT60142FT ATMEL-AT60142FT_07 Datasheet
291Kb / 13P
   Rad Hard 512K x 8 5V Tolerant Very Low Power CMOS SRAM
AT60142FT ATMEL-AT60142FT_09 Datasheet
352Kb / 13P
   Rad Hard 512K x 8 5V Tolerant Very Low Power CMOS SRAM
M65609E ATMEL-M65609E Datasheet
249Kb / 14P
   Rad. Hard 128K x 8 3.3-volt Very Low Power CMOS SRAM
M65609E ATMEL-M65609E_07 Datasheet
1Mb / 14P
   Rad Hard 128K x 8 3.3-volt Very Low Power CMOS SRAM
AT60142F ATMEL-AT60142F Datasheet
281Kb / 13P
   Rad Hard 512K x 8 Very Low Power CMOS SRAM
AT60142F ATMEL-AT60142F_07 Datasheet
77Kb / 7P
   Rad Hard 512K x 8 Very Low Power CMOS SRAM
AT60142E ATMEL-AT60142E Datasheet
295Kb / 17P
   Rad Hard 512K x 8 Very Low Power CMOS SRAM
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com