Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

5962-03A0601QXC Datasheet(PDF) 9 Page - ATMEL Corporation

Part # 5962-03A0601QXC
Description  CAN Controller for Space Application
Download  50 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  ATMEL [ATMEL Corporation]
Direct Link  http://www.atmel.com
Logo ATMEL - ATMEL Corporation

5962-03A0601QXC Datasheet(HTML) 9 Page - ATMEL Corporation

Back Button 5962-03A0601QXC Datasheet HTML 5Page - ATMEL Corporation 5962-03A0601QXC Datasheet HTML 6Page - ATMEL Corporation 5962-03A0601QXC Datasheet HTML 7Page - ATMEL Corporation 5962-03A0601QXC Datasheet HTML 8Page - ATMEL Corporation 5962-03A0601QXC Datasheet HTML 9Page - ATMEL Corporation 5962-03A0601QXC Datasheet HTML 10Page - ATMEL Corporation 5962-03A0601QXC Datasheet HTML 11Page - ATMEL Corporation 5962-03A0601QXC Datasheet HTML 12Page - ATMEL Corporation 5962-03A0601QXC Datasheet HTML 13Page - ATMEL Corporation Next Button
Zoom Inzoom in Zoom Outzoom out
 9 / 50 page
background image
9
AT7908E
4268D–AERO–11/09
Detailed Pin Description
Internal Register
Description
MODE
Input pin to select the operational mode of the interface:
mode = 0 : 8 bits of the data bus multiplexed with the lowest 8 bits of the address(register mapped between
8000Hex and 804Chex)
mode = 1 : 8 bits not multiplexed with the address data bus ( register mapped between 00 Hex and 4C Hex)
CS
Chip select pin to write or read the internal register. A high level on this pin enables the CPU to access the
AT7908E.
WR
Pin to write the internal register. A low level on this pin enables the writing of the AT7908E register (if CS signal is
HIGH).
RD
Pin to read the internal register. A low level on this pin enables the readout of the AT7908E register (if CS signal is
HIGH).
ALE
Address-latch-enable. Used in mode=0.
XTALIN
Input pin for the clock. XTALIN, with XTALOUT, are the crystal connections for the internal oscillator.
XTALOUT
Input output pin. This pin could be used as the input, together with XTALIN, for the internal oscillator or as the
clock output to drive the CPU.
RESET
Reset signal for the AT7908E. To reset the AT7908E, this signal must be set low.
DATA<7:0>
Bi-directional bus: Multiplexed data/address bus in the mode 0 or data bus in the mode1.
ADDR<7:0>
Highest input address in the mode0 or lowest input address in the mode 1.
INT
Output pin for the interrupt request to the MCU. This pin is active low (interrupt generation) and will be kept low
until the MCU clears the interrupt request on AT7908E.
CAN_TX
Serial output pin to the CAN transceiver (dominant=‘0’, recessive=‘1’)
CAN_RX
Serial input from the CAN transceiver (dominant=‘0’, recessive=‘1’).
SENA
Input signal to enable the scan-test (with test = 1) or to put the AT7908E on power down mode (with test signal =
0). To use the AT7908E in normal functional mode, this signal must be logical 0.
TEST
Input signal to increase the testability. This pin will be used in the test modality. Test = 1 => test mode (used by the
manufacturer that executes the test of the device. Test = 0 => functional mode ( if SENA =0) or power down
mode ( if SENA =1).
HATRIG
Output signal that will be set high (duration of the pulse = 13 clock cycles) if the received message arbitration
matches the TRIGGER_MATCH register (independently from the matching between the arbitration of the
incoming message and the identifier of the message buffers). This pin could be used for the bus switching in a
system with two physical buses (nominal and redundant).
HASYNC
Output signal that could be used to advise that the node started to transmit a message or started to receive a
message (duration of the pulse = 13 clock cycles).
Register Name
Type
R = read
R/W =
read/write
Address
Hex
Register function ( bit7… bit0)
SETUP_0
R/W
00
BPR1
BPR0
Gensync
Tx
Gensync
Rx
Errint
Overint
Rxint
Txint
SETUP_1
R/W
01
Disabled
TXRM
TXEM
TMRMR
TXDLC3
TXDLC1
TXDLC1
TXDLC0
SETUP_2
R/W
02
PS2_3
PS2_2
PS2_1
PS2_0
PS1_3
PS1_2
PS1_1
PS1_0
SETUP_3
R/W
03
RxClr
Reset
IntClr
AbortTx
Txreq
RSJ2
RSJ1
RSJ0
SETUP_RX
R/W
04
reserved
reserved
reserved
Reserved
reserved
Rxclr3
Rxclr2
Rxclr1


Similar Part No. - 5962-03A0601QXC

ManufacturerPart #DatasheetDescription
logo
ATMEL Corporation
5962-03A06QXC ATMEL-5962-03A06QXC Datasheet
77Kb / 7P
   CAN Controller for Space Application
5962-03A06VXC ATMEL-5962-03A06VXC Datasheet
77Kb / 7P
   CAN Controller for Space Application
More results

Similar Description - 5962-03A0601QXC

ManufacturerPart #DatasheetDescription
logo
ATMEL Corporation
AT7908E ATMEL-AT7908E Datasheet
77Kb / 7P
   CAN Controller for Space Application
logo
Micro Commercial Compon...
ESDLC2V8P8U MCC-ESDLC2V8P8U Datasheet
617Kb / 3P
   For space saving application
logo
Axiomtek Co., Ltd.
GOT-3840TL AXIOMTEK-GOT-3840TL_16 Datasheet
318Kb / 2P
   Compact design for space-limited application
GOT-3840TL AXIOMTEK-GOT-3840TL Datasheet
277Kb / 2P
   Compact design for space-limited application
logo
Microsemi Corporation
LX7730 MICROSEMI-LX7730 Datasheet
3Mb / 54P
   64 Analog Input Telemetry Controller for Space
June 2020 rev 2.4
logo
California Eastern Labs
GET-30698 CEL-GET-30698 Datasheet
1Mb / 39P
   Specification Control Drawing Grade L Devices For Space Application
logo
Micro Commercial Compon...
ESD3V3D5 MCC-ESD3V3D5_13 Datasheet
312Kb / 3P
   3.3V~12Volts ESD Protection Devices For space saving application
logo
Schurter Inc.
MGA-S SCHURTER-MGA-S_15 Datasheet
260Kb / 4P
   Surface Mount Fuse for Space Application, ESCC QPL Listed
logo
Advanced XTAL Products
AXIOM75SH AXTAL-AXIOM75SH Datasheet
542Kb / 13P
   Low Phase Noise OCXO for Space Application (COTS version)
logo
Schurter Inc.
MGA-S SCHURTER-MGA-S Datasheet
370Kb / 3P
   Surface Mount Fuse for Space Application, ESCC QPL Listed
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com