Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

9248yF-50-T Datasheet(PDF) 3 Page - Integrated Circuit Systems

Part # 9248yF-50-T
Description  Frequency Timing Generator for Pentium II Systems
Download  10 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  ICST [Integrated Circuit Systems]
Direct Link  http://www.icst.com
Logo ICST - Integrated Circuit Systems

9248yF-50-T Datasheet(HTML) 3 Page - Integrated Circuit Systems

  9248yF-50-T Datasheet HTML 1Page - Integrated Circuit Systems 9248yF-50-T Datasheet HTML 2Page - Integrated Circuit Systems 9248yF-50-T Datasheet HTML 3Page - Integrated Circuit Systems 9248yF-50-T Datasheet HTML 4Page - Integrated Circuit Systems 9248yF-50-T Datasheet HTML 5Page - Integrated Circuit Systems 9248yF-50-T Datasheet HTML 6Page - Integrated Circuit Systems 9248yF-50-T Datasheet HTML 7Page - Integrated Circuit Systems 9248yF-50-T Datasheet HTML 8Page - Integrated Circuit Systems 9248yF-50-T Datasheet HTML 9Page - Integrated Circuit Systems Next Button
Zoom Inzoom in Zoom Outzoom out
 3 / 10 page
background image
3
ICS9248-50
0278I—06/03/03
Select Functions
y
t
i
l
a
n
o
i
t
c
n
u
FK
L
C
U
P
C
,
I
C
P
F
_
I
C
P
0
F
E
R
e
t
a
t
s
i
r
TZ
-
I
HZ
-
I
HZ
-
I
H
e
d
o
m
t
s
e
T2
/
K
L
C
T
1
6
/
K
L
C
T
1
K
L
C
T
1
L
E
S
#
6
6
/
0
0
1
#
S
Tn
o
i
t
c
n
u
F
00
e
t
a
t
S
-
i
r
T
0-
)
d
e
v
r
e
s
e
R
(
0-
)
d
e
v
r
e
s
e
R
(
01
I
C
P
3
.
3
3
,
U
P
C
z
H
M
6
.
6
6
e
v
i
t
c
A
10
e
d
o
M
t
s
e
T
1-
)
d
e
v
r
e
s
e
R
(
1-
)
d
e
v
r
e
s
e
R
(
11
I
C
P
3
.
3
3
,
U
P
C
z
H
M
0
0
1
e
v
i
t
c
A
Power Management
ICS9248-50 Power Management Requirements
Clock Enable Configuration
Notes.
1. Clock on latency is defined from when the clock enable goes active to when the first valid clock comes out of the device.
2. Clock off latency is defined from when the clock enable goes inactive to when the last clock is driven low out of the device.
3. Power up latency is when PD# goes inactive (high) to when the first valid clocks are output by the device.
4. Power down has controlled clock counts applicable to CPUCLK, PCICLK only.
The REF will be stopped independant of these.
L
A
N
G
I
SE
T
A
T
S
L
A
N
G
I
S
y
c
n
e
t
a
L
e
e
r
f
f
o
s
e
g
d
e
g
n
i
s
i
r
f
o
.
o
N
K
L
C
I
C
P
g
n
i
n
n
u
r
#
P
O
T
S
_
U
P
C)
d
e
l
b
a
s
i
D
(
0
2
1
)
d
e
l
b
a
n
E
(
1
1
1
#
P
O
T
S
_
I
C
P)
d
e
l
b
a
s
i
D
(
0
2
1
)
d
e
l
b
a
n
E
(
1
1
1
#
D
P)
n
o
i
t
a
r
e
p
O
l
a
m
r
o
N
(
1
3
s
m
3
)
n
w
o
D
r
e
w
o
P
(
0
4
x
a
m
2
#
P
O
T
S
_
U
P
C#
P
O
T
S
_
I
C
P#
N
W
D
_
R
W
PK
L
C
U
P
CK
L
C
I
C
PF
_
K
L
C
I
C
PF
E
Rl
a
t
s
y
r
Cs
O
C
V
XX
0
w
o
Lw
o
Lw
o
Ld
e
p
p
o
t
Sf
f
Of
f
O
00
1
w
o
Lw
o
Lz
H
M
3
.
3
3g
n
i
n
n
u
Rg
n
i
n
n
u
Rg
n
i
n
n
u
R
01
1
w
o
Lz
H
M
3
.
3
3z
H
M
3
.
3
3g
n
i
n
n
u
Rg
n
i
n
n
u
Rg
n
i
n
n
u
R
10
1
z
H
M
6
.
6
6
/
0
0
1w
o
Lz
H
M
3
.
3
3g
n
i
n
n
u
Rg
n
i
n
n
u
Rg
n
i
n
n
u
R
11
1
z
H
M
6
.
6
6
/
0
0
1z
H
M
3
.
3
3z
H
M
3
.
3
3g
n
i
n
n
u
Rg
n
i
n
n
u
Rg
n
i
n
n
u
R


Similar Part No. - 9248yF-50-T

ManufacturerPart #DatasheetDescription
logo
Renesas Technology Corp
9248YF-138 RENESAS-9248YF-138 Datasheet
344Kb / 13P
   Frequency Generator & Integrated Buffers for Celeron & PII/III TM
2019
9248YF-95LF RENESAS-9248YF-95LF Datasheet
696Kb / 17P
   Frequency Generator & Integrated Buffers for PENTIUM/ProTM
2019
More results

Similar Description - 9248yF-50-T

ManufacturerPart #DatasheetDescription
logo
Integrated Circuit Syst...
ICS9248-157 ICST-ICS9248-157 Datasheet
151Kb / 11P
   Frequency Timing Generator for Pentium II Systems
ICS9248-61 ICST-ICS9248-61 Datasheet
291Kb / 9P
   Frequency Timing Generator for Pentium II Systems
ICS9248-66 ICST-ICS9248-66 Datasheet
382Kb / 11P
   Frequency Timing Generator for PENTIUM II Systems
ICS9248-97 ICST-ICS9248-97 Datasheet
466Kb / 14P
   Frequency Timing Generator for PENTIUM II Systems
ICS9248-78 ICST-ICS9248-78 Datasheet
604Kb / 13P
   Frequency Timing Generator for Pentium II Systems
ICS9250-10 ICST-ICS9250-10 Datasheet
668Kb / 16P
   Frequency Timing Generator for Pentium II Systems
logo
Renesas Technology Corp
ICS9250-10 RENESAS-ICS9250-10 Datasheet
432Kb / 16P
   Frequency Timing Generator for Pentium II Systems
12/14/01
ICS9248-77 RENESAS-ICS9248-77 Datasheet
676Kb / 15P
   Frequency Timing Generator for PENTIUM II Systems
2019
logo
Integrated Circuit Syst...
ICS9248-73 ICST-ICS9248-73 Datasheet
356Kb / 15P
   Frequency Timing Generator for Pentium II Systems
ICS9250-14 ICST-ICS9250-14 Datasheet
410Kb / 13P
   Frequency Timing Generator for Pentium II Systems
More results


Html Pages

1 2 3 4 5 6 7 8 9 10


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com