Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

AT89LP428-20JU Datasheet(PDF) 2 Page - ATMEL Corporation

Part # AT89LP428-20JU
Description  8-bit Microcontroller with 4K/8K Bytes In-System Programmable Flash
Download  149 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  ATMEL [ATMEL Corporation]
Direct Link  http://www.atmel.com
Logo ATMEL - ATMEL Corporation

AT89LP428-20JU Datasheet(HTML) 2 Page - ATMEL Corporation

  AT89LP428-20JU Datasheet HTML 1Page - ATMEL Corporation AT89LP428-20JU Datasheet HTML 2Page - ATMEL Corporation AT89LP428-20JU Datasheet HTML 3Page - ATMEL Corporation AT89LP428-20JU Datasheet HTML 4Page - ATMEL Corporation AT89LP428-20JU Datasheet HTML 5Page - ATMEL Corporation AT89LP428-20JU Datasheet HTML 6Page - ATMEL Corporation AT89LP428-20JU Datasheet HTML 7Page - ATMEL Corporation AT89LP428-20JU Datasheet HTML 8Page - ATMEL Corporation AT89LP428-20JU Datasheet HTML 9Page - ATMEL Corporation Next Button
Zoom Inzoom in Zoom Outzoom out
 2 / 149 page
background image
2
3654A–MICRO–8/09
AT89LP428/828
1.
Pin Configurations
1.1
28P3 – 28-lead PDIP
1.2
32A – 32-lead TQFP (Top View)
1
2
3
4
5
6
7
8
9
10
11
12
13
14
28
27
26
25
24
23
22
21
20
19
18
17
16
15
AIN1/P2.5
AIN0/P2.4
RXD/P3.0
TXD/P3.1
XTAL2/P4.1
XTAL1/P4.0
GND
INT0/P3.2
INT1/P3.3
T0/P3.4
T1/P3.5
RST/P3.6
CCD/P2.3
CCC/P2.2
P2.6/AIN2
P2.7/AIN3
P1.7/SCK
P1.6/MISO
P1.5/MOSI
P1.4/SS
P1.3
VCC
P1.2
P1.1/T2EX
P1.0/T2
P3.7
P2.0/CCA
P2.1/CCB
1
2
3
4
5
6
7
8
24
23
22
21
20
19
18
17
XTAL2/P4.1
XTAL1/P4.0
P4.5
GND
P4.4
INT0/P3.2
INT1/P3.3
T0/P3.4
P1.5/MOSI
P1.4/SS
P1.3
P4.2
VCC
P4.3
P1.2
P1.1/T2EX
1.3
32J – 32-lead PLCC
1.4
32M1-A – 32-pad MLF (Top View)
5
6
7
8
9
10
11
12
13
29
28
27
26
25
24
23
22
21
XTAL2/P4.1
XTAL1/P4.0
P4.5
GND
P4.4
INT0/P3.2
INT1/P3.3
T0/P3.4
T1/P3.5
P1.6/MISO
P1.5/MOSI
P1.4/SS
P1.3
P4.2
VCC
P4.3
P1.2
P1.1/T2EX
1
2
3
4
5
6
7
8
24
23
22
21
20
19
18
17
XTAL2/P4.1
XTAL1/P4.0
P4.5
GND
P4.4
INT0/P4.3
INT1/P4.4
T0/P3.4
P1.5/MOSI
P1.4/SS
P1.3
P4.2
VDD
P4.3
P1.2
P1.1/T2EX
Bottom pad
should be
soldered to ground
NOTE:


Similar Part No. - AT89LP428-20JU

ManufacturerPart #DatasheetDescription
logo
ATMEL Corporation
AT89LP428 ATMEL-AT89LP428_14 Datasheet
4Mb / 149P
   8-bit Microcontroller Compatible with MCS51 Products
More results

Similar Description - AT89LP428-20JU

ManufacturerPart #DatasheetDescription
logo
ATMEL Corporation
AT89LP51 ATMEL-AT89LP51_11 Datasheet
4Mb / 113P
   8-bit Microcontroller with 4K/8K Bytes In-System Programmable Flash
AT90S4434 ATMEL-AT90S4434 Datasheet
482Kb / 10P
   8-Bit Microcontroller with 4K/8K Bytes In-System Programmable Flash
ATMEGA4HVD ATMEL-ATMEGA4HVD Datasheet
286Kb / 18P
   8-bit Microcontroller with 4K/8K Bytes In-System Programmable Flash
ATTINY261 ATMEL-ATTINY261_10 Datasheet
444Kb / 11P
   8-bit Microcontroller with 2K/4K/8K Bytes In-System Programmable Flash
ATTINY24A ATMEL-ATTINY24A_12 Datasheet
721Kb / 22P
   8-bit Microcontroller with 2K/4K/8K Bytes In-System Programmable Flash
ATMEGA48V ATMEL-ATMEGA48V_06 Datasheet
3Mb / 374P
   8-bit Microcontroller with 8K Bytes In-System Programmable Flash
ATMEGA88 ATMEL-ATMEGA88_1 Datasheet
369Kb / 10P
   8-bit Microcontroller with 8K Bytes In-System Programmable Flash
AT89LP51 ATMEL-AT89LP51 Datasheet
4Mb / 113P
   8-bit Microcontroller with 8K Bytes In-System Programmable Flash
ATMEGA8515 ATMEL-ATMEGA8515_10 Datasheet
1Mb / 257P
   8-bit Microcontroller with 8K Bytes In-System Programmable Flash
AT89S52 ATMEL-AT89S52_08 Datasheet
576Kb / 38P
   8-bit Microcontroller with 8K Bytes In-System Programmable Flash
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com