Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

AT89LP428-20JU Datasheet(PDF) 9 Page - ATMEL Corporation

Part # AT89LP428-20JU
Description  8-bit Microcontroller with 4K/8K Bytes In-System Programmable Flash
Download  149 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  ATMEL [ATMEL Corporation]
Direct Link  http://www.atmel.com
Logo ATMEL - ATMEL Corporation

AT89LP428-20JU Datasheet(HTML) 9 Page - ATMEL Corporation

Back Button AT89LP428-20JU Datasheet HTML 5Page - ATMEL Corporation AT89LP428-20JU Datasheet HTML 6Page - ATMEL Corporation AT89LP428-20JU Datasheet HTML 7Page - ATMEL Corporation AT89LP428-20JU Datasheet HTML 8Page - ATMEL Corporation AT89LP428-20JU Datasheet HTML 9Page - ATMEL Corporation AT89LP428-20JU Datasheet HTML 10Page - ATMEL Corporation AT89LP428-20JU Datasheet HTML 11Page - ATMEL Corporation AT89LP428-20JU Datasheet HTML 12Page - ATMEL Corporation AT89LP428-20JU Datasheet HTML 13Page - ATMEL Corporation Next Button
Zoom Inzoom in Zoom Outzoom out
 9 / 149 page
background image
9
3654A–MICRO–8/09
AT89LP428/828
3.1
Program Memory
The AT89LP428/828 contains 4K/8K bytes of on-chip In-System Programmable Flash memory
for program storage. The Flash memory has an endurance of at least 100,000 write/erase
cycles and a minimum data retention time of 10 years. The reset and interrupt vectors are
located within the first 83 bytes of program memory (refer to Table 9-1 on page 30). Constant
tables can be allocated within the entire 4K/8K program memory address space for access by
the MOVC instruction. The AT89LP428/828 does not support external program memory. A map
of the AT89LP428/828 program memory is shown in Figure 3-1.
Figure 3-1.
Program Memory Map
3.1.1
SIG
In addition to the 4K/8K code space, the AT89LP428/828 also supports a 128-byte User
Signature Array and a 64-byte Atmel Signature Array that are accessible by the CPU. The Atmel
Signature Array is initialized with the Device ID in the factory. The second page of the User Sig-
nature Array (00C0H - 00FFH) is initialized with analog configuration data including the Internal
RC Oscillator calibration byte. The User Signature Array is also available for user identification
codes or constant parameter data. Data stored in the signature array is not secure. Security bits
will disable writes to the array; however, reads by an external device programmer are always
allowed.
Table 3-2.
AT89LP828 Memory Address Spaces
Name
Description
Range
DATA
Directly addressable internal RAM
00H - 7FH
IDATA
Indirectly addressable internal RAM and stack space
00H - FFH
SFR
Directly addressable I/O register space
80H - FFH
EDATA
On-chip Extra RAM
0000H - 01FFH
FDATA
On-chip nonvolatile Flash data memory
0200H - 05FFH
CODE
On-chip nonvolatile Flash program memory
0000H - 1FFFH
SIG
On-chip nonvolatile Flash signature array
0000H - 00FFH
Program Memory
0000
1FFF
0000
003F
User Signature Array
0080
00FF
Atmel Signature Array
SIGEN = 0
SIGEN = 1
Program Memory
0000
0FFF
0000
003F
User Signature Array
0080
00FF
Atmel Signature Array
AT89LP428
AT89LP828


Similar Part No. - AT89LP428-20JU

ManufacturerPart #DatasheetDescription
logo
ATMEL Corporation
AT89LP428 ATMEL-AT89LP428_14 Datasheet
4Mb / 149P
   8-bit Microcontroller Compatible with MCS51 Products
More results

Similar Description - AT89LP428-20JU

ManufacturerPart #DatasheetDescription
logo
ATMEL Corporation
AT89LP51 ATMEL-AT89LP51_11 Datasheet
4Mb / 113P
   8-bit Microcontroller with 4K/8K Bytes In-System Programmable Flash
AT90S4434 ATMEL-AT90S4434 Datasheet
482Kb / 10P
   8-Bit Microcontroller with 4K/8K Bytes In-System Programmable Flash
ATMEGA4HVD ATMEL-ATMEGA4HVD Datasheet
286Kb / 18P
   8-bit Microcontroller with 4K/8K Bytes In-System Programmable Flash
ATTINY261 ATMEL-ATTINY261_10 Datasheet
444Kb / 11P
   8-bit Microcontroller with 2K/4K/8K Bytes In-System Programmable Flash
ATTINY24A ATMEL-ATTINY24A_12 Datasheet
721Kb / 22P
   8-bit Microcontroller with 2K/4K/8K Bytes In-System Programmable Flash
ATMEGA48V ATMEL-ATMEGA48V_06 Datasheet
3Mb / 374P
   8-bit Microcontroller with 8K Bytes In-System Programmable Flash
ATMEGA88 ATMEL-ATMEGA88_1 Datasheet
369Kb / 10P
   8-bit Microcontroller with 8K Bytes In-System Programmable Flash
AT89LP51 ATMEL-AT89LP51 Datasheet
4Mb / 113P
   8-bit Microcontroller with 8K Bytes In-System Programmable Flash
ATMEGA8515 ATMEL-ATMEGA8515_10 Datasheet
1Mb / 257P
   8-bit Microcontroller with 8K Bytes In-System Programmable Flash
AT89S52 ATMEL-AT89S52_08 Datasheet
576Kb / 38P
   8-bit Microcontroller with 8K Bytes In-System Programmable Flash
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com