Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

AT89LP428-20AU Datasheet(PDF) 4 Page - ATMEL Corporation

Part # AT89LP428-20AU
Description  8-bit Microcontroller with 4K/8K Bytes In-System Programmable Flash
Download  149 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  ATMEL [ATMEL Corporation]
Direct Link  http://www.atmel.com
Logo ATMEL - ATMEL Corporation

AT89LP428-20AU Datasheet(HTML) 4 Page - ATMEL Corporation

  AT89LP428-20AU Datasheet HTML 1Page - ATMEL Corporation AT89LP428-20AU Datasheet HTML 2Page - ATMEL Corporation AT89LP428-20AU Datasheet HTML 3Page - ATMEL Corporation AT89LP428-20AU Datasheet HTML 4Page - ATMEL Corporation AT89LP428-20AU Datasheet HTML 5Page - ATMEL Corporation AT89LP428-20AU Datasheet HTML 6Page - ATMEL Corporation AT89LP428-20AU Datasheet HTML 7Page - ATMEL Corporation AT89LP428-20AU Datasheet HTML 8Page - ATMEL Corporation AT89LP428-20AU Datasheet HTML 9Page - ATMEL Corporation Next Button
Zoom Inzoom in Zoom Outzoom out
 4 / 149 page
background image
4
3654A–MICRO–8/09
AT89LP428/828
17
21
19
P1.1
I/O
I
I
P1.1: User-configurable I/O Port 1 bit 1.
T2EX: Timer 2 External Capture/Reload Input.
GPI1: General-purpose Interrupt input 1.
18
22
20
P1.2
I/O
I
P1.2: User-configurable I/O Port 1 bit 2.
GPI2: General-purpose Interrupt input 2.
19
23
N/A
P4.3
I/O
P4.3: User-configurable I/O Port 4 bit 3.
20
24
21
VCC
I
Supply Voltage.
21
25
N/A
P4.2
I/O
P4.2: User-configurable I/O Port 4 bit 2.
22
26
22
P1.3
I/O
I
P1.3: User-configurable I/O Port 1 bit 3.
GPI3: General-purpose Interrupt input 3.
23
27
23
P1.4
I/O
I
I
P1.4: User-configurable I/O Port 1 bit 4.
SS: SPI Slave-select.
GPI6: General-purpose Interrupt input 4.
24
28
24
P1.5
I/O
I/O
I
P1.5: User-configurable I/O Port 1 bit 5.
MOSI: SPI master-out/slave-in. When configured as master, this pin is an output.
When configured as slave, this pin is an input.
GPI5: General-purpose Interrupt input 5.
25
29
25
P1.6
I/O
I/O
I
P1.6: User-configurable I/O Port 1 bit 6.
MISO: SPI master-in/slave-out. When configured as master, this pin is an input.
When configured as slave, this pin is an output.
GPI6: General-purpose Interrupt input 6.
26
30
26
P1.7
I/O
I/O
I
P1.7: User-configurable I/O Port 1 bit 7.
SCK: SPI Clock. When configured as master, this pin is an output. When
configured as slave, this pin is an input.
GPI7: General-purpose Interrupt input 7.
27
31
27
P2.6
I/O
I
P2.6: User-configurable I/O Port 2 bit 6.
AIN2: Analog Input 2.
28
32
28
P2.7
I/O
I
P2.7: User-configurable I/O Port 2 bit 7.
AIN3: Analog Input 3.
29
1
1
P2.5
I/O
I
P2.5: User-configurable I/O Port 2 bit 5.
AIN1: Analog Input 1.
30
2
2
P2.4
I/O
I
P2.4: User-configurable I/O Port 2 bit 5.
AIN0: Analog Input 0.
31
3
3
P3.0
I/O
I
P3.0: User-configurable I/O Port 3 bit 0.
RXD: Serial Port Receiver Input.
32
4
4
P3.1
I/O
O
P3.1: User-configurable I/O Port 3 bit 1.
TXD: Serial Port Transmitter Output.
Table 1-1.
AT89LP428/828 Pin Description (Continued)
Pin Number
Symbol
Type
Description
TQFP
/MLF
PLCC
PDIP


Similar Part No. - AT89LP428-20AU

ManufacturerPart #DatasheetDescription
logo
ATMEL Corporation
AT89LP428 ATMEL-AT89LP428_14 Datasheet
4Mb / 149P
   8-bit Microcontroller Compatible with MCS51 Products
More results

Similar Description - AT89LP428-20AU

ManufacturerPart #DatasheetDescription
logo
ATMEL Corporation
AT89LP51 ATMEL-AT89LP51_11 Datasheet
4Mb / 113P
   8-bit Microcontroller with 4K/8K Bytes In-System Programmable Flash
AT90S4434 ATMEL-AT90S4434 Datasheet
482Kb / 10P
   8-Bit Microcontroller with 4K/8K Bytes In-System Programmable Flash
ATMEGA4HVD ATMEL-ATMEGA4HVD Datasheet
286Kb / 18P
   8-bit Microcontroller with 4K/8K Bytes In-System Programmable Flash
ATTINY261 ATMEL-ATTINY261_10 Datasheet
444Kb / 11P
   8-bit Microcontroller with 2K/4K/8K Bytes In-System Programmable Flash
ATTINY24A ATMEL-ATTINY24A_12 Datasheet
721Kb / 22P
   8-bit Microcontroller with 2K/4K/8K Bytes In-System Programmable Flash
ATMEGA48V ATMEL-ATMEGA48V_06 Datasheet
3Mb / 374P
   8-bit Microcontroller with 8K Bytes In-System Programmable Flash
ATMEGA88 ATMEL-ATMEGA88_1 Datasheet
369Kb / 10P
   8-bit Microcontroller with 8K Bytes In-System Programmable Flash
AT89LP51 ATMEL-AT89LP51 Datasheet
4Mb / 113P
   8-bit Microcontroller with 8K Bytes In-System Programmable Flash
ATMEGA8515 ATMEL-ATMEGA8515_10 Datasheet
1Mb / 257P
   8-bit Microcontroller with 8K Bytes In-System Programmable Flash
AT89S52 ATMEL-AT89S52_08 Datasheet
576Kb / 38P
   8-bit Microcontroller with 8K Bytes In-System Programmable Flash
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com