Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

QS4A101Q Datasheet(PDF) 1 Page - Integrated Device Technology

Part # QS4A101Q
Description  QUICKSWITCH짰 PRODUCTS HIGH-PERFORMANCE CMOS ANALOG FOUR-CHANNEL SPST SWITCH WITH INDIVIDUAL ENABLES
Download  7 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  IDT [Integrated Device Technology]
Direct Link  http://www.idt.com
Logo IDT - Integrated Device Technology

QS4A101Q Datasheet(HTML) 1 Page - Integrated Device Technology

  QS4A101Q Datasheet HTML 1Page - Integrated Device Technology QS4A101Q Datasheet HTML 2Page - Integrated Device Technology QS4A101Q Datasheet HTML 3Page - Integrated Device Technology QS4A101Q Datasheet HTML 4Page - Integrated Device Technology QS4A101Q Datasheet HTML 5Page - Integrated Device Technology QS4A101Q Datasheet HTML 6Page - Integrated Device Technology QS4A101Q Datasheet HTML 7Page - Integrated Device Technology  
Zoom Inzoom in Zoom Outzoom out
 1 / 7 page
background image
1
IDTQS4A101
HIGH-PERFORMANCECMOSANALOGFOUR-CHANNELSPSTSWITCH
INDUSTRIALTEMPERATURERANGE
FEBRUARY
2009
2000 Integrated Device Technology, Inc.
DSC-5552/2
c
INDUSTRIAL TEMPERATURE RANGE
FEATURES:
• Low ON resistance: rDS(ON) = 5
• Wide bandwidth: 1.4GHz (-3dB point)
• Crosstalk: 122dB at 50KHz, -80dB at 5MHz, -65dB at 30MHz
• Off-isolation: -100dB at 50KHz, -75dB at 5MHz, -45dB at
30MHz
• Single 5V supply
• Bidirectional signal flow
• TTL-compatible control inputs
• Ultra-low quiescent current: 3
µµµµµA
• Switch turn on time of 6.5ns
• Available in QSOP package
The IDT logo is a registered trademark of Integrated Device Technology, Inc.
APPLICATIONS:
• High-speed video signal switching/routing
• Audio signal switching/routing
• Data acquisition
• ATE systems
• Telecomm routing
• Token Ring transceivers
• High-speed networking
FUNCTIONAL BLOCK DIAGRAM
IDTQS4A101
QUICKSWITCH® PRODUCTS
HIGH-PERFORMANCE CMOS ANALOG
FOUR-CHANNEL SPST SWITCH
WITH INDIVIDUAL ENABLES
DESCRIPTION:
The QS4A101 is a high-performance CMOS analog four-channel SPST
switch with individual enables. This device provides a set of four high-speed
CMOS switches connecting inputs to outputs. The low ON resistance of the
QS4A101 allows inputs to be connected to outputs with low insertion loss and
high bandwidth.
The QS4A101, with 1.4GHz bandwidth, is ideal for high-performance
video signal switching, audio signal switching, and telecomm routing
applications. Low power dissipation makes this device ideal for battery
operated and remote instrumentation applications.
The QS4A101 is offered in the QSOP package which has several
advantages over conventional packages such as PDIP and SOIC, includ-
ing:
• Reduced signal delays due to denser component packaging on circuit
boards
• Reduced system noise due to less pin inductance
The QS4A101 is characterized for operation at -40°C to +85°C.
CO N T R O L
L OGI C
A1
A2
A3
A4
B1
B2
B3
B4
E1
E2
E3
E4


Similar Part No. - QS4A101Q

ManufacturerPart #DatasheetDescription
logo
Integrated Device Techn...
QS4A101QG8 IDT-QS4A101QG8 Datasheet
256Kb / 7P
   QUICKSWITCH PRODUCTS HIGH-PERFORMANCE CMOS ANALOG FOUR-CHANNEL SPST SWITCH WITH INDIVIDUAL ENABLES
More results

Similar Description - QS4A101Q

ManufacturerPart #DatasheetDescription
logo
Integrated Device Techn...
IDTQS4A101 IDT-IDTQS4A101_14 Datasheet
256Kb / 7P
   QUICKSWITCH PRODUCTS HIGH-PERFORMANCE CMOS ANALOG FOUR-CHANNEL SPST SWITCH WITH INDIVIDUAL ENABLES
logo
Renesas Technology Corp
IDTQS4A101 RENESAS-IDTQS4A101 Datasheet
427Kb / 8P
   QUICKSWITCH® PRODUCTS HIGH-PERFORMANCE CMOS ANALOG FOUR-CHANNEL SPST SWITCH WITH INDIVIDUAL ENABLES
APRIL 2014
logo
Integrated Device Techn...
IDTQS4A205 IDT-IDTQS4A205_08 Datasheet
240Kb / 7P
   QUICKSWITCH짰 PRODUCTS HIGH-PERFORMANCE CMOS ANALOG FOUR-CHANNEL SPDT MUX/DEMUX
IDTQS4A105 IDT-IDTQS4A105_09 Datasheet
100Kb / 7P
   QUICKSWITCH짰 PRODUCTS HIGH-PERFORMANCE CMOS TWO CHANNEL 4PST SWITCH
IDTQS3126 IDT-IDTQS3126 Datasheet
38Kb / 5P
   QUICKSWITCH PRODUCTS HIGH-SPEED CMOS QUADRUPLE BUS SWITCH WITH INDIVIDUAL ACTIVE HIGH ENABLES
logo
Renesas Technology Corp
QS3125 RENESAS-QS3125 Datasheet
251Kb / 6P
   QUICKSWITCH PRODUCTS HIGH-SPEED CMOS QUADRUPLE BUS SWITCH WITH INDIVIDUAL ACTIVE LOW ENABLES
MAY 2019
logo
Integrated Device Techn...
IDTQS3125 IDT-IDTQS3125 Datasheet
43Kb / 5P
   QUICKSWITCH PRODUCTS HIGH-SPEED CMOS QUADRUPLE BUS SWITCH WITH INDIVIDUAL ACTIVE LOW ENABLES
logo
Renesas Technology Corp
QS3126 RENESAS-QS3126 Datasheet
247Kb / 6P
   QUICKSWITCH® PRODUCTS HIGH-SPEED CMOS QUADRUPLE BUS SWITCH WITH INDIVIDUAL ACTIVE HIGH ENABLES
MAY 2019
IDTQS3306A RENESAS-IDTQS3306A Datasheet
380Kb / 6P
   QUICKSWITCH® PRODUCTS HIGH-SPEED CMOS DUAL BUS SWITCH WITH INDIVIDUAL ACTIVE LOW ENABLES
OCTOBER 2011
IDTQS4A205 RENESAS-IDTQS4A205 Datasheet
430Kb / 8P
   QUICKSWITCH® PRODUCTS HIGH-PERFORMANCE CMOS ANALOG FOUR-CHANNEL SPDT MUX/DEMUX
APRIL 2014
More results


Html Pages

1 2 3 4 5 6 7


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com