Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

AT45DB021D-SSH-B Datasheet(PDF) 8 Page - ATMEL Corporation

Part # AT45DB021D-SSH-B
Description  2-megabit 2.7-volt Minimum DataFlash
Download  54 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  ATMEL [ATMEL Corporation]
Direct Link  http://www.atmel.com
Logo ATMEL - ATMEL Corporation

AT45DB021D-SSH-B Datasheet(HTML) 8 Page - ATMEL Corporation

Back Button AT45DB021D-SSH-B Datasheet HTML 4Page - ATMEL Corporation AT45DB021D-SSH-B Datasheet HTML 5Page - ATMEL Corporation AT45DB021D-SSH-B Datasheet HTML 6Page - ATMEL Corporation AT45DB021D-SSH-B Datasheet HTML 7Page - ATMEL Corporation AT45DB021D-SSH-B Datasheet HTML 8Page - ATMEL Corporation AT45DB021D-SSH-B Datasheet HTML 9Page - ATMEL Corporation AT45DB021D-SSH-B Datasheet HTML 10Page - ATMEL Corporation AT45DB021D-SSH-B Datasheet HTML 11Page - ATMEL Corporation AT45DB021D-SSH-B Datasheet HTML 12Page - ATMEL Corporation Next Button
Zoom Inzoom in Zoom Outzoom out
 8 / 54 page
background image
8
3638I–DFLASH–04/09
AT45DB021D
the part will first erase the selected page in main memory (the erased state is a logic 1) and then
program the data stored in the buffer into the specified page in main memory. Both the erase
and the programming of the page are internally self-timed and should take place in a maximum
time of tEP. During this time, the status register will indicate that the part is busy.
7.3
Buffer to Main Memory Page Program without Built-in Erase
A previously-erased page within main memory can be programmed with the contents of the buf-
fer. A 1-byte opcode, 88H, must be clocked into the device. For the DataFlash standard page
size (264 bytes), the opcode must be followed by three address bytes consist of 5 don’t care
bits, 10 page address bits (PA9 - PA0) that specify the page in the main memory to be written
and 9 don’t care bits. To perform a buffer to main memory page program without built-in erase
for the binary page size (256 bytes), the opcode 88H must be clocked into the device followed
by three address bytes consisting of 6 don’t care bits, 10 page address bits (A17 - A8) that spec-
ify the page in the main memory to be written and 8 don’t care bits. When a low-to-high transition
occurs on the CS pin, the part will program the data stored in the buffer into the specified page in
the main memory. It is necessary that the page in main memory that is being programmed has
been previously erased using one of the erase commands (Page Erase or Block Erase). The
programming of the page is internally self-timed and should take place in a maximum time of tP.
During this time, the status register will indicate that the part is busy.
7.4
Page Erase
The Page Erase command can be used to individually erase any page in the main memory array
allowing the Buffer to Main Memory Page Program to be utilized at a later time. To perform a
page erase in the DataFlash standard page size (264 bytes), an opcode of 81H must be loaded
into the device, followed by three address bytes comprised of 5 don’t care bits, 10 page address
bits (PA9 - PA0) that specify the page in the main memory to be erased and 9 don’t care bits. To
perform a page erase in the binary page size (256 bytes), the opcode 81H must be loaded into
the device, followed by three address bytes consist of 6 don’t care bits, 10 page address bits
(A17 - A8) that specify the page in the main memory to be erased and 8 don’t care bits. When a
low-to-high transition occurs on the CS pin, the part will erase the selected page (the erased
state is a logical 1). The erase operation is internally self-timed and should take place in a maxi-
mum time of tPE. During this time, the status register will indicate that the part is busy.
7.5
Block Erase
A block of eight pages can be erased at one time. This command is useful when large amounts
of data has to be written into the device. This will avoid using multiple Page Erase Commands.
To perform a block erase for the DataFlash standard page size (264 bytes), an opcode of 50H
must be loaded into the device, followed by three address bytes comprised of 5 don’t care bits,
7 page address bits (PA9 -PA3) and 12 don’t care bits. The 7 page address bits are used to
specify which block of eight pages is to be erased. To perform a block erase for the binary page
size (256 bytes), the opcode 50H must be loaded into the device, followed by three address
bytes consisting of 6 don’t care bits, 7 page address bits (A17 - A11) and 11 don’t care bits. The
9 page address bits are used to specify which block of eight pages is to be erased. When a low-
to-high transition occurs on the CS pin, the part will erase the selected block of eight pages. The
erase operation is internally self-timed and should take place in a maximum time of tBE. During
this time, the status register will indicate that the part is busy.


Similar Part No. - AT45DB021D-SSH-B

ManufacturerPart #DatasheetDescription
logo
ATMEL Corporation
AT45DB021D-SSH-B ATMEL-AT45DB021D-SSH-B Datasheet
1Mb / 52P
   2-megabit 2.7-volt Minimum DataFlash
logo
List of Unclassifed Man...
AT45DB021D-SSH-B ETC2-AT45DB021D-SSH-B Datasheet
1Mb / 48P
   2-megabit 2.7V Minimum DataFlash
More results

Similar Description - AT45DB021D-SSH-B

ManufacturerPart #DatasheetDescription
logo
ATMEL Corporation
AT45DB021D ATMEL-AT45DB021D_08 Datasheet
1Mb / 52P
   2-megabit 2.7-volt Minimum DataFlash
logo
List of Unclassifed Man...
AT45DB011D ETC2-AT45DB011D_12 Datasheet
1Mb / 51P
   1-megabit 2.7-volt Minimum DataFlash
logo
ATMEL Corporation
AT45DB011D ATMEL-AT45DB011D_08 Datasheet
1Mb / 52P
   1-megabit 2.7-volt Minimum DataFlash
AT45DB011D ATMEL-AT45DB011D_09 Datasheet
1Mb / 52P
   1-megabit 2.7-volt Minimum DataFlash
logo
List of Unclassifed Man...
AT45DB011D ETC2-AT45DB011D Datasheet
2Mb / 52P
   1-megabit 2.7-volt Minimum DataFlash
logo
ATMEL Corporation
AT45DB021D ATMEL-AT45DB021D_07 Datasheet
1Mb / 52P
   2-megabit 2.7-volt DataFlash
AT45DB021B ATMEL-AT45DB021B Datasheet
261Kb / 33P
   2-megabit 2.7-volt Only DataFlash
AT45DB021B ATMEL-AT45DB021B Datasheet
261Kb / 33P
   2-megabit 2.7-volt Only DataFlash
AT45DB021B ATMEL-AT45DB021B_05 Datasheet
484Kb / 32P
   2-megabit 2.7-volt Only DataFlash
AT45DB021 ATMEL-AT45DB021 Datasheet
201Kb / 18P
   2-Megabit 2.7-volt Only Serial DataFlash
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com