Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

AT45DB321D-SU-SL954 Datasheet(PDF) 4 Page - ATMEL Corporation

Part # AT45DB321D-SU-SL954
Description  32-megabit 2.7-volt DataFlash
Download  57 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  ATMEL [ATMEL Corporation]
Direct Link  http://www.atmel.com
Logo ATMEL - ATMEL Corporation

AT45DB321D-SU-SL954 Datasheet(HTML) 4 Page - ATMEL Corporation

  AT45DB321D-SU-SL954 Datasheet HTML 1Page - ATMEL Corporation AT45DB321D-SU-SL954 Datasheet HTML 2Page - ATMEL Corporation AT45DB321D-SU-SL954 Datasheet HTML 3Page - ATMEL Corporation AT45DB321D-SU-SL954 Datasheet HTML 4Page - ATMEL Corporation AT45DB321D-SU-SL954 Datasheet HTML 5Page - ATMEL Corporation AT45DB321D-SU-SL954 Datasheet HTML 6Page - ATMEL Corporation AT45DB321D-SU-SL954 Datasheet HTML 7Page - ATMEL Corporation AT45DB321D-SU-SL954 Datasheet HTML 8Page - ATMEL Corporation AT45DB321D-SU-SL954 Datasheet HTML 9Page - ATMEL Corporation Next Button
Zoom Inzoom in Zoom Outzoom out
 4 / 57 page
background image
4
3597N–DFLASH–04/09
AT45DB321D
3. Block Diagram
4. Memory Array
To provide optimal flexibility, the memory array of the AT45DB321D is divided into three levels of granularity comprising of
sectors, blocks, and pages. The “Memory Architecture Diagram” illustrates the breakdown of each level and details the
number of pages per sector and block. All program operations to the DataFlash occur on a page by page basis. The erase
operations can be performed at the chip, sector, block or page level.
Figure 4-1.
Memory Architecture Diagram
FLASH MEMORY ARRAY
PAGE (512/528 BYTES)
BUFFER 2 (512/528 BYTES)
BUFFER 1 (512/528 BYTES)
I/O INTERFACE
SCK
CS
RESET
VCC
GND
RDY/BUSY
WP
SO
SI
SECTOR 0a = 8 Pages
4,096/4,224 bytes
SECTOR 0b = 120 Pages
61,440/63,360 bytes
Block = 4,096/4,224 bytes
8 Pages
SECTOR 0a
Page = 512/528 bytes
PAGE 0
PAGE 1
PAGE 6
PAGE 7
PAGE 8
PAGE 9
PAGE 8,190
PAGE 8,191
PAGE 14
PAGE 15
PAGE 16
PAGE 17
PAGE 18
SECTOR ARCHITECTURE
BLOCK ARCHITECTURE
PAGE ARCHITECTURE
BLOCK 0
BLOCK 1
BLOCK 62
BLOCK 63
BLOCK 64
BLOCK 65
BLOCK 1,022
BLOCK 1,023
BLOCK 126
BLOCK 127
BLOCK 128
BLOCK 129
SECTOR 63 = 128 Pages
65,536/67,586 bytes
BLOCK 2
SECTOR 1 = 128 Pages
65,536/67,584 bytes
SECTOR 62 = 128 Pages
65,536/67,584 bytes
SECTOR 2 = 128 Pages
65,536/67,584 bytes


Similar Part No. - AT45DB321D-SU-SL954

ManufacturerPart #DatasheetDescription
logo
ATMEL Corporation
AT45DB321D-SU-SL954 ATMEL-AT45DB321D-SU-SL954 Datasheet
1Mb / 54P
   32-megabit 2.7-volt DataFlash
logo
List of Unclassifed Man...
AT45DB321D-SU-SL954 ETC2-AT45DB321D-SU-SL954 Datasheet
2Mb / 52P
   32Mb, 2.5V or 2.7V DataFlash
AT45DB321D-SU-SL954 ETC2-AT45DB321D-SU-SL954 Datasheet
2Mb / 52P
   32Mb, 2.5V or 2.7V DataFlash
More results

Similar Description - AT45DB321D-SU-SL954

ManufacturerPart #DatasheetDescription
logo
ATMEL Corporation
AT45DB321C ATMEL-AT45DB321C Datasheet
610Kb / 37P
   32 MEGABIT 2.7 VOLT DATAFLASH
AT45DB321C ATMEL-AT45DB321C_06 Datasheet
632Kb / 40P
   32-megabit 2.7 volt DataFlash
AT45DB321D ATMEL-AT45DB321D_08 Datasheet
1Mb / 54P
   32-megabit 2.7-volt DataFlash
AT45DB321D ATMEL-AT45DB321D_07 Datasheet
1Mb / 55P
   32-megabit 2.7-volt DataFlash
AT45DB321B ATMEL-AT45DB321B Datasheet
230Kb / 32P
   32-megabit 2.7-volt Only DataFlash
AT45DB321 ATMEL-AT45DB321 Datasheet
154Kb / 20P
   32-Megabit 2.7-volt Only Serial DataFlash
AT45DB021D ATMEL-AT45DB021D_07 Datasheet
1Mb / 52P
   2-megabit 2.7-volt DataFlash
AT45DB011D ATMEL-AT45DB011D_07 Datasheet
1Mb / 52P
   1-megabit 2.7-volt DataFlash
AT26DF321 ATMEL-AT26DF321_07 Datasheet
590Kb / 35P
   32-megabit 2.7-volt Only Serial Firmware DataFlash Memory
AT25DF321 ATMEL-AT25DF321 Datasheet
786Kb / 37P
   32-megabit 2.7-volt Only Serial Firmware DataFlash Memory
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com