Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

AT45DB081D-MU-2.5 Datasheet(PDF) 9 Page - ATMEL Corporation

Part # AT45DB081D-MU-2.5
Description  8-megabit 2.5-volt or 2.7-volt DataFlash
Download  54 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  ATMEL [ATMEL Corporation]
Direct Link  http://www.atmel.com
Logo ATMEL - ATMEL Corporation

AT45DB081D-MU-2.5 Datasheet(HTML) 9 Page - ATMEL Corporation

Back Button AT45DB081D-MU-2.5 Datasheet HTML 5Page - ATMEL Corporation AT45DB081D-MU-2.5 Datasheet HTML 6Page - ATMEL Corporation AT45DB081D-MU-2.5 Datasheet HTML 7Page - ATMEL Corporation AT45DB081D-MU-2.5 Datasheet HTML 8Page - ATMEL Corporation AT45DB081D-MU-2.5 Datasheet HTML 9Page - ATMEL Corporation AT45DB081D-MU-2.5 Datasheet HTML 10Page - ATMEL Corporation AT45DB081D-MU-2.5 Datasheet HTML 11Page - ATMEL Corporation AT45DB081D-MU-2.5 Datasheet HTML 12Page - ATMEL Corporation AT45DB081D-MU-2.5 Datasheet HTML 13Page - ATMEL Corporation Next Button
Zoom Inzoom in Zoom Outzoom out
 9 / 54 page
background image
9
3596L–DFLASH–04/09
AT45DB081D
7.4
Page Erase
The Page Erase command can be used to individually erase any page in the main memory array
allowing the Buffer to Main Memory Page Program to be utilized at a later time. To perform a
page erase in the DataFlash standard page size (264 bytes), an opcode of 81H must be loaded
into the device, followed by three address bytes comprised of 3 don’t care bits, 12 page address
bits (PA11 - PA0) that specify the page in the main memory to be erased and 9 don’t care bits.
To perform a page erase in the binary page size (256 bytes), the opcode 81H must be loaded
into the device, followed by three address bytes consist of 4 don’t care bits, 12 page address bits
(A19 - A8) that specify the page in the main memory to be erased and 8 don’t care bits. When a
low-to-high transition occurs on the CS pin, the part will erase the selected page (the erased
state is a logical 1). The erase operation is internally self-timed and should take place in a maxi-
mum time of tPE. During this time, the status register will indicate that the part is busy.
7.5
Block Erase
A block of eight pages can be erased at one time. This command is useful when large amounts
of data has to be written into the device. This will avoid using multiple Page Erase Commands.
To perform a block erase for the DataFlash standard page size (264 bytes), an opcode of 50H
must be loaded into the device, followed by three address bytes comprised of 3 don’t care bits,
9 page address bits (PA11 -PA3) and 12 don’t care bits. The 9 page address bits are used to
specify which block of eight pages is to be erased. To perform a block erase for the binary page
size (256 bytes), the opcode 50H must be loaded into the device, followed by three address
bytes consisting of 4 don’t care bits, 9 page address bits (A19 - A11) and 11 don’t care bits. The
9 page address bits are used to specify which block of eight pages is to be erased. When a low-
to-high transition occurs on the CS pin, the part will erase the selected block of eight pages. The
erase operation is internally self-timed and should take place in a maximum time of tBE. During
this time, the status register will indicate that the part is busy.
Table 7-1.
Block Erase Addressing
PA11/
A19
PA10/
A18
PA9/
A17
PA8/
A16
PA7/
A15
PA6/
A14
PA5/
A13
PA4/
A12
PA3/
A11
PA2/
A10
PA1/
A9
PA0/
A8
Block
0
000
000
00
X
X
X
0
0
000
000
01
X
X
X
1
0
000
000
10
X
X
X
2
0
000
000
11
X
X
X
3
1
111
111
00
X
X
X
508
1
111
111
01
X
X
X
509
1
111
111
10
X
X
X
510
1
111
111
11
X
X
X
511


Similar Part No. - AT45DB081D-MU-2.5

ManufacturerPart #DatasheetDescription
logo
ATMEL Corporation
AT45DB081D-MU-2.5 ATMEL-AT45DB081D-MU-2.5 Datasheet
1Mb / 53P
   8-megabit 2.5-volt or 2.7-volt DataFlash
AT45DB081D-MU-2.5 ATMEL-AT45DB081D-MU-2.5 Datasheet
1Mb / 53P
   8-megabit 2.5-volt or 2.7-volt DataFlash
logo
Analog Devices
AT45DB081D-MU-2.5 AD-AT45DB081D-MU-2.5 Datasheet
1Mb / 53P
   8-megabit 2.5V or 2.7V DataFlash
More results

Similar Description - AT45DB081D-MU-2.5

ManufacturerPart #DatasheetDescription
logo
ATMEL Corporation
AT45DB081D ATMEL-AT45DB081D_08 Datasheet
1Mb / 53P
   8-megabit 2.5-volt or 2.7-volt DataFlash
AT45DB081D ATMEL-AT45DB081D_07 Datasheet
1Mb / 53P
   8-megabit 2.5-volt or 2.7-volt DataFlash
logo
List of Unclassifed Man...
AT45DB041D ETC2-AT45DB041D Datasheet
1Mb / 53P
   4-megabit 2.5-volt or 2.7-volt DataFlash
logo
ATMEL Corporation
AT45DB041D ATMEL-AT45DB041D_08 Datasheet
1Mb / 53P
   4-megabit 2.5-volt or 2.7-volt DataFlash
AT45DB041B ATMEL-AT45DB041B Datasheet
512Kb / 35P
   4-megabit 2.5-volt or 2.7-volt DataFlash
AT45DB161D ATMEL-AT45DB161D Datasheet
1Mb / 53P
   16-megabit 2.5-volt or 2.7-volt DataFlash
AT45DB041D ATMEL-AT45DB041D_07 Datasheet
1Mb / 53P
   4-megabit 2.5-volt or 2.7-volt DataFlash
AT45DB161D ATMEL-AT45DB161D_09 Datasheet
1Mb / 56P
   16-megabit 2.5-volt or 2.7-volt DataFlash
AT45DB081B ATMEL-AT45DB081B Datasheet
414Kb / 32P
   8-megabit 2.5-volt Only or 2.7-volt Only DataFlash
AT45DB081B ATMEL-AT45DB081B_05 Datasheet
530Kb / 33P
   8-megabit 2.5-volt Only or 2.7-volt Only DataFlash
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com