Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

AT45DB321D-MWU-SL955 Datasheet(PDF) 9 Page - ATMEL Corporation

Part # AT45DB321D-MWU-SL955
Description  32-megabit 2.7-volt DataFlash
Download  57 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  ATMEL [ATMEL Corporation]
Direct Link  http://www.atmel.com
Logo ATMEL - ATMEL Corporation

AT45DB321D-MWU-SL955 Datasheet(HTML) 9 Page - ATMEL Corporation

Back Button AT45DB321D-MWU-SL955 Datasheet HTML 5Page - ATMEL Corporation AT45DB321D-MWU-SL955 Datasheet HTML 6Page - ATMEL Corporation AT45DB321D-MWU-SL955 Datasheet HTML 7Page - ATMEL Corporation AT45DB321D-MWU-SL955 Datasheet HTML 8Page - ATMEL Corporation AT45DB321D-MWU-SL955 Datasheet HTML 9Page - ATMEL Corporation AT45DB321D-MWU-SL955 Datasheet HTML 10Page - ATMEL Corporation AT45DB321D-MWU-SL955 Datasheet HTML 11Page - ATMEL Corporation AT45DB321D-MWU-SL955 Datasheet HTML 12Page - ATMEL Corporation AT45DB321D-MWU-SL955 Datasheet HTML 13Page - ATMEL Corporation Next Button
Zoom Inzoom in Zoom Outzoom out
 9 / 57 page
background image
9
3597N–DFLASH–04/09
AT45DB321D
7.4
Page Erase
The Page Erase command can be used to individually erase any page in the main memory array
allowing the Buffer to Main Memory Page Program to be utilized at a later time. To perform a
page erase in the DataFlash standard page size (528 bytes), an opcode of 81H must be loaded
into the device, followed by three address bytes comprised of 1 don’t care bit, 13 page address
bits (PA12 - PA0) that specify the page in the main memory to be erased and 10 don’t care bits.
To perform a page erase in the binary page size (512 bytes), the opcode 81H must be loaded
into the device, followed by three address bytes consist of 2 don’t care bits, 13 page address bits
(A21 - A9) that specify the page in the main memory to be erased and 9 don’t care bits. When a
low-to-high transition occurs on the CS pin, the part will erase the selected page (the erased
state is a logical 1). The erase operation is internally self-timed and should take place in a maxi-
mum time of tPE. During this time, the status register and the RDY/BUSY pin will indicate that the
part is busy.
7.5
Block Erase
A block of eight pages can be erased at one time. This command is useful when large amounts
of data has to be written into the device. This will avoid using multiple Page Erase Commands.
To perform a block erase for the DataFlash standard page size (528 bytes), an opcode of 50H
must be loaded into the device, followed by three address bytes comprised of 1 don’t care bit,
10 page address bits (PA12 -PA3) and 13 don’t care bits. The 10 page address bits are used to
specify which block of eight pages is to be erased. To perform a block erase for the binary page
size (512 bytes), the opcode 50H must be loaded into the device, followed by three address
bytes consisting of 2 don’t care bits, 10 page address bits (A21 - A12) and 12 don’t care bits.
The 10 page address bits are used to specify which block of eight pages is to be erased. When
a low-to-high transition occurs on the CS pin, the part will erase the selected block of eight
pages. The erase operation is internally self-timed and should take place in a maximum time of
tBE. During this time, the status register and the RDY/BUSY pin will indicate that the part is busy.
Table 7-1.
Block Erase Addressing
PA12/
A21
PA11/
A20
PA10/
A19
PA9/
A18
PA8/
A17
PA7/
A16
PA6/
A15
PA5/
A14
PA4/
A13
PA3/
A12
PA2/
A11
PA1/
A10
PA0/
A9
Block
0
0
0
0000
000
X
X
X
0
0
0
0
0000
001
X
X
X
1
0
0
0
0000
010
X
X
X
2
0
0
0
0000
011
X
X
X
3
1
1
1
1111
100
X
X
X
1020
1
1
1
1111
101
X
X
X
1021
1
1
1
1111
110
X
X
X
1022
1
1
1
1111
111
X
X
X
1023


Similar Part No. - AT45DB321D-MWU-SL955

ManufacturerPart #DatasheetDescription
logo
ATMEL Corporation
AT45DB321D-MWU-SL955 ATMEL-AT45DB321D-MWU-SL955 Datasheet
1Mb / 54P
   32-megabit 2.7-volt DataFlash
logo
List of Unclassifed Man...
AT45DB321D-MWU-SL955 ETC2-AT45DB321D-MWU-SL955 Datasheet
2Mb / 52P
   32Mb, 2.5V or 2.7V DataFlash
AT45DB321D-MWU-SL955 ETC2-AT45DB321D-MWU-SL955 Datasheet
2Mb / 52P
   32Mb, 2.5V or 2.7V DataFlash
More results

Similar Description - AT45DB321D-MWU-SL955

ManufacturerPart #DatasheetDescription
logo
ATMEL Corporation
AT45DB321C ATMEL-AT45DB321C Datasheet
610Kb / 37P
   32 MEGABIT 2.7 VOLT DATAFLASH
AT45DB321C ATMEL-AT45DB321C_06 Datasheet
632Kb / 40P
   32-megabit 2.7 volt DataFlash
AT45DB321D ATMEL-AT45DB321D_08 Datasheet
1Mb / 54P
   32-megabit 2.7-volt DataFlash
AT45DB321D ATMEL-AT45DB321D_07 Datasheet
1Mb / 55P
   32-megabit 2.7-volt DataFlash
AT45DB321B ATMEL-AT45DB321B Datasheet
230Kb / 32P
   32-megabit 2.7-volt Only DataFlash
AT45DB321 ATMEL-AT45DB321 Datasheet
154Kb / 20P
   32-Megabit 2.7-volt Only Serial DataFlash
AT45DB021D ATMEL-AT45DB021D_07 Datasheet
1Mb / 52P
   2-megabit 2.7-volt DataFlash
AT45DB011D ATMEL-AT45DB011D_07 Datasheet
1Mb / 52P
   1-megabit 2.7-volt DataFlash
AT26DF321 ATMEL-AT26DF321_07 Datasheet
590Kb / 35P
   32-megabit 2.7-volt Only Serial Firmware DataFlash Memory
AT25DF321 ATMEL-AT25DF321 Datasheet
786Kb / 37P
   32-megabit 2.7-volt Only Serial Firmware DataFlash Memory
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com