Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

AT89LP216-20SU Datasheet(PDF) 4 Page - ATMEL Corporation

Part # AT89LP216-20SU
Description  8-bit Microcontroller with 2K Bytes Flash
Download  98 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  ATMEL [ATMEL Corporation]
Direct Link  http://www.atmel.com
Logo ATMEL - ATMEL Corporation

AT89LP216-20SU Datasheet(HTML) 4 Page - ATMEL Corporation

  AT89LP216-20SU Datasheet HTML 1Page - ATMEL Corporation AT89LP216-20SU Datasheet HTML 2Page - ATMEL Corporation AT89LP216-20SU Datasheet HTML 3Page - ATMEL Corporation AT89LP216-20SU Datasheet HTML 4Page - ATMEL Corporation AT89LP216-20SU Datasheet HTML 5Page - ATMEL Corporation AT89LP216-20SU Datasheet HTML 6Page - ATMEL Corporation AT89LP216-20SU Datasheet HTML 7Page - ATMEL Corporation AT89LP216-20SU Datasheet HTML 8Page - ATMEL Corporation AT89LP216-20SU Datasheet HTML 9Page - ATMEL Corporation Next Button
Zoom Inzoom in Zoom Outzoom out
 4 / 98 page
background image
4
3621D–MICRO–10/09
AT89LP216
4.
Block Diagram
Figure 4-1.
AT89LP216 Block Diagram
5.
Comparison to Standard 8051
The AT89LP216 is part of a family of devices with enhanced features that are fully binary com-
patible with the MCS-51 instruction set. In addition, most SFR addresses, bit assignments, and
pin alternate functions are identical to Atmel’s existing standard 8051 products. However, due to
the high performance nature of the device, some system behaviors are different from those of
Atmel's standard 8051 products such as AT89S52 or AT89S2051. The differences from the
standard 8051 are outlined in the following paragraphs.
5.1
System Clock
The CPU clock frequency equals the external XTAL1 frequency. The oscillator is no longer
divided by 2 to provide the internal clock and x2 mode is not supported.
5.2
Instruction Execution with Single-cycle Fetch
The CPU fetches one code byte from memory every clock cycle instead of every six clock
cycles. This greatly increases the throughput of the CPU. As a consequence, the CPU no longer
executes instructions in 12 to 48 clock cycles. Each instruction executes in only 1 to 4 clock
cycles. See “Instruction Set Summary” on page 59 for more details.
Single Cycle
8051 CPU
2K Bytes
Flash
128 Bytes
RAM
Port 3
Configurable I/O
Port 1
Configurable I/O
UART
SPI
Timer 0
Timer 1
Analog
Comparator
Watchdog
Timer
On-Chip
RC Oscillator
General-purpose
Interrupt
Configurable
Oscillator
CPU Clock
Crystal or
Resonator


Similar Part No. - AT89LP216-20SU

ManufacturerPart #DatasheetDescription
logo
ATMEL Corporation
AT89LP216-20SU ATMEL-AT89LP216-20SU Datasheet
1Mb / 90P
   Microcontroller with 2K Bytes Flash
AT89LP216-20SU ATMEL-AT89LP216-20SU Datasheet
2Mb / 96P
   8-bit Microcontroller with 2K Bytes Flash
More results

Similar Description - AT89LP216-20SU

ManufacturerPart #DatasheetDescription
logo
ATMEL Corporation
ATTINY26 ATMEL-ATTINY26 Datasheet
135Kb / 16P
   8-bit Microcontroller with 2K Bytes Flash
AT89C2051 ATMEL-AT89C2051 Datasheet
251Kb / 13P
   8-Bit Microcontroller with 2K Bytes Flash
ATTINY26 ATMEL-ATTINY26_07 Datasheet
374Kb / 19P
   8-bit Microcontroller with 2K Bytes Flash
AT89LP213 ATMEL-AT89LP213_08 Datasheet
2Mb / 96P
   8-bit Microcontroller with 2K Bytes Flash
AT89LP213 ATMEL-AT89LP213_09 Datasheet
2Mb / 98P
   8-bit Microcontroller with 2K Bytes Flash
AT89LP216 ATMEL-AT89LP216_08 Datasheet
2Mb / 96P
   8-bit Microcontroller with 2K Bytes Flash
AT89LP213 ATMEL-AT89LP213_06 Datasheet
1Mb / 90P
   8-bit Microcontroller with 2K Bytes Flash
AT89C2051 ATMEL-AT89C2051 Datasheet
329Kb / 20P
   8-bit Microcontroller with 2K Bytes Flash
AT89C2051 ATMEL-AT89C2051_00 Datasheet
232Kb / 15P
   8-bit Microcontroller with 2K Bytes Flash
AT89C2051 ATMEL-AT89C2051_08 Datasheet
397Kb / 19P
   8-bit Microcontroller with 2K Bytes Flash
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com