Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

AT89LP4052 Datasheet(PDF) 4 Page - ATMEL Corporation

Part # AT89LP4052
Description  8-bit Microcontroller with 2/4-Kbyte Flash
Download  94 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  ATMEL [ATMEL Corporation]
Direct Link  http://www.atmel.com
Logo ATMEL - ATMEL Corporation

AT89LP4052 Datasheet(HTML) 4 Page - ATMEL Corporation

  AT89LP4052 Datasheet HTML 1Page - ATMEL Corporation AT89LP4052 Datasheet HTML 2Page - ATMEL Corporation AT89LP4052 Datasheet HTML 3Page - ATMEL Corporation AT89LP4052 Datasheet HTML 4Page - ATMEL Corporation AT89LP4052 Datasheet HTML 5Page - ATMEL Corporation AT89LP4052 Datasheet HTML 6Page - ATMEL Corporation AT89LP4052 Datasheet HTML 7Page - ATMEL Corporation AT89LP4052 Datasheet HTML 8Page - ATMEL Corporation AT89LP4052 Datasheet HTML 9Page - ATMEL Corporation Next Button
Zoom Inzoom in Zoom Outzoom out
 4 / 94 page
background image
4
3547J–MICRO–10/09
AT89LP2052/LP4052
4.
Block Diagram
5.
Memory Organization
The AT89LP2052/LP4052 uses a Harvard Architecture with separate address spaces for pro-
gram and data memory. The program memory has a regular linear address space with support
for up to 64K bytes of directly addressable application code. The data memory has 256 bytes of
internal RAM which is divided into regions that may be accessed by different instruction classes.
The AT89LP2052/LP4052 does not support external RAM.
5.1
Program Memory
The AT89LP2052/LP4052 contains 2/4K bytes of on-chip In-System Programmable Flash mem-
ory for program storage. The Flash memory has an endurance of at least 10,000 write/erase
cycles. Section 23. “Programming the Flash Memory” on page 57 contains a detailed description
on Flash Programming in ISP or Parallel Programming mode. The reset and interrupt vectors
are located within the first 59 bytes of program memory (see Section 14. “Interrupts” on page
16). Constant tables can be allocated within the entire 2/4-Kbyte program memory address
space for access by the MOVC instruction.
Single Cycle
8051 CPU
2/4-Kbyte
Flash
256-Byte
RAM
Port 3
Configurable I/O
Port 1
Configurable I/O
UART
SPI
Timer 0
Timer 1
Analog
Comparator
Watchdog
Timer
Configurable
Oscillator
CPU Clock
Crystal or
Resonator


Similar Part No. - AT89LP4052

ManufacturerPart #DatasheetDescription
logo
ATMEL Corporation
AT89LP4052 ATMEL-AT89LP4052 Datasheet
1Mb / 90P
   8-bit Microcontroller with 2/4-Kbyte Flash
AT89LP4052 ATMEL-AT89LP4052 Datasheet
1Mb / 93P
   8-bit Microcontroller with 2/4-Kbyte Flash
AT89LP4052-20PI ATMEL-AT89LP4052-20PI Datasheet
1Mb / 90P
   8-bit Microcontroller with 2/4-Kbyte Flash
AT89LP4052-20PU ATMEL-AT89LP4052-20PU Datasheet
1Mb / 90P
   8-bit Microcontroller with 2/4-Kbyte Flash
AT89LP4052-20PU ATMEL-AT89LP4052-20PU Datasheet
1Mb / 93P
   8-bit Microcontroller with 2/4-Kbyte Flash
More results

Similar Description - AT89LP4052

ManufacturerPart #DatasheetDescription
logo
ATMEL Corporation
AT89LP2052 ATMEL-AT89LP2052_08 Datasheet
1Mb / 93P
   8-bit Microcontroller with 2/4-Kbyte Flash
AT89LP2052 ATMEL-AT89LP2052_06 Datasheet
1Mb / 90P
   8-bit Microcontroller with 2/4-Kbyte Flash
AT89LP2052 ATMEL-AT89LP2052 Datasheet
1Mb / 89P
   8-bit Microcontroller with 2/4-Kbyte Flash
AT89S8253 ATMEL-AT89S8253_10 Datasheet
1Mb / 60P
   8-bit Microcontroller with 12 Kbyte Flash
AT89C51IC2 ATMEL-AT89C51IC2_04 Datasheet
1Mb / 146P
   8-bit Flash Microcontroller with 2-wire Interface
AT89C51IC2 ATMEL-AT89C51IC2 Datasheet
1Mb / 146P
   8-bit Flash Microcontroller with 2-wire Interface
AT89C51IC2 ATMEL-AT89C51IC2_08 Datasheet
1Mb / 147P
   8-bit Flash Microcontroller with 2-wire Interface
ATTINY25 ATMEL-ATTINY25_10 Datasheet
758Kb / 30P
   8-bit Microcontroller with 2/4/8KBytes In-System Programmable Flash
logo
STMicroelectronics
ST10F271B STMICROELECTRONICS-ST10F271B Datasheet
1Mb / 180P
   16-bit MCU with 128 Kbyte Flash memory and 8/12 Kbyte RAM
logo
ATMEL Corporation
ATTINY24 ATMEL-ATTINY24_08 Datasheet
562Kb / 26P
   8-bit Microcontroller with 2/4/8K Bytes In-System Programmable Flash
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com