Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

IDTUS8032 Datasheet(PDF) 2 Page - Integrated Device Technology

Part # IDTUS8032
Description  LOW POWER DUAL SPST HI-SPEED USB 2.0 (480MBPS) SWITCH
Download  16 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  IDT [Integrated Device Technology]
Direct Link  http://www.idt.com
Logo IDT - Integrated Device Technology

IDTUS8032 Datasheet(HTML) 2 Page - Integrated Device Technology

  IDTUS8032 Datasheet HTML 1Page - Integrated Device Technology IDTUS8032 Datasheet HTML 2Page - Integrated Device Technology IDTUS8032 Datasheet HTML 3Page - Integrated Device Technology IDTUS8032 Datasheet HTML 4Page - Integrated Device Technology IDTUS8032 Datasheet HTML 5Page - Integrated Device Technology IDTUS8032 Datasheet HTML 6Page - Integrated Device Technology IDTUS8032 Datasheet HTML 7Page - Integrated Device Technology IDTUS8032 Datasheet HTML 8Page - Integrated Device Technology IDTUS8032 Datasheet HTML 9Page - Integrated Device Technology Next Button
Zoom Inzoom in Zoom Outzoom out
 2 / 16 page
background image
IDTUS8032
LOW POWER DUAL SPST HI-SPEED USB 2.0 (480MBPS) SWITCH
USB SWITCH
IDT™ LOW POWER DUAL SPST HI-SPEED USB 2.0 (480MBPS) SWITCH
2
IDTUS8032
REV F 080907
Pin Assignment (8-pin SOIC and 8-pin MSOP)
Analog Symbol
Truth Table
Pin Descriptions
1
2
3
4
5
6
7
8
OE-
OE+
HSD-
D-
GND
VCC
HSD+
D+
OE+, OE-
Function
H
Disconnect
L
D+, D- = HSD
Pin Name
Pin Description
OE+, OE-
Bus switch enable.
D+, D-, HSD+, HSD-
Data ports.
NC
No connect.
OE-
D-
Control
HSD-
OE+
D+
Control
HSD+


Similar Part No. - IDTUS8032

ManufacturerPart #DatasheetDescription
logo
Integrated Device Techn...
IDTUS8030 IDT-IDTUS8030 Datasheet
264Kb / 13P
   LOW POWER DUAL SPDT HI-SPEED USB 2.0 (480MBPS) SWITCH
logo
Renesas Technology Corp
IDTUS8030 RENESAS-IDTUS8030 Datasheet
263Kb / 13P
   LOW POWER DUAL SPDT HI-SPEED USB 2.0 (480MBPS) SWITCH
REV F 082108
logo
Integrated Device Techn...
IDTUS8031 IDT-IDTUS8031 Datasheet
322Kb / 16P
   LOW POWER DUAL SPST HI-SPEED USB 2.0 (480MBPS) SWITCH
More results

Similar Description - IDTUS8032

ManufacturerPart #DatasheetDescription
logo
Integrated Device Techn...
IDTUS8031 IDT-IDTUS8031 Datasheet
322Kb / 16P
   LOW POWER DUAL SPST HI-SPEED USB 2.0 (480MBPS) SWITCH
logo
Fairchild Semiconductor
FSUSB31 FAIRCHILD-FSUSB31 Datasheet
690Kb / 14P
   Low Power Dual SPST Hi-Speed USB 2.0 (480Mbps) Switch
FSUSB23 FAIRCHILD-FSUSB23 Datasheet
334Kb / 12P
   Low Power Hi-Speed USB 2.0 (480Mbps) Switch
FSUSB23 FAIRCHILD-FSUSB23_06 Datasheet
939Kb / 16P
   Low Power Hi-Speed USB 2.0 (480Mbps) Switch
logo
Integrated Device Techn...
IDTUS8030 IDT-IDTUS8030 Datasheet
264Kb / 13P
   LOW POWER DUAL SPDT HI-SPEED USB 2.0 (480MBPS) SWITCH
logo
Renesas Technology Corp
US8030 RENESAS-US8030 Datasheet
263Kb / 13P
   LOW POWER DUAL SPDT HI-SPEED USB 2.0 (480MBPS) SWITCH
REV F 082108
logo
Fairchild Semiconductor
FSUSB31 FAIRCHILD-FSUSB31_07 Datasheet
726Kb / 15P
   Low-Power 1-Port Hi-Speed USB 2.0 (480Mbps) Switch
FSUSB30 FAIRCHILD-FSUSB30_07 Datasheet
941Kb / 20P
   Low-Power 2-Port Hi-Speed USB 2.0 (480Mbps) Switch
FSUSB30 FAIRCHILD-FSUSB30 Datasheet
953Kb / 17P
   Low Power 2-Port Hi-Speed USB 2.0 (480Mbps) Switch
FSUSB22_0506 FAIRCHILD-FSUSB22_0506 Datasheet
833Kb / 11P
   Low Power 2 Port Hi-Speed USB 2.0 (480Mbps) Switch
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com