Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

US4717NBGI Datasheet(PDF) 4 Page - Integrated Device Technology

Part # US4717NBGI
Description  4.5 OHM LOW VOLTAGE, HIGH BANDWIDTH, DUAL SPDT ANALOG SWITCH
Download  14 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  IDT [Integrated Device Technology]
Direct Link  http://www.idt.com
Logo IDT - Integrated Device Technology

US4717NBGI Datasheet(HTML) 4 Page - Integrated Device Technology

  US4717NBGI Datasheet HTML 1Page - Integrated Device Technology US4717NBGI Datasheet HTML 2Page - Integrated Device Technology US4717NBGI Datasheet HTML 3Page - Integrated Device Technology US4717NBGI Datasheet HTML 4Page - Integrated Device Technology US4717NBGI Datasheet HTML 5Page - Integrated Device Technology US4717NBGI Datasheet HTML 6Page - Integrated Device Technology US4717NBGI Datasheet HTML 7Page - Integrated Device Technology US4717NBGI Datasheet HTML 8Page - Integrated Device Technology US4717NBGI Datasheet HTML 9Page - Integrated Device Technology Next Button
Zoom Inzoom in Zoom Outzoom out
 4 / 14 page
background image
IDTUS4717
4.5 OHM LOW VOLTAGE, HIGH BANDWIDTH, DUAL SPDT ANALOG SWITCH
ANALOG SWITCH
IDT™ 4.5 OHM LOW VOLTAGE, HIGH BANDWIDTH, DUAL SPDT ANALOG SWITCH 4
IDTUS4717
REV D 012407
Electrical Characteristics
Unless stated otherwise, V+ = 2.7 V to 3.6 V, VIH = 2 V, VIL = 0.5 V, TA = TMIN to TMAX. Typical values are at +3 V and 25°C
Parameter
Symbol
Conditions
TA
Min.
Typ.
Max.
Units
Analog Switch
Analog Signal Range
VNO, VNC, VCOM
TMIN to TMAX
0V+
V
NC On-Resistance
RON(NC)
V+ = 3.0 V, ICOM = 10 mA,
VNC = 0 to V+; Note 3
+25°C
3.0
4.5
TMIN to TMAX
5
NO On-Resistance
RON(NO)
V+ = 3.0 V, ICOM = 10 mA,
VNO = 0 to V+; Note 3
+25°C
3.0
4.5
TMIN to TMAX
5
On-Resistance Match
between channels
RON(NO)
V+ = 3.0 V, ICOM = 10 mA,
VNO or VNC = 1.5 V; Notes 3, 4
+25°C
0.1
0.3
TMIN to TMAX
0.4
NC On-Resistance Flatness
RFLAT(NC)
V+ = 3.0 V, ICOM = 10 mA,
VNC = 0 to V+; Note 5
TMIN to TMAX
1.5
NO On-Resistance Flatness
RFLAT(NO)
V+ = 3.0 V, ICOM = 10 mA,
VNO = 0 to V+; Note 5
TMIN to TMAX
1.5
NO or NC Off-leakage Current
INO(OFF) or
INC(OFF)
V+ = 3.3 V, VNO or VNC = 3 V, 0.3 V
VCOM = 0.3 V, 3 V
+25°C
-0.5
+0.01
+0.5
nA
TMIN to TMAX
-1
+1
COM On-leakage Current
ICOM(ON)
V+ = 3.3 V, VNO or VNC = 3 V, 0.3
V, or floating
VCOM = 0.3 V, 3 V, or floating
+25°C
-1
+0.01
+1
nA
TMIN to TMAX
-2
+2
Dynamic Characteristics
Turn-on Time
tON
V+ = 2.7 to 3.6 V, VNO or VNC = 1.5
V, RL = 300Ω, CL = 35 pF
TMIN to TMAX
30
ns
Turn-off Time
tOFF
V+ = 2.7 to 3.6 V, VNO or VNC = 1.5
V, RL = 300Ω, CL = 35 pF
TMIN to TMAX
40
ns
Break-Before-Make-Delay
tBBM
V+ = 3.0 V, VNO or VNC = 1.5 V,
RL = 300Ω, CL = 35 pF
TMIN to TMAX
8ns
Charge Injection
Q
COM = 0, RS = 0, CL = 1 nF
+25°C
5
pC
Skew
tSKEW
Note 3
0.15
2.0
ns
Off-Isolation
VISO
CL = 5 pF; RL = 50Ω, f = 10 MHz,
VCOM = 1 VRMS
+25°C
-55
dB
Crosstalk
VCT
f = 10 MHz, VNO or VNC = 1 V p-p,
RL = 50Ω, CL = 5 pF
+25°C
-80
dB
f = 1 MHz, VNO or VNC = 1 V p-p,
RL = 50Ω, CL = 5 pF
+25°C
-110
Total Harmonic Distortion
THD
RL = 600Ω, IN = 2 V p-p,
f = 20Hz to 20 kHz
+25°C
0.02
%
NO_, NC_ Off-Capacitance
CNC(OFF)
f = 1 MHz
+25°C
9
pF
NC On-Capacitance
CNC(ON)
f = 1 MHz
+25°C
15
pF
NC On-Capacitance
CNO(ON)
f = 1 MHz
+25°C
15
pF
On-channel -3dB Bandwidth
BW
Signal = 0dBm, RL = 50Ω,
CL = 5 pF
+25°C
>90
MHz


Similar Part No. - US4717NBGI

ManufacturerPart #DatasheetDescription
logo
Microsemi Corporation
US40 MICROSEMI-US40 Datasheet
153Kb / 4P
   RECTIFIERS ASSEMBLIES
logo
UNISEM
US431ALCL UNISEM-US431ALCL Datasheet
37Kb / 6P
   LOW -VOLTAGE ADJUSTABLE PRECISION SHUNT REGULATOR
US431ALCS UNISEM-US431ALCS Datasheet
37Kb / 6P
   LOW -VOLTAGE ADJUSTABLE PRECISION SHUNT REGULATOR
US431ALCZ UNISEM-US431ALCZ Datasheet
37Kb / 6P
   LOW -VOLTAGE ADJUSTABLE PRECISION SHUNT REGULATOR
US431L UNISEM-US431L Datasheet
37Kb / 6P
   LOW -VOLTAGE ADJUSTABLE PRECISION SHUNT REGULATOR
More results

Similar Description - US4717NBGI

ManufacturerPart #DatasheetDescription
logo
ON Semiconductor
NLAS4717EP ONSEMI-NLAS4717EP Datasheet
88Kb / 10P
   4.5 ohm High Bandwidth, Dual SPDT Analog Switch
March, 2006 ??Rev. 5
NLAS4717 ONSEMI-NLAS4717 Datasheet
96Kb / 10P
   4.5 ohm High Bandwidth, Dual SPDT Analog Switch
April, 2006 ??Rev. 8
logo
Union Semiconductor, In...
UM4258Q UNIONSEMI-UM4258Q_16 Datasheet
446Kb / 14P
   4.5(OHM) 300MHz Bandwidth Dual SPDT Analog Switch
UM4717 UNIONSEMI-UM4717_16 Datasheet
477Kb / 16P
   4.5(OHM) 300MHz Bandwidth Dual SPDT Analog Switch
logo
ON Semiconductor
NLAS4717EP ONSEMI-NLAS4717EP_11 Datasheet
139Kb / 10P
   4.5 High Bandwidth, Dual SPDT Analog Switch
October, 2011 ??Rev. 7
logo
Vishay Siliconix
DG2032 VISHAY-DG2032 Datasheet
88Kb / 5P
   High-Bandwidth, Low Voltage, Dual SPDT Analog Switch
Rev. A, 18-Aug-03
DG2016 VISHAY-DG2016 Datasheet
62Kb / 6P
   High-Bandwidth, Low Voltage, Dual SPDT Analog Switch
Rev. A, 20-Jan-03
logo
Union Semiconductor, In...
UM4717 UNIONSEMI-UM4717 Datasheet
433Kb / 16P
   4.5廓 300MHz Bandwidth Dual SPDT Analog Switch
logo
SG Micro Corp
SGM4717 SGMICRO-SGM4717 Datasheet
535Kb / 11P
   4.5廓, 300MHz Bandwidth, Dual, SPDT Analog Switch
SGM4717EP SGMICRO-SGM4717EP Datasheet
434Kb / 10P
   4.5廓, 300MHz Bandwidth, Dual, SPDT Analog Switch
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com