Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

CMA3000-D0X Datasheet(PDF) 10 Page - VTI technologies

Part # CMA3000-D0X
Description  3-axis accelerometer
Download  35 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  VTI [VTI technologies]
Direct Link  http://www.vti.fi
Logo VTI - VTI technologies

CMA3000-D0X Datasheet(HTML) 10 Page - VTI technologies

Back Button CMA3000-D0X Datasheet HTML 6Page - VTI technologies CMA3000-D0X Datasheet HTML 7Page - VTI technologies CMA3000-D0X Datasheet HTML 8Page - VTI technologies CMA3000-D0X Datasheet HTML 9Page - VTI technologies CMA3000-D0X Datasheet HTML 10Page - VTI technologies CMA3000-D0X Datasheet HTML 11Page - VTI technologies CMA3000-D0X Datasheet HTML 12Page - VTI technologies CMA3000-D0X Datasheet HTML 13Page - VTI technologies CMA3000-D0X Datasheet HTML 14Page - VTI technologies Next Button
Zoom Inzoom in Zoom Outzoom out
 10 / 35 page
background image
CMA3000-D0X Series
VTI Technologies Oy
10/ 35
www.vti.fi
Doc.Nr. 8281000.12
Rev. 0.12
2.4.3
Example
Below is a simple example of motion detection usage:
1. Write "00001000" (08h) into the MODE register (enable motion detection mode, MODE[2:0]
bits = '100').
2. Band pass filtered acceleration data at 10 Hz sample rate is available at the output
registers.
3. The INT-pin is activated when motion is detected; see section 2.6 for detailed INT-pin
information.
2.5
Free-Fall Detection
2.5.1
Description
During free-fall in the gravitation field, all 3 orthogonal acceleration components are ideally equal to
zero. Due to practical non-idealities, detection must be done using Threshold Level (TL) greater
than 0.
When enabled, the Free-Fall Detection (FFD) will monitor the measured acceleration in the X, Y
and Z directions. If all measured XYZ acceleration values stay within the TL longer than time TFF
(Figure 5 below), the FFD will generate an interrupt to the INT-pin. TL can be controlled by FFTHR
[6:0] and TFF by FFTMR [3:0] bits.
T1
T2
T3
T4
T5
T6
T7
T8
+TL
TFF
-TL
Acceleration
X, Y and Z
Time
T1
T2
T3
T4
T5
T6
T7
T8
Time
INT output
"1"
"0"
Figure 5. Free Fall condition
2.5.2
Usage
Free-fall detection can be enabled by setting MODE[2:0] bits in the CTRL register to "101" (sample
rate 100 Hz) or to "110" (sample rate 400 Hz). See section 3.3 for MODE register details.
Acceleration data is available in registers DOUTX, DOUTY and DOUTZ as in measurement mode.
See section 3.3 for output register and section 2.6 for interrupt functionality details.
2.5.3
Example
Below is a simple example of free-fall detection usage:
1. Write "00001100" (0Ch) into the MODE register (enable 400 Hz free fall detection mode,
MODE[2:0] bits = '110').
2. Acceleration data can be read normally
3. INT-pin is activated when free fall is detected. See section 2.6 for detailed INT-pin
information.


Similar Part No. - CMA3000-D0X

ManufacturerPart #DatasheetDescription
logo
VTI technologies
CMA3000-D01 VTI-CMA3000-D01 Datasheet
201Kb / 4P
   3-AXIS ULTRA LOW POWER ACCELEROMETER WITH DIGITAL SPI AND I2C INTERFACE
logo
Texas Instruments
CMA3000-D01 TI1-CMA3000-D01 Datasheet
7Mb / 36P
[Old version datasheet]   MSP-EXP430F5529 Experimenter Board
logo
VTI technologies
CMA3000-D01DEMO VTI-CMA3000-D01DEMO Datasheet
437Kb / 17P
   3-axis accelerometer
More results

Similar Description - CMA3000-D0X

ManufacturerPart #DatasheetDescription
logo
MEMSIC Semiconductor (T...
MC3479 MEMSIC-MC3479 Datasheet
1Mb / 82P
   3-Axis Accelerometer
APS-048-0072v1.2.1
MC3416 MEMSIC-MC3416 Datasheet
1Mb / 54P
   3-Axis Accelerometer
APS-045-0020 v2.1
MC3635 MEMSIC-MC3635 Datasheet
1Mb / 85P
   3-Axis Accelerometer
APS-048-0044 v1.9
logo
VTI technologies
CMA3000-A0X VTI-CMA3000-A0X Datasheet
437Kb / 17P
   3-axis accelerometer
logo
MEMSIC Semiconductor (T...
MC3419 MEMSIC-MC3419 Datasheet
1Mb / 80P
   3-Axis Accelerometer
APS-048-0071v1.2.1
MC3672 MEMSIC-MC3672 Datasheet
1Mb / 83P
   3-Axis Accelerometer
APS-045-0018 v1.4
MC3630 MEMSIC-MC3630 Datasheet
1Mb / 84P
   3-Axis Accelerometer
APS-048-0047 v1.8
logo
VTI technologies
SCA3000 VTI-SCA3000 Datasheet
498Kb / 15P
   3-axis accelerometer
CMA3000 VTI-CMA3000 Datasheet
1Mb / 18P
   3-axis accelerometer
logo
MEMSIC Semiconductor (T...
MC3632 MEMSIC-MC3632 Datasheet
1Mb / 84P
   3-Axis Accelerometer
APS-048-0056 v1.4
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com