Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

ATF22V10C Datasheet(PDF) 7 Page - ATMEL Corporation

Part # ATF22V10C
Description  High performance EE PLD
Download  23 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  ATMEL [ATMEL Corporation]
Direct Link  http://www.atmel.com
Logo ATMEL - ATMEL Corporation

ATF22V10C Datasheet(HTML) 7 Page - ATMEL Corporation

Back Button ATF22V10C_09 Datasheet HTML 3Page - ATMEL Corporation ATF22V10C_09 Datasheet HTML 4Page - ATMEL Corporation ATF22V10C_09 Datasheet HTML 5Page - ATMEL Corporation ATF22V10C_09 Datasheet HTML 6Page - ATMEL Corporation ATF22V10C_09 Datasheet HTML 7Page - ATMEL Corporation ATF22V10C_09 Datasheet HTML 8Page - ATMEL Corporation ATF22V10C_09 Datasheet HTML 9Page - ATMEL Corporation ATF22V10C_09 Datasheet HTML 10Page - ATMEL Corporation ATF22V10C_09 Datasheet HTML 11Page - ATMEL Corporation Next Button
Zoom Inzoom in Zoom Outzoom out
 7 / 23 page
background image
7
0735T–PLD–5/09
ATF22V10C(Q)
4.7
Power-up Reset
The registers in the ATF22V10Cs are designed to reset during power-up. At a point delayed
slightly from V
CC crossing VRST, all registers will be reset to the low state. The output state will
depend on the polarity of the output buffer.
This feature is critical for state machine initialization. However, due to the asynchronous nature
of reset and the uncertainty of how V
CC actually rises in the system, the following conditions are
required:
1.
The V
CC rise must be monotonic, and starts below 0.7V,
2.
After reset occurs, all input and feedback setup times must be met before driving the
clock pin high, and
3.
The clock must remain stable during t
PR.
Figure 4-1.
Power-up Reset Timing
4.8
Preload of Registered Outputs
The ATF22V10C’s registers are provided with circuitry to allow loading of each register with
either a high or a low. This feature will simplify testing since any state can be forced into the reg-
isters to control test sequencing. A JEDEC file with preload is generated when a source file with
vectors is compiled. Once downloaded, the JEDEC file preload sequence will be done automati-
cally by most of the approved programmers after the programming.
5.
Electronic Signature Word
There are 64 bits of programmable memory that are always available to the user, even if the
device is secured. These bits can be used for user-specific data.
6.
Security Fuse Usage
A single fuse is provided to prevent unauthorized copying of the ATF22V10C fuse patterns.
Once programmed, fuse verify and preload are inhibited. However, the 64-bit User Signature
remains accessible.
The security fuse should be programmed last, as its effect is immediate.
C
LOCK
VRST
POWER
REGISTERED
OUTPUTS
tS
t PR
t W


Similar Part No. - ATF22V10C_09

ManufacturerPart #DatasheetDescription
logo
ATMEL Corporation
ATF22V10C ATMEL-ATF22V10C_08 Datasheet
408Kb / 22P
   Highperformance EE PLD
More results

Similar Description - ATF22V10C_09

ManufacturerPart #DatasheetDescription
logo
ATMEL Corporation
ATF22V10B ATMEL-ATF22V10B Datasheet
886Kb / 14P
   High- Performance EE PLD
ATF16V8BQL-15PU ATMEL-ATF16V8BQL-15PU Datasheet
641Kb / 26P
   High performance EE PLD
ATF1500ABV ATMEL-ATF1500ABV Datasheet
293Kb / 12P
   High- Performance EE PLD
ATF16V8B ATMEL-ATF16V8B_14 Datasheet
2Mb / 26P
   High-performance EE PLD
ATF16LV8C ATMEL-ATF16LV8C Datasheet
215Kb / 10P
   High- Performance EE PLD
ATF20V8B ATMEL-ATF20V8B Datasheet
758Kb / 17P
   High- Performance EE PLD
ATF20V8C ATMEL-ATF20V8C Datasheet
43Kb / 3P
   High- Performance EE PLD
ATF22V10CZ ATMEL-ATF22V10CZ_97 Datasheet
275Kb / 13P
   High performance EE PLD
ATF20V8B ATMEL-ATF20V8B_06 Datasheet
667Kb / 22P
   Highperformance EE PLD
ATF22V10CQ ATMEL-ATF22V10CQ Datasheet
273Kb / 18P
   Highperformance EE PLD
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com