Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

AT28HC64B-70SU Datasheet(PDF) 9 Page - ATMEL Corporation

Part # AT28HC64B-70SU
Description  64K (8K x 8) High-speed Parallel EEPROM with Page Write and Software Data Protection
Download  17 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  ATMEL [ATMEL Corporation]
Direct Link  http://www.atmel.com
Logo ATMEL - ATMEL Corporation

AT28HC64B-70SU Datasheet(HTML) 9 Page - ATMEL Corporation

Back Button AT28HC64B-70SU Datasheet HTML 5Page - ATMEL Corporation AT28HC64B-70SU Datasheet HTML 6Page - ATMEL Corporation AT28HC64B-70SU Datasheet HTML 7Page - ATMEL Corporation AT28HC64B-70SU Datasheet HTML 8Page - ATMEL Corporation AT28HC64B-70SU Datasheet HTML 9Page - ATMEL Corporation AT28HC64B-70SU Datasheet HTML 10Page - ATMEL Corporation AT28HC64B-70SU Datasheet HTML 11Page - ATMEL Corporation AT28HC64B-70SU Datasheet HTML 12Page - ATMEL Corporation AT28HC64B-70SU Datasheet HTML 13Page - ATMEL Corporation Next Button
Zoom Inzoom in Zoom Outzoom out
 9 / 17 page
background image
9
0274L–PEEPR–2/3/09
AT28HC64B
17. Page Mode Write Waveforms(1)(2)
Notes: 1. A6 through A12 must specify the same page address during each high to low transition of WE (or CE).
2. OE must be high only when WE and CE are both low.
18. Chip Erase Waveforms
tS = tH = 5 µs (min.)
tW = 10 ms (min.)
VH = 12.0 V ±0.5 V
16. Page Mode Characteristics
Symbol
Parameter
Min
Max
Units
tWC
Write Cycle Time
10
ms
tWC
Write Cycle Time (Use AT28HC64BF))
2
ms
tAS
Address Setup Time
0
ns
tAH
Address Hold Time
50
ns
tDS
Data Setup Time
50
ns
tDH
Data Hold Time
0
ns
tWP
Write Pulse Width
100
ns
tBLC
Byte Load Cycle Time
150
µs
tWPH
Write Pulse Width High
50
ns
OE
WE
CE
A0 -A12
DATA
tAS
VALID ADD
VALID DATA
tAH
tDS
tWP
tWPH
tDH
tBLC
tWC
tS
tW
tH


Similar Part No. - AT28HC64B-70SU

ManufacturerPart #DatasheetDescription
logo
ATMEL Corporation
AT28HC64B-70SC ATMEL-AT28HC64B-70SC Datasheet
661Kb / 12P
   64K 8K x 8 High Speed CMOS E2PROM with Page Write and Software Data Protection
AT28HC64B-70SI ATMEL-AT28HC64B-70SI Datasheet
661Kb / 12P
   64K 8K x 8 High Speed CMOS E2PROM with Page Write and Software Data Protection
AT28HC64B-70SI ATMEL-AT28HC64B-70SI Datasheet
341Kb / 18P
   64K (8K x 8) High Speed Parallel EEPROM with Page Write and Software Data Protection
More results

Similar Description - AT28HC64B-70SU

ManufacturerPart #DatasheetDescription
logo
ATMEL Corporation
AT28HC64B ATMEL-AT28HC64B_08 Datasheet
341Kb / 18P
   64K (8K x 8) High Speed Parallel EEPROM with Page Write and Software Data Protection
AT28HC64B-90PU ATMEL-AT28HC64B-90PU Datasheet
342Kb / 18P
   64K (8K x 8) High Speed Parallel EEPROM with Page Write and Software Data Protection
AT28HC64BF ATMEL-AT28HC64BF Datasheet
301Kb / 18P
   64K (8K x 8) High Speed Parallel EEPROM with Page Write and Software Data Protection
AT28C64B ATMEL-AT28C64B_06 Datasheet
297Kb / 18P
   64K (8K x 8) Parallel EEPROM with Page Write and Software Data Protection
AT28C64B ATMEL-AT28C64B Datasheet
317Kb / 13P
   64K (8K x 8) Parallel EEPROM with Page Write and Software Data Protection
AT28C64B ATMEL-AT28C64B_09 Datasheet
313Kb / 18P
   64K (8K x 8) Parallel EEPROM with Page Write and Software Data Protection
AT28BV64B ATMEL-AT28BV64B Datasheet
254Kb / 12P
   64K (8K x 8) Battery-Voltage??Parallel EEPROM with Page Write and Software Data Protection
AT28BV64B ATMEL-AT28BV64B_09 Datasheet
451Kb / 16P
   64K (8K x 8) Battery-Voltage Parallel EEPROM with Page Write and Software Data Protection
AT28BV64B ATMEL-AT28BV64B_06 Datasheet
367Kb / 17P
   64K (8K x 8) Battery-Voltage Parallel EEPROM with Page Write and Software Data Protection
AT28HC64B ATMEL-AT28HC64B Datasheet
661Kb / 12P
   64K 8K x 8 High Speed CMOS E2PROM with Page Write and Software Data Protection
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com