Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

AT88SC12816C-SU Datasheet(PDF) 6 Page - ATMEL Corporation

Part # AT88SC12816C-SU
Description  CryptoMemory 128 Kbit
Download  21 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  ATMEL [ATMEL Corporation]
Direct Link  http://www.atmel.com
Logo ATMEL - ATMEL Corporation

AT88SC12816C-SU Datasheet(HTML) 6 Page - ATMEL Corporation

Back Button AT88SC12816C-SU Datasheet HTML 2Page - ATMEL Corporation AT88SC12816C-SU Datasheet HTML 3Page - ATMEL Corporation AT88SC12816C-SU Datasheet HTML 4Page - ATMEL Corporation AT88SC12816C-SU Datasheet HTML 5Page - ATMEL Corporation AT88SC12816C-SU Datasheet HTML 6Page - ATMEL Corporation AT88SC12816C-SU Datasheet HTML 7Page - ATMEL Corporation AT88SC12816C-SU Datasheet HTML 8Page - ATMEL Corporation AT88SC12816C-SU Datasheet HTML 9Page - ATMEL Corporation AT88SC12816C-SU Datasheet HTML 10Page - ATMEL Corporation Next Button
Zoom Inzoom in Zoom Outzoom out
 6 / 21 page
background image
6
AT88SC12816C
5016KS–SMEM–08/09
Table 3.
AC Characteristics
Applicable over recommended operating range from VCC = +2.7 to 5.5V, TAC = -40°C to +85°C, CL = 30pF
(unless otherwise noted)
Symbol
Parameter
Min
Max
Units
fCLK
Async Clock Frequency (VCC Range: +4.5 - 5.5V)
1
5
MHZ
fCLK
Async Clock Frequency (VCC Range: +2.7 - 3.3V)
1
4
MHZ
fCLK
Synch Clock Frequency
0
1
MHZ
Clock Duty cycle
40
60
%
tR
Rise Time - I/O, RST
1
μS
tF
Fall Time - I/O, RST
1
μS
tR
Rise Time - CLK
9% x period
μS
tF
Fall Time - CLK
9% x period
μS
tAA
Clock Low to Data Out Valid
35
nS
tHD.STA
Start Hold Time
200
nS
tSU.STA
Start Set-up Time
200
nS
tHD.DAT
Data In Hold Time
10
nS
tSU.DAT
Data In Set-up Time
100
nS
tSU.STO
Stop Set-up Time
200
nS
tDH
Data Out Hold Time
20
nS
tWR
Write Cycle Time (at 25°C)
5
mS
tWR
Write Cycle Time (-40° to +85°C)
7
mS
4.
Device Operation for Synchronous Protocols
CLOCK and DATA TRANSITIONS
: The SDA pin is normally pulled high with an external device. Data on the SDA pin
may change only during SCL low time periods (see Figure 5 on page 8). Data changes
during SCL high periods will indicate a start or stop condition as defined below.
START CONDITION
:
A high-to-low transition of SDA with SCL high is a start condition which must precede any
other command (see Figure 6 on page 8).
STOP CONDITION
:
A low-to-high transition of SDA with SCL high is a stop condition. After a read sequence, the
stop command will place the EEPROM in a standby power mode (see Figure 6 on page 8).
ACKNOWLEDGE
:
All addresses and data words are serially transmitted to and from the EEPROM in 8-bit
words. The EEPROM sends a zero to acknowledge that it has received each word. This
happens during the ninth clock cycle.
MEMORY RESET
:
After an interruption in protocol, power loss or system reset, any 2-wire part can be reset by
following these steps:
1.
Clock up to 9 cycles.
2.
Look for SDA high in each cycle while SCL is high.
3.
Create a start condition.


Similar Part No. - AT88SC12816C-SU

ManufacturerPart #DatasheetDescription
logo
ATMEL Corporation
AT88SC12816C-SU ATMEL-AT88SC12816C-SU Datasheet
453Kb / 18P
   CryptoMemory 128 Kbit
More results

Similar Description - AT88SC12816C-SU

ManufacturerPart #DatasheetDescription
logo
ATMEL Corporation
AT88SC12816C ATMEL-AT88SC12816C Datasheet
453Kb / 18P
   CryptoMemory 128 Kbit
AT88SC0104C ATMEL-AT88SC0104C_07 Datasheet
423Kb / 18P
   CryptoMemory 1 Kbit
AT88SC25616C ATMEL-AT88SC25616C_08 Datasheet
438Kb / 18P
   CryptoMemory 256 Kbit
AT88SC6416C ATMEL-AT88SC6416C_08 Datasheet
475Kb / 18P
   CryptoMemory 64 Kbit
AT88SC0808C ATMEL-AT88SC0808C_09 Datasheet
192Kb / 20P
   CryptoMemory 8 Kbit
AT88SC3216C ATMEL-AT88SC3216C_09 Datasheet
208Kb / 21P
   CryptoMemory 32 Kbit
AT88SC0808C ATMEL-AT88SC0808C Datasheet
199Kb / 14P
   CryptoMemory 8 Kbit
AT88SC0104C ATMEL-AT88SC0104C Datasheet
345Kb / 17P
   CryptoMemory 1 Kbit
AT88SC0808C ATMEL-AT88SC0808C_07 Datasheet
409Kb / 18P
   CryptoMemory 8 Kbit
AT88SC0104C ATMEL-AT88SC0104C_09 Datasheet
194Kb / 20P
   CryptoMemory 1 Kbit
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com