Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

AS4684AHG8 Datasheet(PDF) 1 Page - Integrated Device Technology

Part # AS4684AHG8
Description  0.5 OHM, DUAL SPDT ANALOG SWITCH
Download  13 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  IDT [Integrated Device Technology]
Direct Link  http://www.idt.com
Logo IDT - Integrated Device Technology

AS4684AHG8 Datasheet(HTML) 1 Page - Integrated Device Technology

  AS4684AHG8 Datasheet HTML 1Page - Integrated Device Technology AS4684AHG8 Datasheet HTML 2Page - Integrated Device Technology AS4684AHG8 Datasheet HTML 3Page - Integrated Device Technology AS4684AHG8 Datasheet HTML 4Page - Integrated Device Technology AS4684AHG8 Datasheet HTML 5Page - Integrated Device Technology AS4684AHG8 Datasheet HTML 6Page - Integrated Device Technology AS4684AHG8 Datasheet HTML 7Page - Integrated Device Technology AS4684AHG8 Datasheet HTML 8Page - Integrated Device Technology AS4684AHG8 Datasheet HTML 9Page - Integrated Device Technology Next Button
Zoom Inzoom in Zoom Outzoom out
 1 / 13 page
background image
DATASHEET
0.5 OHM, DUAL SPDT ANALOG SWITCH
IDTAS4684
IDT™ 0.5 OHM, DUAL SPDT ANALOG SWITCH
1
IDTAS4684
REV C 111506
Description
The IDTAS4684 low on-resistance (RON), low voltage, dual
single-pole/double-throw (SPDT) analog switch operates
from a single +1.8 V to +5.5 V supply. The IDTAS4684
features a 0.5
Ω (max) RON for its NC switch and a 0.8Ω
(max) RON for its NO switch at a +2.7 V supply. It also
features break-before-make switching action (2 ns) with
tON = 50 ns and tOFF = 40 ns at +3 V. The digital logic inputs
are 1.8 V logic-compatible with a +2.7 V to +3.3 V supply.
Comes in a 12-bump CSP package.
Applications
Speaker headset switching
MP3 players
Battery-operated equipment
Audio and video signal routing
PCMCIA cards
Cellular phones
Modems
Features
+1.8 V to +5.5 V single-supply operation
Rail-to-rail signal handling
1.8 V logic compatibility
RON match between channels: 0.06Ω (max)
RON flatness over signal range: 0.15Ω (max)
NCx Switch RON: 0.5Ω max (+2.7 V Supply)
NOx Switch RON: 0.8Ω max (+2.7 V Supply)
Low crosstalk: -68dB (100 kHz)
High Off-isolation: -64dB (100 kHz)
THD: 0.03%
50 nA (max) supply current
Low leakage currents: 1 nA (max) at TA = +25°C
12-bump, 0.5 mm-Pitch UCSP package
Block Diagram


Similar Part No. - AS4684AHG8

ManufacturerPart #DatasheetDescription
logo
Integrated Device Techn...
AS4684AAHG IDT-AS4684AAHG Datasheet
264Kb / 13P
   0.5 OHM, DUAL SPDT ANALOG SWITCH
AS4684AAHG8 IDT-AS4684AAHG8 Datasheet
264Kb / 13P
   0.5 OHM, DUAL SPDT ANALOG SWITCH
More results

Similar Description - AS4684AHG8

ManufacturerPart #DatasheetDescription
logo
Integrated Device Techn...
IDTAS4684A IDT-IDTAS4684A_1 Datasheet
264Kb / 13P
   0.5 OHM, DUAL SPDT ANALOG SWITCH
IDTAS4684 IDT-IDTAS4684 Datasheet
298Kb / 14P
   0.5 OHM, DUAL SPDT ANALOG SWITCH
logo
ON Semiconductor
NLAS5223 ONSEMI-NLAS5223_06 Datasheet
115Kb / 11P
   Ultra-Low 0.5 ohm Dual SPDT Analog Switch
September, 2006 ??Rev. 4
NLAS5223B ONSEMI-NLAS5223B Datasheet
124Kb / 12P
   Ultra?묹ow 0.5 ohm Dual SPDT Analog Switch
September, 2006 ??Rev. 3
logo
Union Semiconductor, In...
UM4684 UNIONSEMI-UM4684_15 Datasheet
514Kb / 12P
   0.5(OHM) Low-Voltage Dual SPDT Analog Switch
UM5223 UNIONSEMI-UM5223_16 Datasheet
188Kb / 6P
   0.5(ohm) Ultra Low On-Resistance Dual SPDT Analog Switch
logo
National Semiconductor ...
LMS4684 NSC-LMS4684 Datasheet
255Kb / 10P
   0.5 Low-Voltage, Dual SPDT Analog Switch
logo
Protek Devices
PA2535 PROTEC-PA2535_15 Datasheet
138Kb / 9P
   0.35 OHM DUAL SPDT ANALOG SWITCH
logo
ON Semiconductor
NLAS5223 ONSEMI-NLAS5223_15 Datasheet
108Kb / 10P
   Ultra-Low 0.5 Dual SPDT Analog Switch
September, 2015 ??Rev. 6
logo
Shenzhen Huazhimei Semi...
HM5223 HMSEMI-HM5223 Datasheet
637Kb / 8P
   Ultra-Low 0.5廓 Dual SPDT Analog Switch
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com