Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

1338-31DCGI8 Datasheet(PDF) 2 Page - Integrated Device Technology

Part # 1338-31DCGI8
Description  REAL-TIME CLOCK WITH BATTERY BACKED NON-VOLATILE RAM
Download  23 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  IDT [Integrated Device Technology]
Direct Link  http://www.idt.com
Logo IDT - Integrated Device Technology

1338-31DCGI8 Datasheet(HTML) 2 Page - Integrated Device Technology

  1338-31DCGI8 Datasheet HTML 1Page - Integrated Device Technology 1338-31DCGI8 Datasheet HTML 2Page - Integrated Device Technology 1338-31DCGI8 Datasheet HTML 3Page - Integrated Device Technology 1338-31DCGI8 Datasheet HTML 4Page - Integrated Device Technology 1338-31DCGI8 Datasheet HTML 5Page - Integrated Device Technology 1338-31DCGI8 Datasheet HTML 6Page - Integrated Device Technology 1338-31DCGI8 Datasheet HTML 7Page - Integrated Device Technology 1338-31DCGI8 Datasheet HTML 8Page - Integrated Device Technology 1338-31DCGI8 Datasheet HTML 9Page - Integrated Device Technology Next Button
Zoom Inzoom in Zoom Outzoom out
 2 / 23 page
background image
IDT1338
REAL-TIME CLOCK WITH BATTERY BACKED NON-VOLATILE RAM
RTC
IDT™ REAL-TIME CLOCK WITH BATTERY BACKED NON-VOLATILE RAM 2
IDT1338
REV J 111009
Pin Assignment (8-pin MSOP/8-pin SOIC)
Pin Assignment (16-pin SOIC)
Pin Descriptions
X1
SCL
SQW/OUT
GND
VCC
1
2
3
4
8
7
6
5
SDA
X2
VBAT
IDT
1338
16
1
15
2
14
3
13
4
5
6
7
8
9
10
12
11
SCL
VCC
NC
NC
NC
NC
NC
NC
NC
NC
NC
NC
SDA
GND
SQW/OUT
VBAT
IDT
1338C
Pin
Number
Pin
Name
Pin Description/Function
8MSOP,
8SOIC
16SOIC
1
X1
Connections for standard 32.768 kHz quartz crystal. The internal oscillator circuitry is designed
for operation with a crystal having a specified load capacitance (CL) of 12.5 pF. An external
32.768 kHz oscillator can also drive the IDT1338. In this configuration, the X1 pin is connected to
the external oscillator signal and the X2 pin is left floating.
2—
X2
314
VBAT
Backup Supply Input for Lithium Coin Cell or Other Energy Source. Battery voltage must be held
between the minimum and maximum limits for proper operation. Diodes placed in series
between the backup source and the VBAT pin may prevent proper operation. If a backup supply is
not required, VBAT must be connected to ground.
4
15
GND
Connect to ground.
5
16
SDA
Serial data input/output. SDA is the input/output pin for the I2C serial interface. It is an open-drain
output and requires an external pull-up resistor (2 Kohm typical).
6
1
SCL
Serial clock input. SCL is used to synchronize data movement on the serial interface. It is an
open-drain output and requires an external pull-up resistor (2 Kohm typical)
7
2
SQW/OUT
Square-Wave/Output driver. When enabled and the SQWE bit set to 1, the SQW/OUT pin
outputs one of four square-wave frequencies (1 Hz, 4 kHz, 8 kHz, 32 kHz). It is an open drain
output and requires an external pull-up resistor (10K ohm typical). Operates when the device is
powered with VCC or VBAT.
83
VCC
Device power supply. When voltage is applied within specified limits, the device is fully
accessible by I2C and data can be written and read.
4 - 13
NC
No connect. These pins are unused and must be connected to ground for proper operation.


Similar Part No. - 1338-31DCGI8

ManufacturerPart #DatasheetDescription
logo
Integrated Device Techn...
1338-31DCGI8 IDT-1338-31DCGI8 Datasheet
321Kb / 23P
   REAL-TIME CLOCK WITH BATTERY BACKED NON-VOLATILE RAM
logo
Renesas Technology Corp
1338-31DCGI8 RENESAS-1338-31DCGI8 Datasheet
748Kb / 24P
   Real-Time Clock with Battery Backed Non-Volatile RAM
September 30, 2020
More results

Similar Description - 1338-31DCGI8

ManufacturerPart #DatasheetDescription
logo
Integrated Device Techn...
IDT1338 IDT-IDT1338_10 Datasheet
321Kb / 23P
   REAL-TIME CLOCK WITH BATTERY BACKED NON-VOLATILE RAM
logo
Renesas Technology Corp
IDT1338B-31 RENESAS-IDT1338B-31 Datasheet
649Kb / 24P
   REAL-TIME CLOCK WITH BATTERY BACKED NON-VOLATILE RAM
112309
1338-18DCGI RENESAS-1338-18DCGI Datasheet
748Kb / 24P
   Real-Time Clock with Battery Backed Non-Volatile RAM
September 30, 2020
logo
Microchip Technology
MCP7951X MICROCHIP-MCP7951X Datasheet
899Kb / 58P
   Battery-Backed SPI Real-Time Clock/Calendar
09/14/21
MCP7940N MICROCHIP-MCP7940N_V01 Datasheet
727Kb / 58P
   Battery-Backed I2C Real-Time Clock/Calendar with SRAM
09/14/21
logo
Renesas Technology Corp
ISL1208 RENESAS-ISL1208 Datasheet
1,010Kb / 24P
   I2C Real Time Clock/Calendar, Low Power RTC with Battery Backed SRAM
logo
Microchip Technology
MCP79410 MICROCHIP-MCP79410_13 Datasheet
1Mb / 60P
   Battery-Backed I2C??Real-Time Clock/Calendar with EEPROM and Unique ID
11/29/12 2010-2013
logo
Renesas Technology Corp
ISL1208 RENESAS-ISL1208_V01 Datasheet
1Mb / 25P
   I2C Real Time Clock/Calendar, Low Power RTC with Battery Backed SRAM
Jul 15, 2022
logo
Microchip Technology
MCP79400 MICROCHIP-MCP79400_16 Datasheet
920Kb / 62P
   Battery-Backed I2C Real-Time Clock/Calendar with SRAM and Protected EEPROM
06/23/16
logo
Dallas Semiconductor
DS14285 DALLAS-DS14285_05 Datasheet
481Kb / 26P
   Real-Time Clock with NV RAM
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com