Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

1338-31DVGI8 Datasheet(PDF) 11 Page - Integrated Device Technology

Part # 1338-31DVGI8
Description  REAL-TIME CLOCK WITH BATTERY BACKED NON-VOLATILE RAM
Download  23 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  IDT [Integrated Device Technology]
Direct Link  http://www.idt.com
Logo IDT - Integrated Device Technology

1338-31DVGI8 Datasheet(HTML) 11 Page - Integrated Device Technology

Back Button 1338-31DVGI8 Datasheet HTML 7Page - Integrated Device Technology 1338-31DVGI8 Datasheet HTML 8Page - Integrated Device Technology 1338-31DVGI8 Datasheet HTML 9Page - Integrated Device Technology 1338-31DVGI8 Datasheet HTML 10Page - Integrated Device Technology 1338-31DVGI8 Datasheet HTML 11Page - Integrated Device Technology 1338-31DVGI8 Datasheet HTML 12Page - Integrated Device Technology 1338-31DVGI8 Datasheet HTML 13Page - Integrated Device Technology 1338-31DVGI8 Datasheet HTML 14Page - Integrated Device Technology 1338-31DVGI8 Datasheet HTML 15Page - Integrated Device Technology Next Button
Zoom Inzoom in Zoom Outzoom out
 11 / 23 page
background image
IDT1338
REAL-TIME CLOCK WITH BATTERY BACKED NON-VOLATILE RAM
RTC
IDT™ REAL-TIME CLOCK WITH BATTERY BACKED NON-VOLATILE RAM 11
IDT1338
REV J 111009
Handling, PCB Layout, and Assembly
The IDT1338 package contains a quartz tuning-fork crystal. Pick-and-place equipment may be used, but precautions should
be taken to ensure that excessive shocks are avioded. Ultarsonic cleaning equipment should be avioded to prevent damage
to the crystal.
Avoid running signal traces under the package, unless a ground plane is placed between the package and the signal line.
All NC (no connect) pins must be connected to ground.
Moisture-sensitive packages are shipped from the factory dry-packed. Handling instructions listed on the package label must
be followed to prevent damage during reflow. Refer to the IPC/JEDEC J-STD-020 standard for moisture-sensitive device
(MSD) classifications.
Absolute Maximum Ratings
Stresses above the ratings listed below can cause permanent damage to the IDT1338. These ratings, which are
standard values for IDT commercially rated parts, are stress ratings only. Functional operation of the device at these
or any other conditions above those indicated in the operational sections of the specifications is not implied.
Exposure to absolute maximum rating conditions for extended periods can affect product reliability. Electrical
parameters are guaranteed only over the recommended operating temperature range.
Recommended DC Operating Conditions
(VCC = VCC(MIN) to VCC(MAX), TA = -40°C to +85°C, unless otherwise noted. Typical values are at VCC = 3.3 V,
TA = +25°C, unless otherwise noted.) (Note 1)
Item
Rating
Voltage Range on Any Pin Relative to Ground
-0.3 V to +6.0 V
Storage Temperature
-55 to +125
° C
Soldering Temperature
260
° C
Parameter
Symbol
Min.
Typ.
Max.
Units
Ambient Operating Temperature
TA
-40
+85
° C
VBAT Input Voltage, Note 2
VBAT
1.3
3.0
3.7
Pull-up Resistor Voltage (SQW/OUT), Note 2
VPU
5.5
V
Logic 1, Note 2
VIH
0.7VCC
VCC + 0.3
V
Logic 0, Note 2
VIL
-0.3
+0.3VCC
V
Supply Voltage
IDT1338-18
VCC
VPF
1.8
5.5
V
IDT1338-31
VPF
3.3
5.5
Power Fail Voltage
IDT1338-18
VPF
1.40
1.62
1.71
V
IDT1338-31
2.45
2.7
2.97


Similar Part No. - 1338-31DVGI8

ManufacturerPart #DatasheetDescription
logo
Integrated Device Techn...
1338-31DVGI8 IDT-1338-31DVGI8 Datasheet
321Kb / 23P
   REAL-TIME CLOCK WITH BATTERY BACKED NON-VOLATILE RAM
logo
Renesas Technology Corp
1338-31DVGI8 RENESAS-1338-31DVGI8 Datasheet
748Kb / 24P
   Real-Time Clock with Battery Backed Non-Volatile RAM
September 30, 2020
More results

Similar Description - 1338-31DVGI8

ManufacturerPart #DatasheetDescription
logo
Integrated Device Techn...
IDT1338 IDT-IDT1338_10 Datasheet
321Kb / 23P
   REAL-TIME CLOCK WITH BATTERY BACKED NON-VOLATILE RAM
logo
Renesas Technology Corp
IDT1338B-31 RENESAS-IDT1338B-31 Datasheet
649Kb / 24P
   REAL-TIME CLOCK WITH BATTERY BACKED NON-VOLATILE RAM
112309
1338-18DCGI RENESAS-1338-18DCGI Datasheet
748Kb / 24P
   Real-Time Clock with Battery Backed Non-Volatile RAM
September 30, 2020
logo
Microchip Technology
MCP7951X MICROCHIP-MCP7951X Datasheet
899Kb / 58P
   Battery-Backed SPI Real-Time Clock/Calendar
09/14/21
MCP7940N MICROCHIP-MCP7940N_V01 Datasheet
727Kb / 58P
   Battery-Backed I2C Real-Time Clock/Calendar with SRAM
09/14/21
logo
Renesas Technology Corp
ISL1208 RENESAS-ISL1208 Datasheet
1,010Kb / 24P
   I2C Real Time Clock/Calendar, Low Power RTC with Battery Backed SRAM
logo
Microchip Technology
MCP79410 MICROCHIP-MCP79410_13 Datasheet
1Mb / 60P
   Battery-Backed I2C??Real-Time Clock/Calendar with EEPROM and Unique ID
11/29/12 2010-2013
logo
Renesas Technology Corp
ISL1208 RENESAS-ISL1208_V01 Datasheet
1Mb / 25P
   I2C Real Time Clock/Calendar, Low Power RTC with Battery Backed SRAM
Jul 15, 2022
logo
Microchip Technology
MCP79400 MICROCHIP-MCP79400_16 Datasheet
920Kb / 62P
   Battery-Backed I2C Real-Time Clock/Calendar with SRAM and Protected EEPROM
06/23/16
logo
Dallas Semiconductor
DS14285 DALLAS-DS14285_05 Datasheet
481Kb / 26P
   Real-Time Clock with NV RAM
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com