Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

MBR2545CT Datasheet(PDF) 1 Page - Motorola, Inc

Part # MBR2545CT
Description  SWITCHMODE??Power Rectifiers
Download  4 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  MOTOROLA [Motorola, Inc]
Direct Link  http://www.freescale.com
Logo MOTOROLA - Motorola, Inc

MBR2545CT Datasheet(HTML) 1 Page - Motorola, Inc

  MBR2545CT Datasheet HTML 1Page - Motorola, Inc MBR2545CT Datasheet HTML 2Page - Motorola, Inc MBR2545CT Datasheet HTML 3Page - Motorola, Inc MBR2545CT Datasheet HTML 4Page - Motorola, Inc  
Zoom Inzoom in Zoom Outzoom out
 1 / 4 page
background image
1
Rectifier Device Data
SWITCHMODE™ Power Rectifiers
. . . using the Schottky Barrier principle with a platinum barrier metal. These
state–of–the–art devices have the following features:
• Guardring for Stress Protection
• Low Forward Voltage
• 150°C Operating Junction Temperature
• Guaranteed Reverse Avalanche
Mechanical Characteristics:
• Case: Epoxy, Molded
• Weight: 1.9 grams (approximately)
• Finish: All External Surfaces Corrosion Resistant and Terminal Leads are
Readily Solderable
• Lead Temperature for Soldering Purposes: 260°C Max. for 10 Seconds
• Shipped 50 units per plastic tube
• Marking: B2535, B2545
MAXIMUM RATINGS
Rating
Symbol
MBR2535CT
MBR2545CT
Unit
Peak Repetitive Reverse Voltage
Working Peak Reverse Voltage
DC Blocking Voltage
VRRM
VRWM
VR
35
45
Volts
Average Rectified Forward Current (Rated VR)
TC = 130°C
IF(AV)
30
30
Amps
Peak Repetitive Forward Current Per Diode Leg
(Rated VR, Square Wave, 20 kHz) TC = 130°C
IFRM
30
30
Amps
Nonrepetitive Peak Surge Current per Diode Leg
(Surge applied at rated load conditions halfwave, single phase, 60 Hz)
IFSM
150
150
Amps
Peak Repetitive Reverse Surge Current
(2.0
µs, 1.0 kHz)
IRRM
1.0
1.0
Amp
Operating Junction Temperature
TJ
*65 to +150
*65 to +150
°C
Storage Temperature
Tstg
*65 to +175
*65 to +175
°C
Voltage Rate of Change (Rated VR)
dv/dt
1000
1000
V/
µs
THERMAL CHARACTERISTICS PER DIODE LEG
Maximum Thermal Resistance, Junction to Case
R
θJC
1.5
1.5
°C/W
ELECTRICAL CHARACTERISTICS PER DIODE LEG
Maximum Instantaneous Forward Voltage (1)
(iF = 30 Amps, TC = 125°C)
(iF = 30 Amps, TC = 25°C)
vF
0.73
0.82
0.73
0.82
Volts
Maximum Instantaneous Reverse Current (1)
(Rated dc Voltage, TC = 125°C)
(Rated dc Voltage, TC = 25°C)
iR
40
0.2
40
0.2
mA
(1) Pulse Test: Pulse Width = 300
µs, Duty Cycle ≤ 2.0%.
SWITCHMODE is a trademark of Motorola, Inc.
Preferred devices are Motorola recommended choices for future use and best overall value.
© Motorola, Inc. 1996
Order this document
by MBR2535CT/D
MOTOROLA
SEMICONDUCTOR TECHNICAL DATA
1
3
2, 4
MBR2535CT
MBR2545CT
SCHOTTKY BARRIER
RECTIFIERS
30 AMPERES
35 and 45 VOLTS
CASE 221A–06
TO–220AB
PLASTIC
MBR2545CT is a
Motorola Preferred Device
1
3
4
2
Rev 1


Similar Part No. - MBR2545CT

ManufacturerPart #DatasheetDescription
logo
Fairchild Semiconductor
MBR2545CT FAIRCHILD-MBR2545CT Datasheet
35Kb / 3P
   30 Ampere Schottky Barrier Rectifiers
logo
Nantong Hornby Electron...
MBR2545CT HORNBY-MBR2545CT Datasheet
261Kb / 3P
   SCHOTTKY BARRIER RECTIFIER
logo
Vishay Siliconix
MBR2545CT VISHAY-MBR2545CT Datasheet
512Kb / 5P
   Dual Common-Cathode Schottky Rectifier
Revision: 08-Nov-07
logo
Kersemi Electronic Co.,...
MBR2545CT KERSEMI-MBR2545CT Datasheet
820Kb / 2P
   25 Amp Schottky Barrier Rectifier 20 to 100 Volts
logo
Diodes Incorporated
MBR2545CT DIODES-MBR2545CT Datasheet
65Kb / 2P
   30A SCHOTTKY BARRIER RECTIFIER
DS31036 Rev. D-2
More results

Similar Description - MBR2545CT

ManufacturerPart #DatasheetDescription
logo
ON Semiconductor
MBRD620CT ONSEMI-MBRD620CT_10 Datasheet
103Kb / 6P
   SWITCHMODE Power Rectifiers
July, 2010 ??Rev. 7
MBR540MFS ONSEMI-MBR540MFS Datasheet
111Kb / 5P
   SWITCHMODE Power Rectifiers
June, 2013 ??Rev. 0
logo
Unisonic Technologies
UMUR1660 UTC-UMUR1660 Datasheet
117Kb / 3P
   SWITCHMODE POWER RECTIFIERS
logo
Shenzhen Taychipst Elec...
MURS480ET3G TAYCHIPST-MURS480ET3G Datasheet
8Mb / 2P
   SWITCHMODE Power Rectifiers
logo
Kersemi Electronic Co.,...
MBR20100CTG KERSEMI-MBR20100CTG Datasheet
482Kb / 4P
   SWITCHMODE Power Rectifiers
logo
New Jersey Semi-Conduct...
MUR805 NJSEMI-MUR805 Datasheet
75Kb / 2P
   SWITCHMODE Power Rectifiers
logo
Motorola, Inc
MBR2060CT MOTOROLA-MBR2060CT Datasheet
87Kb / 4P
   SWITCHMODE??Power Rectifiers
logo
ON Semiconductor
MUR1510 ONSEMI-MUR1510 Datasheet
98Kb / 8P
   SWITCHMODE Power Rectifiers
October, 2000 ??Rev. 2
MUR8100E ONSEMI-MUR8100E Datasheet
94Kb / 6P
   SWITCHMODE Power Rectifiers
March, 2004 ??Rev. 2
MBR860MFS ONSEMI-MBR860MFS Datasheet
67Kb / 4P
   SWITCHMODE Power Rectifiers
October, 2013 ??Rev. 0
MBR5100MFS ONSEMI-MBR5100MFS Datasheet
118Kb / 5P
   SWITCHMODE Power Rectifiers
June, 2013 ??Rev. 0
More results


Html Pages

1 2 3 4


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com