Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

IDT82V3352 Datasheet(PDF) 5 Page - Integrated Device Technology

Part # IDT82V3352
Description  SYNCHRONOUS ETHERNET WAN PLL
Download  125 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  IDT [Integrated Device Technology]
Direct Link  http://www.idt.com
Logo IDT - Integrated Device Technology

IDT82V3352 Datasheet(HTML) 5 Page - Integrated Device Technology

  IDT82V3352 Datasheet HTML 1Page - Integrated Device Technology IDT82V3352 Datasheet HTML 2Page - Integrated Device Technology IDT82V3352 Datasheet HTML 3Page - Integrated Device Technology IDT82V3352 Datasheet HTML 4Page - Integrated Device Technology IDT82V3352 Datasheet HTML 5Page - Integrated Device Technology IDT82V3352 Datasheet HTML 6Page - Integrated Device Technology IDT82V3352 Datasheet HTML 7Page - Integrated Device Technology IDT82V3352 Datasheet HTML 8Page - Integrated Device Technology IDT82V3352 Datasheet HTML 9Page - Integrated Device Technology Next Button
Zoom Inzoom in Zoom Outzoom out
 5 / 125 page
background image
List of Tables
5
March 23, 2009
Table 1: Pin Description ............................................................................................................................................................................................. 11
Table 2: Related Bit / Register in Chapter 3.2 ........................................................................................................................................................... 15
Table 3: Related Bit / Register in Chapter 3.3 ........................................................................................................................................................... 16
Table 4: Related Bit / Register in Chapter 3.4 ........................................................................................................................................................... 17
Table 5: Related Bit / Register in Chapter 3.5 ........................................................................................................................................................... 19
Table 6: Input Clock Selection for T0 Path ................................................................................................................................................................ 20
Table 7: External Fast Selection ................................................................................................................................................................................ 20
Table 8: ‘n’ Assigned to the Input Clock ..................................................................................................................................................................... 21
Table 9: Related Bit / Register in Chapter 3.6 ........................................................................................................................................................... 21
Table 10: Coarse Phase Limit Programming (the selected input clock of 2 kHz, 4 kHz or 8 kHz) .............................................................................. 22
Table 11: Coarse Phase Limit Programming (the selected input clock of other than 2 kHz, 4 kHz and 8 kHz) .......................................................... 22
Table 12: Related Bit / Register in Chapter 3.7 ........................................................................................................................................................... 23
Table 13: Conditions of Qualified Input Clocks Available for T0 Selection ................................................................................................................. 24
Table 14: Related Bit / Register in Chapter 3.8 ........................................................................................................................................................... 25
Table 15: T0 DPLL Operating Mode Control ............................................................................................................................................................... 26
Table 16: Frequency Offset Control in Temp-Holdover Mode ..................................................................................................................................... 28
Table 17: Frequency Offset Control in Holdover Mode ............................................................................................................................................... 29
Table 18: Holdover Frequency Offset Read ................................................................................................................................................................ 29
Table 19: Related Bit / Register in Chapter 3.12 ......................................................................................................................................................... 31
Table 20: Outputs on OUT1 & OUT2 if Derived from T0 DPLL Outputs ..................................................................................................................... 31
Table 21: Outputs on OUT1 & OUT2 if Derived from T0 APLL ................................................................................................................................... 32
Table 22: Outputs on OUT1 & OUT2 if Derived from T4 APLL ................................................................................................................................... 33
Table 23: Frame Sync Input Signal Selection .............................................................................................................................................................. 34
Table 24: Synchronization Control ............................................................................................................................................................................... 34
Table 25: Related Bit / Register in Chapter 3.13 ......................................................................................................................................................... 35
Table 26: Related Bit / Register in Chapter 3.14 ......................................................................................................................................................... 36
Table 27: Read Timing Characteristics in Serial Mode ................................................................................................................................................ 40
Table 28: Write Timing Characteristics in Serial Mode ................................................................................................................................................ 40
Table 29: JTAG Timing Characteristics ....................................................................................................................................................................... 41
Table 30: Register List and Map .................................................................................................................................................................................. 42
Table 31: Power Consumption and Maximum Junction Temperature ....................................................................................................................... 103
Table 32: Thermal Data ............................................................................................................................................................................................. 103
Table 33: Absolute Maximum Rating ......................................................................................................................................................................... 104
Table 34: Recommended Operation Conditions ........................................................................................................................................................ 104
Table 35: CMOS Input Port Electrical Characteristics ............................................................................................................................................... 105
Table 36: CMOS Input Port with Internal Pull-Up Resistor Electrical Characteristics ................................................................................................ 105
Table 37: CMOS Input Port with Internal Pull-Down Resistor Electrical Characteristics ........................................................................................... 105
Table 38: CMOS Output Port Electrical Characteristics ............................................................................................................................................ 105
Table 39: PECL Input / Output Port Electrical Characteristics ................................................................................................................................... 107
Table 40: LVDS Input / Output Port Electrical Characteristics ................................................................................................................................... 108
Table 41: Output Clock Jitter Generation .................................................................................................................................................................. 109
Table 42: Output Clock Phase Noise ......................................................................................................................................................................... 110
Table 43: Input Jitter Tolerance (155.52 MHz) .......................................................................................................................................................... 111
Table 44: Input Jitter Tolerance (1.544 MHz) ............................................................................................................................................................ 111
Table 45: Input Jitter Tolerance (2.048 MHz) ............................................................................................................................................................ 111
Table 46: Input Jitter Tolerance (8 kHz) .................................................................................................................................................................... 111
Table 47: T0 DPLL Jitter Transfer & Damping Factor ............................................................................................................................................... 111
Table 48: Input/Output Clock Timing ......................................................................................................................................................................... 113
Table 49: Output Clock Timing .................................................................................................................................................................................. 115
List of Tables


Similar Part No. - IDT82V3352

ManufacturerPart #DatasheetDescription
logo
Integrated Device Techn...
IDT82V3355 IDT-IDT82V3355 Datasheet
1Mb / 135P
   SYNCHRONOUS ETHERNET WAN PLL
IDT82V3355EDGBLANK IDT-IDT82V3355EDGBLANK Datasheet
1Mb / 135P
   SYNCHRONOUS ETHERNET WAN PLL
IDT82V3355TFBLANK IDT-IDT82V3355TFBLANK Datasheet
1Mb / 135P
   SYNCHRONOUS ETHERNET WAN PLL
IDT82V3355TFGBLANK IDT-IDT82V3355TFGBLANK Datasheet
1Mb / 135P
   SYNCHRONOUS ETHERNET WAN PLL
IDT82V3358 IDT-IDT82V3358 Datasheet
1Mb / 139P
   SYNCHRONOUS ETHERNET WAN PLL
More results

Similar Description - IDT82V3352

ManufacturerPart #DatasheetDescription
logo
Integrated Device Techn...
IDT82V3380 IDT-IDT82V3380 Datasheet
1Mb / 175P
   SYNCHRONOUS ETHERNET WAN PLL
IDT82V3358 IDT-IDT82V3358 Datasheet
1Mb / 139P
   SYNCHRONOUS ETHERNET WAN PLL
IDT82V3385 IDT-IDT82V3385 Datasheet
1Mb / 150P
   SYNCHRONOUS ETHERNET WAN PLL
IDT82V3385 IDT-IDT82V3385_10 Datasheet
871Kb / 145P
   SYNCHRONOUS ETHERNET WAN PLL
logo
Renesas Technology Corp
IDT82V3385 RENESAS-IDT82V3385 Datasheet
1Mb / 146P
   SYNCHRONOUS ETHERNET WAN PLL
May 14, 2010
logo
Integrated Device Techn...
IDT82V3355 IDT-IDT82V3355 Datasheet
1Mb / 135P
   SYNCHRONOUS ETHERNET WAN PLL
logo
Renesas Technology Corp
IDT82V3358 RENESAS-IDT82V3358 Datasheet
1Mb / 140P
   SYNCHRONOUS ETHERNET WAN PLL
May 19, 2009
IDT82V3380 RENESAS-IDT82V3380 Datasheet
1Mb / 185P
   SYNCHRONOUS ETHERNET WAN PLL
September 29, 2014
logo
Integrated Device Techn...
IDT82V3380A IDT-IDT82V3380A Datasheet
1Mb / 177P
   SYNCHRONOUS ETHERNET IDT WAN PLL?
IDT82V3390 IDT-IDT82V3390 Datasheet
1Mb / 182P
   SYNCHRONOUS ETHERNET IDT WAN PLL?
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com