Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

6P30006ANLGI8 Datasheet(PDF) 5 Page - Integrated Device Technology

Part # 6P30006ANLGI8
Description  CLOCK DISTRIBUTION CIRCUIT
Download  12 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  IDT [Integrated Device Technology]
Direct Link  http://www.idt.com
Logo IDT - Integrated Device Technology

6P30006ANLGI8 Datasheet(HTML) 5 Page - Integrated Device Technology

  6P30006ANLGI8 Datasheet HTML 1Page - Integrated Device Technology 6P30006ANLGI8 Datasheet HTML 2Page - Integrated Device Technology 6P30006ANLGI8 Datasheet HTML 3Page - Integrated Device Technology 6P30006ANLGI8 Datasheet HTML 4Page - Integrated Device Technology 6P30006ANLGI8 Datasheet HTML 5Page - Integrated Device Technology 6P30006ANLGI8 Datasheet HTML 6Page - Integrated Device Technology 6P30006ANLGI8 Datasheet HTML 7Page - Integrated Device Technology 6P30006ANLGI8 Datasheet HTML 8Page - Integrated Device Technology 6P30006ANLGI8 Datasheet HTML 9Page - Integrated Device Technology Next Button
Zoom Inzoom in Zoom Outzoom out
 5 / 12 page
background image
IDT6P30006A
CLOCK DISTRIBUTION CIRCUIT
DISTRIBUTION CIRCUITS
IDT™ CLOCK DISTRIBUTION CIRCUIT
5
IDT6P30006A REV C 111009
I2C Address
The IDT6P30006A is a slave-only device that supports block read and block write protocol using a single 7 bit address and
read/write bit. A block write (D2(H)) or block read (D3(H)) is made up of seven (7) bits and one (1) read/write bit.
In applications where the indexed block write and block read
are used, the dummy byte (bit 11-18) functions as a
register-offset (8 bits) pointer.
Byte 0: Control Register
A6
A5
A4
A3
A2
A1
A0
R/W#
1101001
X
Bit
Description
Type
Power Up
Condition
Output(s) Affected
Notes
7
Reserved
RW
Undefined
Not applicable
6
Reserved
RW
Undefined
Not applicable
5
Reserved
RW
Undefined
Not applicable
4
Reserved
RW
Undefined
Not applicable
3
OE for clock output
RW
1
Output_5 clock output
1=enabled
0=disabled
2
OE for clock output
RW
1
Output_6 clock output
1=enabled
0=disabled
1
OE for clock output
RW
1
Output_7 clock output
1=enabled
0=disabled
0
OE for clock output
RW
1
Output_8 clock output
1=enabled
0=disabled


Similar Part No. - 6P30006ANLGI8

ManufacturerPart #DatasheetDescription
logo
Renesas Technology Corp
6P30006ANLGI8 RENESAS-6P30006ANLGI8 Datasheet
273Kb / 13P
   CLOCK DISTRIBUTION CIRCUIT
061711
More results

Similar Description - 6P30006ANLGI8

ManufacturerPart #DatasheetDescription
logo
Renesas Technology Corp
IDT6T39007A RENESAS-IDT6T39007A Datasheet
303Kb / 17P
   CLOCK DISTRIBUTION CIRCUIT
022212
logo
Integrated Device Techn...
IDT6T39007A IDT-IDT6T39007A Datasheet
282Kb / 15P
   CLOCK DISTRIBUTION CIRCUIT
logo
Renesas Technology Corp
IDT6P30006A RENESAS-IDT6P30006A Datasheet
273Kb / 13P
   CLOCK DISTRIBUTION CIRCUIT
061711
logo
STMicroelectronics
STCD1020 STMICROELECTRONICS-STCD1020_10 Datasheet
2Mb / 40P
   Multichannel clock distribution circuit
STCD2400 STMICROELECTRONICS-STCD2400 Datasheet
1Mb / 39P
   Multichannel clock distribution circuit
STCD2400F35F STMICROELECTRONICS-STCD2400F35F Datasheet
1Mb / 39P
   Multichannel clock distribution circuit
STCD22X0 STMICROELECTRONICS-STCD22X0 Datasheet
1Mb / 39P
   Multichannel clock distribution circuit
January 2010 Rev 2
STCD1020 STMICROELECTRONICS-STCD1020 Datasheet
1Mb / 40P
   Multi-channel clock distribution circuit
logo
Renesas Technology Corp
ISL3280E RENESAS-ISL3280E Datasheet
944Kb / 16P
   Clock distribution
logo
Semtech Corporation
SK10EL15WD SEMTECH-SK10EL15WD Datasheet
94Kb / 4P
   1:4 Clock Distribution
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com