Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

MIC22700YML Datasheet(PDF) 5 Page - Micrel Semiconductor

Part # MIC22700YML
Description  1MHz, 7A Integrated Switch High Efficiency Synchronous Buck Regulator
Download  21 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  MICREL [Micrel Semiconductor]
Direct Link  http://www.micrel.com
Logo MICREL - Micrel Semiconductor

MIC22700YML Datasheet(HTML) 5 Page - Micrel Semiconductor

  MIC22700YML Datasheet HTML 1Page - Micrel Semiconductor MIC22700YML Datasheet HTML 2Page - Micrel Semiconductor MIC22700YML Datasheet HTML 3Page - Micrel Semiconductor MIC22700YML Datasheet HTML 4Page - Micrel Semiconductor MIC22700YML Datasheet HTML 5Page - Micrel Semiconductor MIC22700YML Datasheet HTML 6Page - Micrel Semiconductor MIC22700YML Datasheet HTML 7Page - Micrel Semiconductor MIC22700YML Datasheet HTML 8Page - Micrel Semiconductor MIC22700YML Datasheet HTML 9Page - Micrel Semiconductor Next Button
Zoom Inzoom in Zoom Outzoom out
 5 / 21 page
background image
Micrel, Inc.
MIC22700
July 2009
5
M9999-072209-B
Typical Characteristics (continued)
50
55
60
65
70
75
80
85
90
95
100
0
1234
567
LOAD CURRENT (A)
Efficiency @ 1.2VOUT
2.6VIN
3.3VIN
5.5VIN
50
55
60
65
70
75
80
85
90
95
100
0
1234
567
LOAD CURRENT (A)
Efficiency @ 1.8VOUT
2.6VIN
3.3VIN
5.5VIN
50
55
60
65
70
75
80
85
90
95
100
0
1234567
LOAD CURRENT (A)
Efficiency @ 3.3VOUT
VIN = 5.5V
100
1k
10k
100k
1M
FREQUENCY (Hz)
250
200
150
100
50
0
-50
-100
-150
-200
-250
100
80
60
40
20
0
-20
-40
-60
-80
-100
Bode Plot
(VIN - 3.6V, VO - 1.8V)
100
1k
10k
100k
1M
FREQUENCY (Hz)
Bode Plot
(VIN - 5.5V, VO - 1.8V)
250
200
150
100
50
0
-50
-100
-150
-200
-250
100
80
60
40
20
0
-20
-40
-60
-80
-100
100
1k
10k
100k
1M
FREQUENCY (Hz)
Bode Plot
(VIN - 5.0V, VO - 3.3V)
250
200
150
100
50
0
-50
-100
-150
-200
-250
100
80
60
40
20
0
-20
-40
-60
-80
-100


Similar Part No. - MIC22700YML

ManufacturerPart #DatasheetDescription
logo
Micrel Semiconductor
MIC22700YML MICREL-MIC22700YML Datasheet
1Mb / 21P
   1MHz, 7A Integrated Switch High-Efficiency Synchronous Buck Regulator
More results

Similar Description - MIC22700YML

ManufacturerPart #DatasheetDescription
logo
Micrel Semiconductor
MIC22700 MICREL-MIC22700_10 Datasheet
1Mb / 21P
   1MHz, 7A Integrated Switch High-Efficiency Synchronous Buck Regulator
MIC22705 MICREL-MIC22705_13 Datasheet
1Mb / 29P
   1MHz, 7A Integrated Switch High-Efficiency Synchronous Buck Regulator
MIC22705 MICREL-MIC22705 Datasheet
1Mb / 28P
   1MHz, 7A Integrated Switch High-Efficiency Synchronous Buck Regulator
MIC22705 MICREL-MIC22705_11 Datasheet
1Mb / 29P
   1MHz, 7A Integrated Switch High-Efficiency Synchronous Buck Regulator
MIC22602 MICREL-MIC22602 Datasheet
855Kb / 24P
   1MHz, 6A Integrated Switch High Efficiency Synchronous Buck Regulator
MIC2203 MICREL-MIC2203 Datasheet
2Mb / 13P
   High Efficiency 1MHz Synchronous Buck Regulator
MIC22600 MICREL-MIC22600 Datasheet
541Kb / 17P
   1MHz 6A Integrated Switch Synchronous Buck Regulator
MIC22600 MICREL-MIC22600_11 Datasheet
1Mb / 32P
   1MHz, 6A Integrated Switch Synchronous Buck Regulator
MIC22600 MICREL-MIC22600_09 Datasheet
647Kb / 29P
   1MHz, 6A Integrated Switch Synchronous Buck Regulator
MIC22405 MICREL-MIC22405 Datasheet
1Mb / 30P
   4A Integrated Switch High-Efficiency Synchronous Buck Regulator
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com