Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

AT32UC3A3256S Datasheet(PDF) 5 Page - ATMEL Corporation

Part # AT32UC3A3256S
Description  AVR32 32-Bit Microcontroller
Download  75 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  ATMEL [ATMEL Corporation]
Direct Link  http://www.atmel.com
Logo ATMEL - ATMEL Corporation

AT32UC3A3256S Datasheet(HTML) 5 Page - ATMEL Corporation

  AT32UC3A3256S_09 Datasheet HTML 1Page - ATMEL Corporation AT32UC3A3256S_09 Datasheet HTML 2Page - ATMEL Corporation AT32UC3A3256S_09 Datasheet HTML 3Page - ATMEL Corporation AT32UC3A3256S_09 Datasheet HTML 4Page - ATMEL Corporation AT32UC3A3256S_09 Datasheet HTML 5Page - ATMEL Corporation AT32UC3A3256S_09 Datasheet HTML 6Page - ATMEL Corporation AT32UC3A3256S_09 Datasheet HTML 7Page - ATMEL Corporation AT32UC3A3256S_09 Datasheet HTML 8Page - ATMEL Corporation AT32UC3A3256S_09 Datasheet HTML 9Page - ATMEL Corporation Next Button
Zoom Inzoom in Zoom Outzoom out
 5 / 75 page
background image
5
32072AS–AVR32–03/09
AT32UC3A3
2.1
Processor and Architecture
2.1.1
AVR32 UC CPU
32-bit load/store AVR32A RISC architecture
– 15 general-purpose 32-bit registers
– 32-bit Stack Pointer, Program Counter and Link Register reside in register file
– Fully orthogonal instruction set
– Privileged and unprivileged modes enabling efficient and secure Operating Systems
– Innovative instruction set together with variable instruction length ensuring industry leading
code density
– DSP extension with saturating arithmetic, and a wide variety of multiply instructions
Three stage pipeline allows one instruction per clock cycle for most instructions
– Byte, halfword, word and double word memory access
– Multiple interrupt priority levels
MPU allows for operating systems with memory protection
2.1.2
Debug and Test System
IEEE1149.1 compliant JTAG and boundary scan
Direct memory access and programming capabilities through JTAG interface
Extensive On-Chip Debug features in compliance with IEEE-ISTO 5001-2003 (Nexus 2.0) Class 2+
– Low-cost NanoTrace supported
Auxiliary port for high-speed trace information
Hardware support for six Program and two data breakpoints
Unlimited number of software breakpoints supported
Advanced Program, Data, Ownership and Watchpoint trace supported
2.1.3
Peripheral DMA Controller
Transfers from/to peripheral to/from any memory space without intervention of the processor
Next Pointer Support, forbids strong real-time constraints on buffer management
Eight channels and 24 Handshake interfaces
– Two for each USART
– Two for each Serial Synchronous Controller (SSC)
– Two for each Serial Peripheral Interface (SPI)
–One for ADC
– Four for each TWI Interface
– Two for each Audio Bit Stream DAC
2.1.4
Bus System
High Speed Bus (HSB) matrix with 7 Masters and 10 Slaves handled
– Handles Requests from
• Masters: the CPU (Instruction and Data Fetch), PDCA, CPU SAB, USBB, DMACA
• Slaves: the internal Flash, internal SRAM, Peripheral Bus A, Peripheral Bus B, External
Bus Interface (EBI), Advanced Encrytion Standard (AES)
– Round-Robin Arbitration (three modes supported: no default master, last
accessed default
master, fixed default master)
– Burst breaking with Slot Cycle Limit
– One address decoder provided per master
Peripheral Bus A able to run on at divided bus speeds compared to the High Speed Bus


Similar Part No. - AT32UC3A3256S_09

ManufacturerPart #DatasheetDescription
logo
ATMEL Corporation
AT32UC3A3256S-ALUR ATMEL-AT32UC3A3256S-ALUR Datasheet
14Mb / 961P
   AVR32 32-Bit Microcontroller
AT32UC3A3256S-ALUR ATMEL-AT32UC3A3256S-ALUR Datasheet
1Mb / 90P
   32-bit AVR짰Microcontroller
AT32UC3A3256S-ALUR ATMEL-AT32UC3A3256S-ALUR Datasheet
15Mb / 1014P
   32-bit AVR짰Microcontroller
AT32UC3A3256S-ALUT ATMEL-AT32UC3A3256S-ALUT Datasheet
14Mb / 961P
   AVR32 32-Bit Microcontroller
AT32UC3A3256S-ALUT ATMEL-AT32UC3A3256S-ALUT Datasheet
1Mb / 90P
   32-bit AVR짰Microcontroller
More results

Similar Description - AT32UC3A3256S_09

ManufacturerPart #DatasheetDescription
logo
ATMEL Corporation
AT32AP7000 ATMEL-AT32AP7000_09 Datasheet
707Kb / 63P
   AVR32 32-bit Microcontroller
AT32AP7002 ATMEL-AT32AP7002_1 Datasheet
13Mb / 896P
   AVR32 32-bit Microcontroller
AT32UC3A0512 ATMEL-AT32UC3A0512_08 Datasheet
1Mb / 86P
   AVR32 32-Bit Microcontroller
AT32AP7001 ATMEL-AT32AP7001_09 Datasheet
814Kb / 49P
   AVR32 32-bit Microcontroller
AT32UC3L064 ATMEL-AT32UC3L064 Datasheet
1Mb / 71P
   AVR32 32-bit Microcontroller
AT32UC3A3256S ATMEL-AT32UC3A3256S_1 Datasheet
14Mb / 961P
   AVR32 32-Bit Microcontroller
AT32AP7001 ATMEL-AT32AP7001_08 Datasheet
754Kb / 49P
   AVR32 32-bit Microcontroller
AT32UC3B0256 ATMEL-AT32UC3B0256_08 Datasheet
1Mb / 65P
   AVR32 32-Bit Microcontroller
AT32UC3A0512 ATMEL-AT32UC3A0512 Datasheet
655Kb / 52P
   AVR32 32-Bit Microcontroller
AT32AP7000 ATMEL-AT32AP7000_1 Datasheet
9Mb / 973P
   AVR32 32-bit Microcontroller
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com