Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

SHBK07 Datasheet(PDF) 9 Page - Seoul Semiconductor

Part # SHBK07
Description  Specification
Download  16 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  SEOUL [Seoul Semiconductor]
Direct Link  http://www.seoulsemicon.com
Logo SEOUL - Seoul Semiconductor

SHBK07 Datasheet(HTML) 9 Page - Seoul Semiconductor

Back Button SHBK07 Datasheet HTML 5Page - Seoul Semiconductor SHBK07 Datasheet HTML 6Page - Seoul Semiconductor SHBK07 Datasheet HTML 7Page - Seoul Semiconductor SHBK07 Datasheet HTML 8Page - Seoul Semiconductor SHBK07 Datasheet HTML 9Page - Seoul Semiconductor SHBK07 Datasheet HTML 10Page - Seoul Semiconductor SHBK07 Datasheet HTML 11Page - Seoul Semiconductor SHBK07 Datasheet HTML 12Page - Seoul Semiconductor SHBK07 Datasheet HTML 13Page - Seoul Semiconductor Next Button
Zoom Inzoom in Zoom Outzoom out
 9 / 16 page
background image
Rev. 00
Rev. 00
March 2009
March 2009
www.
www.acriche
acriche.com
.com
Document No. : SSC-QP-7-07-24 (Rev.00)
5. Reliability Test
* TEST ITEMS AND RESULTS
0/50
10 cycle
25℃ ~ 65℃ ~ -10℃
TH = 90%, 24 hr / 1 cycle
JEITA ED-4701
200 203
Moisture
Resistance Cycle
0/50
100 cycle
-40℃ ~ 25℃ ~ 100℃ ~ 25℃
(30min) (5min) (30min) (5min)
JEITA ED-4701
100 105
Temperature Cycle
0/50
1 times
over 95%
Tsld = 215±5℃, 3 sec
(Lead Solder)
JEITA ED-4701
303
Solder ability
(Reflow Soldering)
0/50
2 times
Tsld = 260℃, 10 sec
pre treatment ; 30℃, 70%, 168hrs
JEITA ED-4701
301 302
Resistance to
Soldering Heat
0/20
500
Hours
T
a = 60℃, RH = 90%, IF = 20mA
JEITA ED-4701
100 102
High Humidity
Heat Life Test
0/20
1,000
Hours
T
a = 60℃, RH = 90%
JEITA ED-4701
100 103
Humidity Heat
Load
0/20
1,000
Hours
T
a = -40℃
JEITA ED-4701
200 202
Low Temperature
Storage
0/50
20 Cycle
T
a = -30℃ (30MIN) ~ 85℃ (30MIN)
JEITA ED-4701
300 307
Thermal Shock
0/20
1,000
Hours
T
a = 85℃, IF = 5mA
-
High Temperature
Life Test
0/20
1,000
Hours
T
a = -30℃, IF = 20mA
-
Low Temperature
Life Test
0/20
500
Hours
T
a = 25℃, IF = 30mA
JEITA ED-4701
100 101
Life Test 2
0/20
1,000
Hours
T
a = 100℃
JEITA ED-4701
200 201
High Temperature
Storage
0/20
1,000
Hours
T
a = 25℃, IF = 20mA
JEITA ED-4701
100 101
Life Test 1
Number of
Damage
Duration
/ Cycle
Test Condition
Reference
Item
* Criteria for Judging the Damage
-
LSL*2 × 0.5
I
F =20mA
I
V
Luminous Intensity
USL × 2.0
-
V
R=5V
I
R
Reverse Current
USL*1 × 1.2
-
I
F =20mA
V
F
Forward Voltage
MAX
MIN
Criteria for Judgement
Condition
Symbol
Item
Note : *1 USL : Upper Standard Level
*2 LSL : Lower Standard Level


Similar Part No. - SHBK07

ManufacturerPart #DatasheetDescription
logo
PREMO CORPORATION S.L
SHB PREMO-SHB Datasheet
167Kb / 9P
   SMD Power Inductors Shielded
logo
MERITEK ELECTRONICS COR...
SHB MERITEK-SHB Datasheet
128Kb / 2P
   Surface Mount Aluminum Electrolytic Capacitors
logo
PREMO CORPORATION S.L
SHB-100M PREMO-SHB-100M Datasheet
167Kb / 9P
   SMD Power Inductors Shielded
SHB-101L PREMO-SHB-101L Datasheet
167Kb / 9P
   SMD Power Inductors Shielded
SHB-102K PREMO-SHB-102K Datasheet
167Kb / 9P
   SMD Power Inductors Shielded
More results

Similar Description - SHBK07

ManufacturerPart #DatasheetDescription
logo
Shanghai Leiditech Elec...
SMD4532-400 LEIDITECH-SMD4532-400 Datasheet
271Kb / 3P
   SPECIFICATION ELECTRICAL SPECIFICATION
logo
Vectron International, ...
TFS71D VECTRON-TFS71D Datasheet
37Kb / 3P
   Specification
TFS161A VECTRON-TFS161A Datasheet
39Kb / 5P
   Specification
logo
Samsung semiconductor
CL21B105KBFNNNF SAMSUNG-CL21B105KBFNNNF Datasheet
139Kb / 2P
   SPECIFICATION
CL21B473KCFNNNE SAMSUNG-CL21B473KCFNNNE Datasheet
140Kb / 2P
   SPECIFICATION
logo
List of Unclassifed Man...
ISR3SAD100 ETC2-ISR3SAD100 Datasheet
93Kb / 1P
   SPECIFICATION
logo
Samsung semiconductor
CL05A474KQ5NNNC SAMSUNG-CL05A474KQ5NNNC Datasheet
135Kb / 2P
   SPECIFICATION
CL31A226KAHNNNE SAMSUNG-CL31A226KAHNNNE Datasheet
80Kb / 2P
   SPECIFICATION
CL31B105KCHSNNE SAMSUNG-CL31B105KCHSNNE Datasheet
152Kb / 2P
   SPECIFICATION
logo
Fuji Electric
PH967C6 FUJI-PH967C6 Datasheet
136Kb / 12P
   SPECIFICATION
logo
Samsung semiconductor
CL10A226MQ8NRNE SAMSUNG-CL10A226MQ8NRNE Datasheet
140Kb / 2P
   SPECIFICATION
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com