Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

ATMEGA16M1 Datasheet(PDF) 1 Page - ATMEL Corporation

Part # ATMEGA16M1
Description  8-bit Microcontroller with 16/32/64K Bytes In-System Programmable Flash
Download  22 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  ATMEL [ATMEL Corporation]
Direct Link  http://www.atmel.com
Logo ATMEL - ATMEL Corporation

ATMEGA16M1 Datasheet(HTML) 1 Page - ATMEL Corporation

  ATMEGA16M1_09 Datasheet HTML 1Page - ATMEL Corporation ATMEGA16M1_09 Datasheet HTML 2Page - ATMEL Corporation ATMEGA16M1_09 Datasheet HTML 3Page - ATMEL Corporation ATMEGA16M1_09 Datasheet HTML 4Page - ATMEL Corporation ATMEGA16M1_09 Datasheet HTML 5Page - ATMEL Corporation ATMEGA16M1_09 Datasheet HTML 6Page - ATMEL Corporation ATMEGA16M1_09 Datasheet HTML 7Page - ATMEL Corporation ATMEGA16M1_09 Datasheet HTML 8Page - ATMEL Corporation ATMEGA16M1_09 Datasheet HTML 9Page - ATMEL Corporation Next Button
Zoom Inzoom in Zoom Outzoom out
 1 / 22 page
background image
Features
High Performance, Low Power AVR ® 8-bit Microcontroller
Advanced RISC Architecture
– 131 Powerful Instructions - Most Single Clock Cycle Execution
– 32 x 8 General Purpose Working Registers
– Fully Static Operation
– Up to 1 MIPS throughput per MHz
– On-chip 2-cycle Multiplier
Data and Non-Volatile Program Memory
– 16/32/64K Bytes Flash of In-System Programmable Program Memory
– 512B/1K/2K Bytes of In-System Programmable EEPROM
– 1/2/4K Bytes Internal SRAM
– Write/Erase Cycles: 10,000 Flash/ 100,000 EEPROM
– Data Retention: 20 years at 85°C/ 100 years at 25°C(1)
– Optional Boot Code Section with Independent Lock Bits
In-System Programming by On-chip Boot Program
True Read-While-Write Operation
– Programming Lock for Flash Program and EEPROM Data Security
On Chip Debug Interface (debugWIRE)
CAN 2.0A/B with 6 Message Objects - ISO 16845 Certified
LIN 2.1 and 1.3 Controller or 8-Bit UART
One 12-bit High Speed PSC (Power Stage Controller)
– Non Overlapping Inverted PWM Output Pins With Flexible Dead-Time
– Variable PWM duty Cycle and Frequency
– Synchronous Update of all PWM Registers
– Auto Stop Function for Emergency Event
Peripheral Features
– One 8-bit General purpose Timer/Counter with Separate Prescaler, Compare Mode
and Capture Mode
– One 16-bit General purpose Timer/Counter with Separate Prescaler, Compare
Mode and Capture Mode
– One Master/Slave SPI Serial Interface
– 10-bit ADC
Up To 11 Single Ended Channels and 3 Fully Differential ADC Channel Pairs
Programmable Gain (5x, 10x, 20x, 40x) on Differential Channels
Internal Reference Voltage
Direct Power Supply Voltage Measurement
– 10-bit DAC for Variable Voltage Reference (Comparators, ADC)
– Four Analog Comparators with Variable Threshold Detection
– 100µA ±2% Current Source (LIN Node Identification)
– Interrupt and Wake-up on Pin Change
– Programmable Watchdog Timer with Separate On-Chip Oscillator
– On-chipTemperature Sensor
Special Microcontroller Features
– Low Power Idle, Noise Reduction, and Power Down Modes
– Power On Reset and Programmable Brown Out Detection
– In-System Programmable via SPI Port
– High Precision Crystal Oscillator for CAN Operations (16 MHz)
– Internal Calibrated RC Oscillator ( 8 MHz)
– On-chip PLL for fast PWM ( 32 MHz, 64 MHz) and CPU (16 MHz)
Operating Voltage: 2.7V - 5.5V
Extended Operating Temperature:
– -40°C to +85°C
Core Speed Grade:
– 0 - 8MHz @ 2.7 - 4.5V
– 0 - 16MHz @ 4.5 - 5.5V
Note:
1. See “Data Retention” on page 9 for details.
8209BS–AVR–10/09
8-bit
Microcontroller
with 16/32/64K
Bytes In-System
Programmable
Flash
ATmega16M1
ATmega32M1
ATmega64M1
Preliminary


Similar Part No. - ATMEGA16M1_09

ManufacturerPart #DatasheetDescription
logo
ATMEL Corporation
ATMEGA16M1-15AZ ATMEL-ATMEGA16M1-15AZ Datasheet
1Mb / 27P
   8-bit Microcontroller with 16K/32K/64K Bytes In-System Programmable Flash
ATMEGA16M1-AU ATMEL-ATMEGA16M1-AU Datasheet
792Kb / 22P
   8-bit Microcontroller with 16/32/64K Bytes In-System Programmable Flash
ATMEGA16M1-MU ATMEL-ATMEGA16M1-MU Datasheet
792Kb / 22P
   8-bit Microcontroller with 16/32/64K Bytes In-System Programmable Flash
ATMEGA16M1AUTO ATMEL-ATMEGA16M1AUTO Datasheet
413Kb / 12P
   Automotive Specification at 150째C
ATMEGA16M1 ATMEL-ATMEGA16M1_1 Datasheet
6Mb / 365P
   8-bit Microcontroller with 16K/32K/64K Bytes In-System Programmable Flash
More results

Similar Description - ATMEGA16M1_09

ManufacturerPart #DatasheetDescription
logo
ATMEL Corporation
ATMEGA16M1 ATMEL-ATMEGA16M1_10 Datasheet
792Kb / 22P
   8-bit Microcontroller with 16/32/64K Bytes In-System Programmable Flash
ATMEGA164P ATMEL-ATMEGA164P_08 Datasheet
515Kb / 26P
   8-bit Microcontroller with 16/32/64K Bytes In-System Programmable Flash
ATMEGA164P ATMEL-ATMEGA164P_07 Datasheet
331Kb / 23P
   8-bit Microcontroller with 16/32/64K Bytes In-System Programmable Flash
ATMEGA164P ATMEL-ATMEGA164P_1 Datasheet
6Mb / 377P
   8-bit Microcontroller with 16/32/64K Bytes In-System Programmable Flash
ATMEGA164P_0702 ATMEL-ATMEGA164P_0702 Datasheet
3Mb / 408P
   8-bit Microcontroller with 16/32/64K Bytes In-System Programmable Flash
ATMEGA164 ATMEL-ATMEGA164 Datasheet
296Kb / 23P
   8-bit Microcontroller with 16/32/64K Bytes In-System Programmable Flash
ATMEGA165A ATMEL-ATMEGA165A Datasheet
719Kb / 33P
   8-bit Microcontroller with 16/32/64K Bytes In-System Programmable Flash
ATMEGA164P ATMEL-ATMEGA164P_09 Datasheet
543Kb / 28P
   8-bit Microcontroller with 16/32/64K Bytes In-System Programmable Flash
ATMEGA64 ATMEL-ATMEGA64_08 Datasheet
5Mb / 393P
   8-bit Microcontroller with 64K Bytes In-System Programmable Flash
ATMEGA644V ATMEL-ATMEGA644V_10 Datasheet
787Kb / 23P
   8-bit Microcontroller with 64K Bytes In-System Programmable Flash
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com