Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

BIM3G-868-128-5V Datasheet(PDF) 4 Page - Radiometrix Ltd

Part # BIM3G-868-128-5V
Description  433 / 868MHz FM Data Transceiver
Download  11 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  RADIOMETRIX [Radiometrix Ltd]
Direct Link  http://www.radiometrix.com
Logo RADIOMETRIX - Radiometrix Ltd

BIM3G-868-128-5V Datasheet(HTML) 4 Page - Radiometrix Ltd

  BIM3G-868-128-5V Datasheet HTML 1Page - Radiometrix Ltd BIM3G-868-128-5V Datasheet HTML 2Page - Radiometrix Ltd BIM3G-868-128-5V Datasheet HTML 3Page - Radiometrix Ltd BIM3G-868-128-5V Datasheet HTML 4Page - Radiometrix Ltd BIM3G-868-128-5V Datasheet HTML 5Page - Radiometrix Ltd BIM3G-868-128-5V Datasheet HTML 6Page - Radiometrix Ltd BIM3G-868-128-5V Datasheet HTML 7Page - Radiometrix Ltd BIM3G-868-128-5V Datasheet HTML 8Page - Radiometrix Ltd BIM3G-868-128-5V Datasheet HTML 9Page - Radiometrix Ltd Next Button
Zoom Inzoom in Zoom Outzoom out
 4 / 11 page
background image
Radiometrix Ltd, BIM2/3G Data Sheet
page 4
Absolute maximum ratings
Exceeding the values below may cause permanent damage to the module.
Operating temperature
-20°C to +70°C
Storage temperature
-40°C to +100°C
Vcc (pin 17)
-0.3V to +16V(Dependant on version)
TX, RX select (pins 15, 16)
-9V to +5.5V
All other pins
-0.3V to +Vcc
Antenna (pin 2)
±50V DC, +10dBm RF
Performance specifications
Figures apply to standard version @ Vcc=5.0V, temperature +20°C, unless stated.
General
pin
min.
typ.
max.
units
notes
Supply voltage
17
4.5
5.0
5.5
V
Note 9
Tx supply current
17
-
14
-
mA
Note 9
Rx supply current
17
10
11
17
mA
Note 1
RF centre frequency
-
-
-
MHz
Note 9
Antenna port impedance
2
-
50
-
Tx or Rx
TX & RX select: high (deselect)
15, 16
Vcc-0.5
Vcc
V
low (select)
15, 16
0
0.5
V
Internal select pull-ups
15,16
-
47
-
k
To Vcc (pin 17)
Balanced code bit rate
12
-
-
128
kbps
-128 version
Balanced code bit rate
12
-
-
64
kbps
-64 version
Balanced code bit rate
12
-
-
15
kbps
-15 version
Transmitter section
pin
min.
typ.
max.
units
notes
RF power output
2
-
+10
-
dBm
Note 9
TX harmonics/spurious emission
2
-
-55
-40
dBm
Initial centre frequency accuracy
-
-10
0
+10
kHz
FM deviation
-
±20
±27
±35
kHz
Peak
Modulation bandwidth
-
0
-
65
kHz
@ -3db
Modulation distortion
-
-
5
10
%
Note 2
TX spectral bandwidth @-40dBc
2
-
-
250
kHz
worst case
TXD input level:
high
14
2.8
5
V
Note 3
low
14
0
-
0.2
V
Note 3
TX power up to full RF
2
-
1
1.5
ms
Note 4
Receiver section
pin
min.
typ.
max.
units
notes
RF sensitivity, 10dB S/N
2, 13
-
-113
-
dBm
RF sensitivity, 1ppm BER
2, 12
-
-TBA
-
dBm
-128 version
RF sensitivity, 1ppm BER
2, 12
-
-102
-
dBm
-64 version
RF sensitivity, 1ppm BER
2, 12
-
-108
-
dBm
-15 version
RSSI range
2, 11
-
60
-
dB
IF bandwidth
-
-
180
-
kHz
Image rejection (fRF-21.4MHz)
2
50
54
-
dB
IF rejection (10.7MHz)
2
100
-
-
dB
Local osc. leakage, conducted
2
-
-125
-110
dBm
Baseband bandwidth @ -3dB
13
0
-
65
kHz
-128 version
Baseband bandwidth @ -3dB
13
0
-
50
kHz
-64 version
Baseband bandwidth @ -3dB
13
0
-
7.8
kHz
-15 version
AF output signal level
13
200
250
350
mV p-p
Note 5
DC offset on AF output
13
1.5
2.0
2.5
V
Note 6
Distortion on recovered AF
13
-
1
5
%
Note 7
Load capacitance, AF & RXD
12, 13
-
-
100
pF


Similar Part No. - BIM3G-868-128-5V

ManufacturerPart #DatasheetDescription
logo
Radiometrix Ltd
BIM3G-868.30-128-5V RADIOMETRIX-BIM3G-868.30-128-5V Datasheet
240Kb / 11P
   433 / 868MHz FM Data Transceiver
BIM3G-868.30-128-CD-5V RADIOMETRIX-BIM3G-868.30-128-CD-5V Datasheet
240Kb / 11P
   433 / 868MHz FM Data Transceiver
BIM3G-868.30-15-5V RADIOMETRIX-BIM3G-868.30-15-5V Datasheet
240Kb / 11P
   433 / 868MHz FM Data Transceiver
BIM3G-868.30-15-5V-DS RADIOMETRIX-BIM3G-868.30-15-5V-DS Datasheet
240Kb / 11P
   433 / 868MHz FM Data Transceiver
BIM3G-868.30-15-CD-5V-DS RADIOMETRIX-BIM3G-868.30-15-CD-5V-DS Datasheet
240Kb / 11P
   433 / 868MHz FM Data Transceiver
More results

Similar Description - BIM3G-868-128-5V

ManufacturerPart #DatasheetDescription
logo
Radiometrix Ltd
BIM2 RADIOMETRIX-BIM2_12 Datasheet
329Kb / 11P
   433 / 868MHz FM Data Transceiver
BIM2 RADIOMETRIX-BIM2_13 Datasheet
240Kb / 11P
   433 / 868MHz FM Data Transceiver
logo
Linx Technologies
HUM-868-PRO LINX-HUM-868-PRO Datasheet
3Mb / 59P
   868MHz HumPRO??Series Data Transceiver
2017
logo
RF Micro Devices
RF2905 RFMD-RF2905 Datasheet
490Kb / 22P
   433/868/915MHZ FM/FSK/ASK/OOK TRANSCEIVER
logo
Linx Technologies
HUM-868-DT LINX-HUM-868-DT Datasheet
1Mb / 37P
   868MHz HumDTTM Series Transceiver
2015
logo
Infineon Technologies A...
TDA5250D2 INFINEON-TDA5250D2_07 Datasheet
2Mb / 94P
   ASK/FSK 868MHz Wireless Transceiver
Version 1.7, 2007-02-26
logo
RF Micro Devices
RF2917 RFMD-RF2917 Datasheet
408Kb / 14P
   433/868/915MHZ FM/FSK RECEIVER
logo
LAPIS Semiconductor Co....
ML7406 LAPIS-ML7406 Datasheet
937Kb / 104P
   868MHz SRD RF transceiver IC
logo
List of Unclassifed Man...
ML7406 ETC2-ML7406 Datasheet
1,004Kb / 104P
   868MHz SRD RF transceiver IC
logo
Infineon Technologies A...
TDA5250D2 INFINEON-TDA5250D2 Datasheet
2Mb / 97P
   ASK/FSK 868MHz Wireless Transceiver
Version 1.6 July 2002
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com