Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

ATMEGA16HVB Datasheet(PDF) 2 Page - ATMEL Corporation

Part # ATMEGA16HVB
Description  8-bit Microcontroller with 16K/32K Bytes In-System Programmable Flash
Download  22 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  ATMEL [ATMEL Corporation]
Direct Link  http://www.atmel.com
Logo ATMEL - ATMEL Corporation

ATMEGA16HVB Datasheet(HTML) 2 Page - ATMEL Corporation

  ATMEGA16HVB_09 Datasheet HTML 1Page - ATMEL Corporation ATMEGA16HVB_09 Datasheet HTML 2Page - ATMEL Corporation ATMEGA16HVB_09 Datasheet HTML 3Page - ATMEL Corporation ATMEGA16HVB_09 Datasheet HTML 4Page - ATMEL Corporation ATMEGA16HVB_09 Datasheet HTML 5Page - ATMEL Corporation ATMEGA16HVB_09 Datasheet HTML 6Page - ATMEL Corporation ATMEGA16HVB_09 Datasheet HTML 7Page - ATMEL Corporation ATMEGA16HVB_09 Datasheet HTML 8Page - ATMEL Corporation ATMEGA16HVB_09 Datasheet HTML 9Page - ATMEL Corporation Next Button
Zoom Inzoom in Zoom Outzoom out
 2 / 22 page
background image
2
8042A–AVR–07/09
ATmega16HVB/32HVB
1.
Pin Configurations
1.1
TSSOP
Figure 1-1.
TSSOP - pinout ATmega16HVB/32HVB
1.2
Pin Descriptions
1.2.1
VFET
High voltage supply pin. This pin is used as supply for the internal voltage regulator, described in
”Voltage Regulator” on page 130.
1.2.2
VCC
Digital supply voltage. Normally connected to VREG.
1.2.3
VREG
Output from the internal Voltage Regulator. Used for external decoupling to ensure stable regu-
lator operation. For details, see ”Voltage Regulator” on page 130.
1
44
3
PI
PPI
NV
PV1
PV2
PV3
PV4
PVT
VCC
GND
PC5
PC4(SCL)
PC3(INT3/SDA)
PC2(INT2)
PC1(INT1)
PC0(INT0/EXTPROT)
PB7(MISO/PCINT11)
NC
PB6(MOSI/PCINT10)
PB5(SCK/PCINT9)
PB4(SS/PCINT8)
PB3(PCINT7)
2
4
5
6
7
8
9
10
11
12
13
14
15
16
17
18
19
20
21
22
43
42
41
40
39
38
37
36
35
34
33
32
31
30
29
28
27
26
25
24
23
NI
NNI
VREFGND
VREF
GND
VREG
PA0(ADC0/SGND/PCINT0)
PA1(ADC1/SGND/PCINT1)
PA2(PCINT2/T0)
PA3(PCINT3/T1)
VCLMP10
VFET
BATT
VCC
GND
OD
NC
OC
RESET/dw
PB0(PCINT4/ICP00)
PB1(PCINT5/CKOUT)
PB2(PCINT6)


Similar Part No. - ATMEGA16HVB_09

ManufacturerPart #DatasheetDescription
logo
ATMEL Corporation
ATMEGA16HVB-8X3 ATMEL-ATMEGA16HVB-8X3 Datasheet
4Mb / 273P
   8-bit Microcontroller with 16K/32K Bytes In-System Programmable Flash
ATMEGA16HVB-8X3 ATMEL-ATMEGA16HVB-8X3 Datasheet
462Kb / 21P
   8-bit Microcontroller with 16K/32K Bytes In-System Programmable Flash
ATMEGA16HVB-TBD ATMEL-ATMEGA16HVB-TBD Datasheet
389Kb / 20P
   8-bit Microcontroller with 16K/32K Bytes In-System Programmable Flash
ATMEGA16HVBPRE ATMEL-ATMEGA16HVBPRE Datasheet
6Mb / 275P
   32 x 8 General Purpose Working Registers
ATMEGA16HVB ATMEL-ATMEGA16HVB_1 Datasheet
4Mb / 273P
   8-bit Microcontroller with 16K/32K Bytes In-System Programmable Flash
More results

Similar Description - ATMEGA16HVB_09

ManufacturerPart #DatasheetDescription
logo
ATMEL Corporation
ATMEGA16HVB ATMEL-ATMEGA16HVB_10 Datasheet
462Kb / 21P
   8-bit Microcontroller with 16K/32K Bytes In-System Programmable Flash
ATMEGA16HVB ATMEL-ATMEGA16HVB Datasheet
389Kb / 20P
   8-bit Microcontroller with 16K/32K Bytes In-System Programmable Flash
ATMEGA16HVB ATMEL-ATMEGA16HVB_1 Datasheet
4Mb / 273P
   8-bit Microcontroller with 16K/32K Bytes In-System Programmable Flash
ATMEGA16M1 ATMEL-ATMEGA16M1_1 Datasheet
6Mb / 365P
   8-bit Microcontroller with 16K/32K/64K Bytes In-System Programmable Flash
ATMEGA16M1 ATMEL-ATMEGA16M1 Datasheet
1,005Kb / 25P
   8-bit Microcontroller with 16K/32K/64K Bytes In-System Programmable Flash
ATMEGA164P ATMEL-ATMEGA164P_10 Datasheet
568Kb / 28P
   8-bit Microcontroller with 16K/32K/64K Bytes In-System Programmable Flash
ATMEGA32M1-15AZ ATMEL-ATMEGA32M1-15AZ Datasheet
1Mb / 27P
   8-bit Microcontroller with 16K/32K/64K Bytes In-System Programmable Flash
ATMEGA16M1-15AZ ATMEL-ATMEGA16M1-15AZ Datasheet
1Mb / 27P
   8-bit Microcontroller with 16K/32K/64K Bytes In-System Programmable Flash
ATMEGA16A ATMEL-ATMEGA16A Datasheet
426Kb / 19P
   8-bit Microcontroller with 16K Bytes In-System Programmable Flash
ATMEGA165V_091 ATMEL-ATMEGA165V_091 Datasheet
342Kb / 19P
   8-bit Microcontroller with 16K Bytes In-System Programmable Flash
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com