Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

ATmega32U4 Datasheet(PDF) 2 Page - ATMEL Corporation

Part # ATmega32U4
Description  8-bit Microcontroller with 16/32K Bytes of ISP Flash and USB Controller
Download  22 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  ATMEL [ATMEL Corporation]
Direct Link  http://www.atmel.com
Logo ATMEL - ATMEL Corporation

ATmega32U4 Datasheet(HTML) 2 Page - ATMEL Corporation

  ATmega32U4 Datasheet HTML 1Page - ATMEL Corporation ATmega32U4 Datasheet HTML 2Page - ATMEL Corporation ATmega32U4 Datasheet HTML 3Page - ATMEL Corporation ATmega32U4 Datasheet HTML 4Page - ATMEL Corporation ATmega32U4 Datasheet HTML 5Page - ATMEL Corporation ATmega32U4 Datasheet HTML 6Page - ATMEL Corporation ATmega32U4 Datasheet HTML 7Page - ATMEL Corporation ATmega32U4 Datasheet HTML 8Page - ATMEL Corporation ATmega32U4 Datasheet HTML 9Page - ATMEL Corporation Next Button
Zoom Inzoom in Zoom Outzoom out
 2 / 22 page
background image
2
7766DS–AVR–01/09
ATmega16U4/ATmega32U4
– Byte Oriented 2-wire Serial Interface
– Programmable Watchdog Timer with Separate On-chip Oscillator
– On-chip Analog Comparator
– Interrupt and Wake-up on Pin Change (8xPCINT + 5xINT sources)
– On-chip Temperature Sensor (see A/D Converter section)
Special Microcontroller Features
– Power-on Reset and Programmable Brown-out Detection
– Internal 8 MHz Calibrated Oscillator
– Internal clock prescaler & On-the-fly Clock Switching (Int RC / Ext Osc)
– External and Internal Interrupt Sources
– Six Sleep Modes: Idle, ADC Noise Reduction, Power-save, Power-down, Standby, and Extended Standby
I/O and Packages
– All I/O combine CMOS outputs and LVTTL inputs
– 26 Programmable I/O Lines
– 44-lead TQFP Package, 10x10mm
– 44-lead QFN Package, 7x7mm
Operating Voltages
– 2.7 - 5.5V
Operating temperature
– Industrial (-40°C to +85°C)
Maximum Frequency
– 8 MHz at 2.7V - Industrial range
– 16 MHz at 4.5V - Industrial range
Note:
1. See “Data Retention” on page 8 for details.


Similar Part No. - ATmega32U4

ManufacturerPart #DatasheetDescription
logo
ATMEL Corporation
ATMEGA32U4 ATMEL-ATMEGA32U4 Datasheet
598Kb / 23P
   8-bit Microcontroller with 16/32K Bytes of ISP Flash and USB Controller
ATMEGA32U4 ATMEL-ATMEGA32U4 Datasheet
194Kb / 28P
   USB DFU Bootloader
ATmega32U4 ATMEL-ATmega32U4 Datasheet
6Mb / 408P
   8-bit Microcontroller with 16/32K Bytes of ISP Flash and USB Controller
ATMEGA32U4 ATMEL-ATMEGA32U4 Datasheet
733Kb / 26P
   8-bit Microcontroller with 16/32K Bytes of ISP Flash and USB Controller
ATMEGA32U4 ATMEL-ATMEGA32U4 Datasheet
694Kb / 26P
   High Performance, Low Power AVR 8-Bit Microcontroller Advanced RISC Architecture
More results

Similar Description - ATmega32U4

ManufacturerPart #DatasheetDescription
logo
ATMEL Corporation
ATMEGA16U4 ATMEL-ATMEGA16U4 Datasheet
598Kb / 23P
   8-bit Microcontroller with 16/32K Bytes of ISP Flash and USB Controller
ATMEGA16U4 ATMEL-ATMEGA16U4_1 Datasheet
6Mb / 408P
   8-bit Microcontroller with 16/32K Bytes of ISP Flash and USB Controller
ATMEGA16U4 ATMEL-ATMEGA16U4_10 Datasheet
733Kb / 26P
   8-bit Microcontroller with 16/32K Bytes of ISP Flash and USB Controller
ATMEGA16U4 ATMEL-ATMEGA16U4_08 Datasheet
633Kb / 21P
   8-bit Microcontroller with 16/32K Bytes of ISP Flash and USB Controller
ATMEGA16U4 ATMEL-ATMEGA16U4_V01 Datasheet
518Kb / 27P
   8-bit Microcontroller with 16/32K bytes of ISP Flash and USB Controller
09/2014
ATMEGA8U2 ATMEL-ATMEGA8U2_1 Datasheet
353Kb / 21P
   8-bit Microcontroller with 8/16/32K Bytes of ISP Flash and USB Controller
ATMEGA8U2 ATMEL-ATMEGA8U2 Datasheet
5Mb / 314P
   8-bit Microcontroller with 8/16/32K Bytes of ISP Flash and USB Controller
ATMEGA8U2 ATMEL-ATMEGA8U2_12 Datasheet
325Kb / 22P
   Microcontroller with 8/16/32K Bytes of ISP Flash and USB Controller
ATMEGA16U4 ATMEL-ATMEGA16U4_14 Datasheet
852Kb / 26P
   8-bit Microcontroller with 16/32 Bytes of ISP Flash and USB Controller
ATMEGA32U4 ATMEL-ATMEGA32U4_14 Datasheet
7Mb / 28P
   8-bit Microcontroller with 16/32 Bytes of ISP Flash and USB Controller
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com