Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

AT91CAP9S500A Datasheet(PDF) 2 Page - ATMEL Corporation

Part # AT91CAP9S500A
Description  Customizable Microcontroller Processor
Download  60 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  ATMEL [ATMEL Corporation]
Direct Link  http://www.atmel.com
Logo ATMEL - ATMEL Corporation

AT91CAP9S500A Datasheet(HTML) 2 Page - ATMEL Corporation

  AT91CAP9S500A_09 Datasheet HTML 1Page - ATMEL Corporation AT91CAP9S500A_09 Datasheet HTML 2Page - ATMEL Corporation AT91CAP9S500A_09 Datasheet HTML 3Page - ATMEL Corporation AT91CAP9S500A_09 Datasheet HTML 4Page - ATMEL Corporation AT91CAP9S500A_09 Datasheet HTML 5Page - ATMEL Corporation AT91CAP9S500A_09 Datasheet HTML 6Page - ATMEL Corporation AT91CAP9S500A_09 Datasheet HTML 7Page - ATMEL Corporation AT91CAP9S500A_09 Datasheet HTML 8Page - ATMEL Corporation AT91CAP9S500A_09 Datasheet HTML 9Page - ATMEL Corporation Next Button
Zoom Inzoom in Zoom Outzoom out
 2 / 60 page
background image
2
6264CS–CAP–24-Mar-09
AT91CAP9S500/AT91CAP9S250A
– Four 32-bit Battery Backup Registers for a Total of 16 Bytes
– Clock Generator and Power Management Controller
– Advanced Interrupt Controller and Debug Unit
– Periodic Interval Timer, Watchdog Timer and Real-Time Timer
Reset Controller (RSTC)
– Based on Two Power-on Reset Cells, Reset Source Identification and Reset Output Control
Shutdown Controller (SHDC)
– Programmable Shutdown Pin Control and Wake-up Circuitry
Clock Generator (CKGR)
– Selectable 32768 Hz Low-power Oscillator or Internal Low-power RC Oscillator on Battery Backup Power Supply,
Providing a Permanent Slow Clock
– 8 to 16 MHz On-chip Oscillator
– Two PLLs up to 240 MHz
– One USB 480 MHz PLL
Power Management Controller (PMC)
– Very Slow Clock Operating Mode, Software Programmable Power Optimization Capabilities
– Four Programmable External Clock Signals
Advanced Interrupt Controller (AIC)
– Individually Maskable, Eight-level Priority, Vectored Interrupt Sources
– Two External Interrupt Sources and One Fast Interrupt Source, Spurious Interrupt Protected
Debug Unit (DBGU)
– 2-wire UART and Support for Debug Communication Channel, Programmable ICE Access Prevention
Periodic Interval Timer (PIT)
– 20-bit Interval Timer plus 12-bit Interval Counter
Watchdog Timer (WDT)
– Key-protected, Programmable Only Once, Windowed 16-bit Counter Running at Slow Clock
Real-Time Timer (RTT)
– 32-bit Free-running Backup Counter Running at Slow Clock with 16-bit Prescaler
Four 32-bit Parallel Input/Output Controllers (PIOA, PIOB, PIOC and PIOD)
– 128 Programmable I/O Lines Multiplexed with up to Two Peripheral I/Os
– Input Change Interrupt Capability on Each I/O Line
– Individually Programmable Open-drain, Pull-up Resistor and Synchronous Output
DMA Controller (DMAC)
– Acts as one Bus Matrix Master
– Embeds 4 Unidirectional Channels with Programmable Priority, Address Generation, Channel Buffering and Control
– Supports Four External DMA Requests and Four Internal DMA Requests from the Metal Programmable Block (MPBlock)
Twenty-two Peripheral DMA Controller Channels (PDC)
One 2.0A and 2.0B Compliant CAN Controller
– 16 Fully-programmable Message Object Mailboxes, 16-bit Time Stamp Counter
Two Multimedia Card Interfaces (MCI)
– SDCard/SDIO and MultiMediaCard 3.31 Compliant
– Supports SDHC Devices
– Automatic Protocol Control and Fast Automatic Data Transfers with PDC
Two Synchronous Serial Controllers (SSC)
– Independent Clock and Frame Sync Signals for Each Receiver and Transmitter
– I²S Analog Interface Support, Time Division Multiplex Support
– High-speed Continuous Data Stream Capabilities with 32-bit Data Transfer
One AC97 Controller (AC97C)
– 6-channel Single AC97 Analog Front End Interface, Slot Assigner


Similar Part No. - AT91CAP9S500A_09

ManufacturerPart #DatasheetDescription
logo
ATMEL Corporation
AT91CAP9S500A_0711 ATMEL-AT91CAP9S500A_0711 Datasheet
1Mb / 58P
   Customizable Microcontroller Processor
More results

Similar Description - AT91CAP9S500A_09

ManufacturerPart #DatasheetDescription
logo
ATMEL Corporation
AT91CAP9S500A ATMEL-AT91CAP9S500A_1 Datasheet
17Mb / 1137P
   Customizable Microcontroller Processor
AT91CAP9S500A ATMEL-AT91CAP9S500A Datasheet
888Kb / 52P
   Customizable Microcontroller Processor
AT91CAP9SC500A ATMEL-AT91CAP9SC500A Datasheet
1Mb / 60P
   Customizable Microcontroller Processor
AT91CAP9S500A_0711 ATMEL-AT91CAP9S500A_0711 Datasheet
1Mb / 58P
   Customizable Microcontroller Processor
AT91CAP7S450A ATMEL-AT91CAP7S450A_09 Datasheet
1Mb / 47P
   Customizable Microcontroller
AT91CAP7E ATMEL-AT91CAP7E Datasheet
10Mb / 520P
   Customizable Microcontroller
AT91CAP7L200A ATMEL-AT91CAP7L200A Datasheet
1Mb / 47P
   Customizable Microcontroller
AT91CAP7S450A ATMEL-AT91CAP7S450A Datasheet
1Mb / 51P
   Customizable Microcontroller
AT91CAP7S450A ATMEL-AT91CAP7S450A_1 Datasheet
10Mb / 517P
   Customizable Microcontroller
logo
STMicroelectronics
STEVAL-ISA028V1 STMICROELECTRONICS-STEVAL-ISA028V1 Datasheet
125Kb / 4P
   Customizable output voltage
December 2007 Rev 2
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com